Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

LM25118 Arkusz danych(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Numer części LM25118
Szczegółowy opis  LM25118, LM25118-Q1 Wide Voltage Range Buck-Boost Controller
Download  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI - Texas Instruments

LM25118 Arkusz danych(HTML) 9 Page - Texas Instruments

Back Button LM25118 Datasheet HTML 5Page - Texas Instruments LM25118 Datasheet HTML 6Page - Texas Instruments LM25118 Datasheet HTML 7Page - Texas Instruments LM25118 Datasheet HTML 8Page - Texas Instruments LM25118 Datasheet HTML 9Page - Texas Instruments LM25118 Datasheet HTML 10Page - Texas Instruments LM25118 Datasheet HTML 11Page - Texas Instruments LM25118 Datasheet HTML 12Page - Texas Instruments LM25118 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 43 page
background image
LM25118, LM25118-Q1
www.ti.com
SNVS726D – JULY 2011 – REVISED AUGUST 2014
Electrical Characteristics
(1) (continued)
Unless otherwise specified, the following conditions apply: VIN = 24 V, VCCX = 0 V, EN = 5 V, RT = 29.11 k
Ω, no load on LO
and HO.
(1)
–40°C to +125°C
TJ = 25°C
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
MIN
TYP
MAX
UNIT
HIGH SIDE (HO) GATE DRIVER
VOLH
HO Low-state Output Voltage
IHO = 100 mA
0.1
0.21
0.135
V
IHO = –100 mA,
VOHH
HO High-state Output Voltage
0.25
V
VOHH = VHB-VOH
HO Rise Time
C-load = 1 nF, VCC = 8 V
14
ns
HO Fall Time
C-load = 1 nF, VCC = 8 V
12
ns
IOHH
Peak HO Source Current
VHO = 0 V, VCC = 8 V
2.2
A
IOLH
Peak HO Sink Current
VHO = VCC = 8 V
3.5
A
HB-HS Under Voltage Lock-out
3
V
BUCK-BOOST CHARACTERISTICS(2)
Buck-Boost Mode
Buck Duty Cycle
69
80
75
%
THERMAL
Thermal Shutdown Junction
TSD
165
°C
Temperature
ΔTSD
Thermal Shutdown Hysterisis
25
°C
(2)
When the duty cycle exceeds 75%, the LM25118 controller gradually phases into the Buck-Boost mode.
Copyright © 2011–2014, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Links: LM25118 LM25118-Q1


Podobny numer części - LM25118

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
LM25118 TI1-LM25118 Datasheet
453Kb / 28P
[Old version datasheet]   LM25118/LM25118Q Wide Voltage Range Buck-Boost Controller
LM25118MH TI1-LM25118MH Datasheet
453Kb / 28P
[Old version datasheet]   LM25118/LM25118Q Wide Voltage Range Buck-Boost Controller
LM25118MHX TI1-LM25118MHX Datasheet
453Kb / 28P
[Old version datasheet]   LM25118/LM25118Q Wide Voltage Range Buck-Boost Controller
LM25118Q1MH TI1-LM25118Q1MH Datasheet
453Kb / 28P
[Old version datasheet]   LM25118/LM25118Q Wide Voltage Range Buck-Boost Controller
LM25118Q1MHX TI1-LM25118Q1MHX Datasheet
453Kb / 28P
[Old version datasheet]   LM25118/LM25118Q Wide Voltage Range Buck-Boost Controller
More results

Podobny opis - LM25118

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
LM25118 TI1-LM25118 Datasheet
453Kb / 28P
[Old version datasheet]   LM25118/LM25118Q Wide Voltage Range Buck-Boost Controller
LM5118 TI-LM5118_15 Datasheet
1Mb / 44P
[Old version datasheet]   Wide Voltage Range Buck-Boost Controller
logo
National Semiconductor ...
LM5118_0805 NSC-LM5118_0805 Datasheet
499Kb / 26P
   Wide Voltage Range Buck-Boost Controller
logo
Texas Instruments
LM5118Q1MH TI-LM5118Q1MH Datasheet
1Mb / 37P
[Old version datasheet]   Wide Voltage Range Buck-Boost Controller
LM5118 TI1-LM5118_14 Datasheet
1Mb / 37P
[Old version datasheet]   Wide Voltage Range Buck-Boost Controller
logo
National Semiconductor ...
LM5118 NSC-LM5118 Datasheet
499Kb / 26P
   Wide Voltage Range Buck-Boost Controller
logo
Texas Instruments
LM5118Q1MHX-NOPB TI1-LM5118Q1MHX-NOPB Datasheet
1Mb / 37P
[Old version datasheet]   Wide Voltage Range Buck-Boost Controller
LM5141-Q1 TI-LM5141-Q1_V01 Datasheet
2Mb / 49P
[Old version datasheet]   LM5141-Q1 Wide Input Range Synchronous Buck Controller
LM5088QMH-1 TI-LM5088QMH-1 Datasheet
1Mb / 36P
[Old version datasheet]   LM5088, LM5088-Q1 Wide Input Range Non-Synchronous Buck Controller
LM25088 TI-LM25088_15 Datasheet
1Mb / 39P
[Old version datasheet]   LM25088, LM25088-Q1 Wide Input Range Non-Synchronous Buck Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com