Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SM3470BB Arkusz danych(PDF) 3 Page - Nippon Precision Circuits Inc

Numer części SM3470BB
Szczegółowy opis  Interpolation Encoder IC
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  NPC [Nippon Precision Circuits Inc]
Strona internetowa  http://www.npc.co.jp/en
Logo NPC - Nippon Precision Circuits Inc

SM3470BB Arkusz danych(HTML) 3 Page - Nippon Precision Circuits Inc

  SM3470BB Datasheet HTML 1Page - Nippon Precision Circuits Inc SM3470BB Datasheet HTML 2Page - Nippon Precision Circuits Inc SM3470BB Datasheet HTML 3Page - Nippon Precision Circuits Inc SM3470BB Datasheet HTML 4Page - Nippon Precision Circuits Inc SM3470BB Datasheet HTML 5Page - Nippon Precision Circuits Inc SM3470BB Datasheet HTML 6Page - Nippon Precision Circuits Inc SM3470BB Datasheet HTML 7Page - Nippon Precision Circuits Inc SM3470BB Datasheet HTML 8Page - Nippon Precision Circuits Inc SM3470BB Datasheet HTML 9Page - Nippon Precision Circuits Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 19 page
background image
SM3470BB
SEIKO NPC CORPORATION - 3
BLOCK DIAGRAM
SPECIFICATIONS
Absolute Maximum Ratings
VSS=0V
Parameter
Symbol
Condition
Rating
Unit
Supply voltage 1*1
VDD
VDD pin
–0.3 to +6.5
V
Supply voltage 2*1
VPP
VPPpin
VDD to +20.0
V
Input voltage*1,*3
VIN
Input pins*5
–0.3 to VDD+0.3
V
Output voltage*1,*3
VOUT
Output pins*6
–0.3 to VDD+0.3
V
Junction temperature*2
Tj
+150
°C
Power dissipation*1
PD
Ta=25°C
*7
1570
mW
Storage temperature*4
Tstg1
–40 to +125
°C
EEPROM data retention temperature
Tstg2
+125
°C
EEPROM rewrite cycles
NW
10
cycles
*1. Parameters must not exceed ratings, not even momentarily. If a rating is exceeded, there is a risk of IC failure,
deterioration in characteristics, and decrease in reliability.
*2. Parameters should not exceed ratings. If a rating is exceeded, there is a risk of deterioration in characteristics and decrease in reliability.
*3. VDD value is the recommended operating voltage rating.
*4. Stored separately without packing material in Nitrogen or vacuum atmosphere.
*5. CE, CLK, DATA,A,AN, B, BN, Z, and ZN terminals.
*6. DATA, DA, DB, DZ, IO1, IO2, and IO3 terminals.
*7. 114.3×76.2×1.6mm, 150% wiring ratio, FR-4 4-layer board (with thermal pad connections).
Dissipation will vary due to differences in board specifications and footprint pattern.


Podobny numer części - SM3470BB

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Nippon Precision Circui...
SM3471AB NPC-SM3471AB Datasheet
330Kb / 9P
   Input frequency - 300kHz - max
SM3473A NPC-SM3473A Datasheet
411Kb / 10P
   Interpolation IC for MR Sensors
More results

Podobny opis - SM3470BB

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Nippon Precision Circui...
SM3473A NPC-SM3473A Datasheet
411Kb / 10P
   Interpolation IC for MR Sensors
logo
IC-Haus GmbH
IC-TW2 ICHAUS-IC-TW2_13 Datasheet
569Kb / 28P
   8-BIT SIN/COS INTERPOLATION IC
logo
Princeton Technology Co...
PT2240B PTC-PT2240B_09 Datasheet
279Kb / 8P
   Encoder IC
PT4203 PTC-PT4203 Datasheet
495Kb / 4P
   Encoder IC
PT2240B PTC-PT2240B Datasheet
73Kb / 3P
   Encoder IC
logo
IC-Haus GmbH
IC-MQ ICHAUS-IC-MQ_15 Datasheet
1Mb / 43P
   Sin/Cos INTERPOLATION IC WITH RS422 DRIVER
IC-MQF ICHAUS-IC-MQF_15 Datasheet
836Kb / 38P
   Sin/Cos INTERPOLATION IC WITH RS422 DRIVER
logo
Princeton Technology Co...
PT2240 PTC-PT2240 Datasheet
47Kb / 4P
   Programmable Encoder IC
logo
List of Unclassifed Man...
EDE1144 ETC-EDE1144 Datasheet
63Kb / 7P
   Keypad Encoder IC
logo
Princeton Technology Co...
PT2241 PTC-PT2241_06 Datasheet
357Kb / 22P
   Programmable Encoder IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com