Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TL1451ACDBLE Arkusz danych(PDF) 8 Page - Texas Instruments

Numer części TL1451ACDBLE
Szczegółowy opis  DUAL PULSE-WIDTH-MODULATION CONTROL CIRCUITS
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI - Texas Instruments

TL1451ACDBLE Arkusz danych(HTML) 8 Page - Texas Instruments

Back Button TL1451ACDBLE Datasheet HTML 4Page - Texas Instruments TL1451ACDBLE Datasheet HTML 5Page - Texas Instruments TL1451ACDBLE Datasheet HTML 6Page - Texas Instruments TL1451ACDBLE Datasheet HTML 7Page - Texas Instruments TL1451ACDBLE Datasheet HTML 8Page - Texas Instruments TL1451ACDBLE Datasheet HTML 9Page - Texas Instruments TL1451ACDBLE Datasheet HTML 10Page - Texas Instruments TL1451ACDBLE Datasheet HTML 11Page - Texas Instruments TL1451ACDBLE Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 36 page
background image
TL1451A
DUAL PULSEWIDTHMODULATION CONTROL CIRCUITS
SLVS024E – FEBRUARY 1983 – REVISED NOVEMBER 1999
8
www.ti.com
error-amplifier section
PARAMETER
TEST CONDITIONS
TL1451AQ, TL1451AM
UNIT
PARAMETER
TEST CONDITIONS
MIN
TYP†
MAX
UNIT
TA = 25°C
±6
Input offset voltage
VO (FEEDBACK) = 1.25 V
TA = 125°C
±10
mV
In ut offset voltage
VO (FEEDBACK) 1.25 V
TA = MIN
±12
mV
TA = 25°C
±100
Input offset current
VO (FEEDBACK) = 1.25 V
TA = 125°C
±100
nA
In ut offset current
VO (FEEDBACK) 1.25 V
TA = MIN
±200
nA
TA = 25°C
160
500
Input bias current
VO (FEEDBACK) = 1.25 V
TA = 125°C
100
500
nA
In ut bias current
VO (FEEDBACK) 1.25 V
TA = MIN
142
700
nA
1.05
Common-mode input voltage range
VCC = 3.6 V to 40 V
1.05
to
V
Common mode in ut voltage range
VCC = 3.6 V to 40 V
to
1.45
V
TA = 25°C
70
80
Open-loop voltage amplification
RF = 200 kΩ
TA = 125°C
70
80
dB
O en loo voltage am lification
RF 200 kΩ
TA = MIN
64
80
dB
Unity-gain bandwidth
1.5
MHz
Common-mode rejection ratio
60
80
dB
Positive output voltage swing
2
V
Negative output voltage swing
1
V
TA = 25°C
0.5
1.6
Output (sink) current (FEEDBACK)
VID = –0.1 V, VO = 1.25 V
TA = 125°C
0.4
1.8
mA
Out ut (sink) current (FEEDBACK)
VID
0.1 V, VO 1.25 V
TA = MIN
0.3
1.7
mA
TA = 25°C
–45
–70
Output (source) current (FEEDBACK)
VID = 0.1 V, VO = 1.25 V
TA = 125°C
–25
–50
µA
()
(
)
ID
,
O
TA = MIN
–15
–70
µ
† All typical values are at TA = 25°C unless otherwise indicated.
output section
PARAMETER
TEST CONDITIONS
TL1451AQ, TL1451AM
UNIT
PARAMETER
TEST CONDITIONS
MIN
TYP†
MAX
UNIT
Collector off-state current
VO = 50 V
10
µA
TA = 25°C
1.20
2.0
Output saturation voltage
TA = 125°C
1.60
2.4
V
Out ut saturation voltage
TA = MIN
1.36
2.2
V
Short-circuit output current
VO = 6 V
90
mA
† All typical values are at TA = 25°C unless otherwise indicated.
pwm comparator section
PARAMETER
TEST CONDITIONS
TL1451AQ, TL1451AM
UNIT
PARAMETER
TEST CONDITIONS
MIN
TYP†
MAX
UNIT
Input threshold voltage at f
10 kHz (FEEDBACK)
Zero duty cycle
2.05
*2.25
V
Input threshold voltage at f = 10 kHz (FEEDBACK)
Maximum duty cycle
*1.20
1.45
V
*These parameters are not production tested.
† All typical values are at TA = 25°C unless otherwise indicated.


Podobny numer części - TL1451ACDBLE

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
TL1451ACDBLE TI-TL1451ACDBLE Datasheet
1Mb / 37P
[Old version datasheet]   SUAL PULSE-WIDTH-MODULATION CONTROL CIRCUITS
More results

Podobny opis - TL1451ACDBLE

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Unisonic Technologies
TL1451 UTC-TL1451_05 Datasheet
254Kb / 14P
   DUAL PULSE-WIDTH-MODULATION CONTROL CIRCUITS
logo
Texas Instruments
TL1451A TI-TL1451A Datasheet
425Kb / 29P
[Old version datasheet]   DUAL PULSE-WIDTH-MODULATION CONTROL CIRCUITS
TL1451A-Q1 TI1-TL1451A-Q1 Datasheet
392Kb / 24P
[Old version datasheet]   DUAL PULSE-WIDTH-MODULATION CONTROL CIRCUITS
TL1451A-EP TI-TL1451A-EP_15 Datasheet
574Kb / 26P
[Old version datasheet]   DUAL PULSE-WIDTH-MODULATION CONTROL CIRCUITS
logo
Unisonic Technologies
TL1451 UTC-TL1451_15 Datasheet
404Kb / 14P
   DUAL PULSE-WIDTH-MODULATION CONTROL CIRCUITS
logo
Texas Instruments
TL1451AC TI1-TL1451AC Datasheet
494Kb / 21P
[Old version datasheet]   DUAL PULSE-WIDTH-MODULATION CONTROL CIRCUITS
logo
Unisonic Technologies
UTCTL1451 UTC-UTCTL1451 Datasheet
127Kb / 5P
   DUAL PULSE-WIDTH-MODULATION CONTROL CIRCUITS
logo
Texas Instruments
TL1451A-Q1 TI-TL1451A-Q1_15 Datasheet
893Kb / 26P
[Old version datasheet]   DUAL PULSE-WIDTH-MODULATION CONTROL CIRCUITS
logo
Unisonic Technologies
TL1451 UTC-TL1451_08 Datasheet
305Kb / 14P
   DUAL PULSE-WIDTH-MODULATION CONTROL CIRCUITS
logo
Texas Instruments
TL1451A-EP TI1-TL1451A-EP Datasheet
673Kb / 25P
[Old version datasheet]   DUAL PULSE-WIDTH-MODULATION CONTROL CIRCUITS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com