Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

6N65L-TF2-T Arkusz danych(PDF) 3 Page - Unisonic Technologies

Numer części 6N65L-TF2-T
Szczegółowy opis  N-CHANNEL POWER MOSFET
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  UTC [Unisonic Technologies]
Strona internetowa  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

6N65L-TF2-T Arkusz danych(HTML) 3 Page - Unisonic Technologies

  6N65L-TF2-T Datasheet HTML 1Page - Unisonic Technologies 6N65L-TF2-T Datasheet HTML 2Page - Unisonic Technologies 6N65L-TF2-T Datasheet HTML 3Page - Unisonic Technologies 6N65L-TF2-T Datasheet HTML 4Page - Unisonic Technologies 6N65L-TF2-T Datasheet HTML 5Page - Unisonic Technologies 6N65L-TF2-T Datasheet HTML 6Page - Unisonic Technologies 6N65L-TF2-T Datasheet HTML 7Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
6N65
Power MOSFET
UNISONICTECHNOLOGIESCO.,LTD
3 of 7
www.unisonic.com.tw
QW-R502-589. H
ABSOLUTE MAXIMUM RATINGS (TC = 25°C, unless otherwise specified)
PARAMETER
SYMBOL
RATINGS
UNIT
Drain-Source Voltage
VDSS
650
V
Gate-Source Voltage
VGSS
±30
V
Avalanche Current (Note 2)
IAR
6.2
A
Continuous Drain Current
ID
6.2
A
Pulsed Drain Current (Note 2)
IDM
24.8
A
Avalanche Energy
Single Pulsed (Note 3)
EAS
440
mJ
Peak Diode Recovery dv/dt (Note 4)
dv/dt
4.5
ns
Power Dissipation
TO-220
PD
125
W
TO-220F/TO-220F1
TO-220F3
40
W
TO-220F2
42
W
TO-251/TO-251S
TO-252
55
W
Junction Temperature
TJ
+150
°C
Operating Temperature
TOPR
-55 ~ +150
°C
Storage Temperature
TSTG
-55 ~ +150
°C
Notes: 1. Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
2. Repetitive Rating : Pulse width limited by TJ
3. L = 24mH, IAS = 6A, VDD = 90V, RG = 25 Ω, Starting TJ = 25°C
4. ISD ≤ 6.2A, di/dt ≤200A/μs, VDD ≤ BVDSS, Starting TJ = 25°C
THERMAL DATA
PARAMETER
SYMBOL
RATING
UNIT
Junction to Ambient
TO-220/TO-220F
TO-220F1/TO-220F2
TO-220F3
θJA
62.5
°C/W
TO-251/TO-251S
TO-252
110
Junction to Case
TO-220
θJC
1.0
°C/W
TO-220F/TO-220F1
TO-220F3
3.2
TO-220F2
2.97
TO-251/TO-251S
TO-252
2.27


Podobny numer części - 6N65L-TF2-T

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Unisonic Technologies
6N65L-TF1-T UTC-6N65L-TF1-T Datasheet
252Kb / 6P
   6.2A, 650V N-CHANNEL POWER MOSFET
6N65L-TF1-T UTC-6N65L-TF1-T Datasheet
280Kb / 7P
   N-CHANNEL POWER MOSFET
logo
VBsemi Electronics Co.,...
6N65L-TF1-T VBSEMI-6N65L-TF1-T Datasheet
1Mb / 11P
   N-Channel 650V (D-S) Power MOSFET
logo
Unisonic Technologies
6N65L-TF3-T UTC-6N65L-TF3-T Datasheet
252Kb / 6P
   6.2A, 650V N-CHANNEL POWER MOSFET
6N65L-TF3-T UTC-6N65L-TF3-T Datasheet
200Kb / 6P
   N-CHANNEL POWER MOSFET
More results

Podobny opis - 6N65L-TF2-T

ProducentNumer częściArkusz danychSzczegółowy opis
logo
AiT Semiconductor Inc.
BSS123L AITSEMI-BSS123L Datasheet
486Kb / 5P
   MOSFET N-CHANNEL POWER MOSFET
REV1.0
logo
Fairchild Semiconductor
SSF7N90A FAIRCHILD-SSF7N90A Datasheet
249Kb / 8P
   N-CHANNEL POWER MOSFET
FQH90N15 FAIRCHILD-FQH90N15_06 Datasheet
1Mb / 10P
   N-Channel Power MOSFET
SSH8N80A FAIRCHILD-SSH8N80A Datasheet
249Kb / 8P
   N-CHANNEL POWER MOSFET
logo
Seme LAB
IRF450 SEME-LAB-IRF450 Datasheet
19Kb / 2P
   N-CHANNEL POWER MOSFET
IRFM450 SEME-LAB-IRFM450 Datasheet
15Kb / 2P
   N-CHANNEL POWER MOSFET
IRFN240SMD SEME-LAB-IRFN240SMD Datasheet
23Kb / 2P
   N-CHANNEL POWER MOSFET
IRF044 SEME-LAB-IRF044 Datasheet
21Kb / 2P
   N-CHANNEL POWER MOSFET
IRF140 SEME-LAB-IRF140 Datasheet
22Kb / 2P
   N-CHANNEL POWER MOSFET
2N7081220MISO SEME-LAB-2N7081220MISO Datasheet
14Kb / 2P
   N-CHANNEL POWER MOSFET
logo
Fairchild Semiconductor
SSH10N90A FAIRCHILD-SSH10N90A Datasheet
250Kb / 8P
   N-CHANNEL POWER MOSFET
More results


Html Pages

1 2 3 4 5 6 7


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com