Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

E0305XT-1WAR2 Arkusz danych(PDF) 2 Page - MORNSUN Science& Technology Ltd.

Numer części E0305XT-1WAR2
Szczegółowy opis  DC/DC Converter
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  MORNSUN [MORNSUN Science& Technology Ltd.]
Strona internetowa  http://www.mornsun-power.com
Logo MORNSUN - MORNSUN Science& Technology Ltd.

E0305XT-1WAR2 Arkusz danych(HTML) 2 Page - MORNSUN Science& Technology Ltd.

  E0305XT-1WAR2 Datasheet HTML 1Page - MORNSUN Science& Technology Ltd. E0305XT-1WAR2 Datasheet HTML 2Page - MORNSUN Science& Technology Ltd. E0305XT-1WAR2 Datasheet HTML 3Page - MORNSUN Science& Technology Ltd. E0305XT-1WAR2 Datasheet HTML 4Page - MORNSUN Science& Technology Ltd. E0305XT-1WAR2 Datasheet HTML 5Page - MORNSUN Science& Technology Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
DC/DC Converter
E_XT-1WAR2 Series
2015.04.14-A/2
Page 2 of 5
MORNSUN Guangzhou Science & Technology Co., Ltd. reserves the copyright and right of final interpretation
Surge Voltage (1sec. max.)
3.3V input
-0.7
--
5
VDC
5V input
-0.7
--
9
12V input
-0.7
--
18
15V input
-0.7
--
21
24V input
-0.7
--
30
Input Filter
Filter capacitor
Hot Plug
Unavailable
Output Specifications
Item
Operating Conditions
Min.
Typ.
Max.
Unit
Output Voltage Accuracy
See tolerance envelope curve(Fig. 1)
Line Regulation
Input voltage change: ±1%
--
--
±1.2
--
Load Regulation
10%-100% load
5VDC output
--
12
--
%
9VDC output
--
9
--
12VDC output
--
8
--
15VDC output
--
7
--
24VDC output
--
6
--
Ripple & Noise*
20MHz bandwidth
--
60
150
mVp-p
Temperature Coefficient
Full load
--
--
±0.03
%/℃
Short Circuit Protection**
E24xxXT-1WAR2/E0524XT-1WAR2
--
--
1
s
Others
Continuous, self-recovery
Note: * Ripple and noise are measured by “parallel cable” method, please see DC-DC Converter Application Notes for specific operation;
**Supply voltage must be discontinued at the end of short circuit duration for E0524XT-1WAR2 model and E24xxXT-1WAR2 series.
General Specifications
Item
Operating Conditions
Min.
Typ.
Max.
Unit
Isolation Voltage
Input-output, with the test time of 1minute and the leak current
lower than 1mA
3000
--
--
VDC
Isolation Resistance
Input-output, isolation voltage 500VDC
1000
--
--
MΩ
Isolation Capacitance
Input-output, 100KHz/0.1V
--
20
--
pF
Operating Temperature
Derating when operating temperature up to100℃, (see Fig. 2)
-40
--
105
Storage Temperature
-55
--
125
Casing Temperature Rise
Ta=25℃, nominal input, full load output
--
25
--
Pin Welding Resistance
Temperature
Welding spot is 1.5mm away from the casing, 10 seconds
--
--
300
Storage Humidity
Non-condensing
--
--
95
%RH
Reflow Soldering Temperature
Peak temp.≤245℃,maximum duration
time≤60s at 217℃.
For actual application, please refer to
IPC/JEDEC J-STD-020D.1.
Switching Frequency
Full load, nominal input voltage
--
100
--
KHz
MTBF
MIL-HDFK-217F@25℃
3500
--
--
K hours
Physical Specifications
Casing Material
Black flame-retardant heat-proof epoxy resin (UL94-V0)
Dimensions
15.24*11.20*7.25 mm
Weight
2.0g (Typ.)
Cooling Method
Free convection
EMC Specifications
EMI
CE
CISPR22/EN55022 CLASS B (see Fig. 4 for recommended circuit)
RE
CISPR22/EN55022 CLASS B (see Fig. 4 for recommended circuit)
EMS
ESD
IEC/EN61000-4-2
Contact ±6KV perf. Criteria B


Podobny numer części - E0305XT-1WAR2

ProducentNumer częściArkusz danychSzczegółowy opis
logo
MORNSUN Science& Techno...
E0305XT-1WAR2 MORNSUN-E0305XT-1WAR2 Datasheet
314Kb / 4P
   DC/DC Converter
More results

Podobny opis - E0305XT-1WAR2

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Wall Industries,Inc.
JF48S12-1250 WALL-JF48S12-1250 Datasheet
766Kb / 15P
   DC/DC Converter
JFW24S15-1000 WALL-JFW24S15-1000 Datasheet
1Mb / 16P
   DC/DC Converter
logo
Power Mate Technology C...
DFEC40W P-DUKE-DFEC40W_14 Datasheet
325Kb / 3P
   DC-DC CONVERTER
DFEC60 P-DUKE-DFEC60_14 Datasheet
321Kb / 3P
   DC-DC CONVERTER
FKC08 P-DUKE-FKC08_14 Datasheet
582Kb / 3P
   DC-DC CONVERTER
UFEC15W P-DUKE-UFEC15W_14 Datasheet
521Kb / 4P
   DC-DC CONVERTER
URED20W P-DUKE-URED20W_14 Datasheet
543Kb / 4P
   DC-DC CONVERTER
SDH03W P-DUKE-SDH03W_14 Datasheet
436Kb / 3P
   DC-DC CONVERTER
SDS02 P-DUKE-SDS02_14 Datasheet
701Kb / 4P
   DC-DC CONVERTER
FKC15W P-DUKE-FKC15W_14 Datasheet
315Kb / 3P
   DC-DC CONVERTER
LCD15W P-DUKE-LCD15W_14 Datasheet
442Kb / 4P
   DC-DC CONVERTER
More results


Html Pages

1 2 3 4 5


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com