Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

LS03-15B03SR2S Arkusz danych(PDF) 1 Page - MORNSUN Science& Technology Ltd.

Numer części LS03-15B03SR2S
Szczegółowy opis  3W, AC/DC converter
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  MORNSUN [MORNSUN Science& Technology Ltd.]
Strona internetowa  http://www.mornsun-power.com
Logo MORNSUN - MORNSUN Science& Technology Ltd.

LS03-15B03SR2S Arkusz danych(HTML) 1 Page - MORNSUN Science& Technology Ltd.

  LS03-15B03SR2S Datasheet HTML 1Page - MORNSUN Science& Technology Ltd. LS03-15B03SR2S Datasheet HTML 2Page - MORNSUN Science& Technology Ltd. LS03-15B03SR2S Datasheet HTML 3Page - MORNSUN Science& Technology Ltd. LS03-15B03SR2S Datasheet HTML 4Page - MORNSUN Science& Technology Ltd. LS03-15B03SR2S Datasheet HTML 5Page - MORNSUN Science& Technology Ltd. LS03-15B03SR2S Datasheet HTML 6Page - MORNSUN Science& Technology Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
AC/DC Converter
LS03-15BxxSR2S(-F) Series
2015.03.17-A/2
Page 1 of 6
MORNSUN Guangzhou Science & Technology Co., Ltd. reserves the copyright and right of final interpretation
3W, AC/DC converter
CB RoHS
Model marking with number, such as “0312”means“LS03-15B12SR2S
FEATURES
Ultra wide input voltage: 85~264VAC/70~400VDC
Over current protection and short circuit protection
High efficiency, high power density
Low power consumption, green power
Industrial grade
Open frame, ultra small size
Flexible design of peripheral circuit reduces layout
problems
Meets IEC60950/EN60950/UL60950
LS03-15BxxSR2S(-F) series is a high efficiency green power modules provided by Mornsun. The features of this series are: Accept either AC or
DC input, wide input voltage, high efficiency, low power consumption, safety isolation etc. All models are particularly suitable for the
applications such as industrial, electric power, instrumentation, smart home which do not have high requirement on EMC.EMC application
circuit must be added if the products need to be applied to EMC harsh environment .
Selection Guide
Certification
Model
Output Power
Nominal Output Voltage
and Current(Vo/Io)
Efficiency
(230VAC,%/Typ.)
Max. Capacitive Load
(uF)
UL/CE
LS03-15B03SR2S(-F)*
1.65W
3.3V/500mA
63
470
LS03-15B05SR2S(-F)
2.5W
5V/500mA
68
470
LS03-15B09SR2S(-F)
3W
9V/333mA
75
150
LS03-15B12SR2S(-F)
12V/250mA
77
100
LS03-15B15SR2S(-F)
15V/200mA
78
100
LS03-15B24SR2S(-F)
24V/125mA
80
100
Note: *The model of 90 degrees of corner is with -F. For example the LS03-15B12SR2S of 90 degrees of corner product is LS03-15B12SR2S-F.
Input Specifications
Item
Operating Conditions
Min.
Typ.
Max.
Unit
Input Voltage Range
AC input
85
--
264
VAC
DC input
70
--
400
VDC
Input frequency
47
--
440
Hz
Input current
115VAC
--
--
0.12
A
230VAC
--
--
0.06
Inrush current
115VAC
--
13
--
230VAC
--
23
--
Hot Plug
Unavailable
Output Specifications
Item
Operating Conditions
Min.
Typ.
Max.
Unit
Output Voltage Accuracy
LS03-15B03SR2S(-F)
--
--
±8
%
LS03-15B05SR2S(-F)
--
--
±5
LS03-15B09SR2S(-F)
--
--
LS03-15B12SR2S(-F)
--
--
LS03-15B15SR2S(-F)
--
--
LS03-15B24SR2S(-F)
Line Regulation
Full load
--
±1.5
--
Load Regulation
10%-100% load
--
±2.5
--


Podobny numer części - LS03-15B03SR2S

ProducentNumer częściArkusz danychSzczegółowy opis
logo
MORNSUN Science& Techno...
LS03-15B03SR2S MORNSUN-LS03-15B03SR2S Datasheet
344Kb / 6P
   AC/DC Converter
More results

Podobny opis - LS03-15B03SR2S

ProducentNumer częściArkusz danychSzczegółowy opis
logo
MORNSUN Science& Techno...
LD03-16B03 MORNSUN-LD03-16B03 Datasheet
989Kb / 4P
   3W, AC/DC converter
LS03-16B03SS MORNSUN-LS03-16B03SS Datasheet
1Mb / 5P
   3W, AC/DC converter
LO03-10B03 MORNSUN-LO03-10B03 Datasheet
556Kb / 4P
   3W, AC-DC converter
LD03-10B03R2 MORNSUN-LD03-10B03R2_15 Datasheet
328Kb / 5P
   3W, AC-DC converter
LDE03-20B03W MORNSUN-LDE03-20B03W Datasheet
1Mb / 5P
   3W/5W, AC-DC converter
LDE03-20B03 MORNSUN-LDE03-20B03 Datasheet
1Mb / 6P
   3W/5W, AC-DC converter
LS03-05B03SC MORNSUN-LS03-05B03SC Datasheet
381Kb / 4P
   3W,HIGH VOLTAGE DC-DC(AC-DC) CONVERTER
LS03-05B03S MORNSUN-LS03-05B03S Datasheet
887Kb / 5P
   3W, AC-DC (High Voltage DC-DC) CONVERTER
LS03-05B05K MORNSUN-LS03-05B05K Datasheet
392Kb / 4P
   3W,HIGH VOLTAGE DC-DC(AC-DC) CONVERTER
LS03-05B05KC MORNSUN-LS03-05B05KC Datasheet
403Kb / 4P
   3W, HIGH VOLTAGE DC-DC(AC-DC) CONVERTER
More results


Html Pages

1 2 3 4 5 6


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com