Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TL-SF1005D Arkusz danych(PDF) 1 Page - List of Unclassifed Manufacturers

Numer części TL-SF1005D
Szczegółowy opis  5-Port 10/100Mbps Desktop Switch
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ETC2 [List of Unclassifed Manufacturers]
Strona internetowa  
Logo ETC2 - List of Unclassifed Manufacturers

TL-SF1005D Arkusz danych(HTML) 1 Page - List of Unclassifed Manufacturers

  TL-SF1005D Datasheet HTML 1Page - List of Unclassifed Manufacturers TL-SF1005D Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Description:
Features:
Up to 200Mbps full duplex bandwidth for high-speed
data processing
Innovative energy-ecient technology saves up to
60% of power consumption
Plug and play design simplies installation
Auto MDI/MDIX eliminates the need for crossover
cables
IEEE 802.3x ow control provides reliable data transfer
Auto-negotiation ports provide smart integration
between 10Mbps and 100Mbps hardware
The TL-SF1005D 5-Port 10/100Mbps desktop switch provides an easy way to expand your wired network. All
5 ports support Auto MDI/MDIX, eliminating the need to worry about the type of cable to use. Featuring full
duplex mode, the TL-SF1005D can process data at a rate of up to 200Mbps making it an ideal choice for
expanding your high performance wired network. Moreover, with innovative energy-efficient technology, the
TL-SF1005D can save up to 60% of power consumption, making it an eco-friendly solution for your home or
office network.
www.tp-link.com
Specifications are subject to change without notice. TP-LINK is a registered trademark of TP-LINK Technologies Co., Ltd. Other brands and product names are
trademarks or registered trademarks of their respective holders. No part of the specifications may be reproduced in any form or by any means or used to make
any derivative such as translation, transformation, or adaptation without permission from TP-LINK Technologies Co., Ltd.
TL-SF1005D
5-Port 10/100Mbps Desktop Switch


Podobny numer części - TL-SF1005D

ProducentNumer częściArkusz danychSzczegółowy opis
logo
List of Unclassifed Man...
TL-SF1008D ETC2-TL-SF1008D Datasheet
481Kb / 2P
   8-Port 10/100M Desktop Switch
TL-SF1008P ETC2-TL-SF1008P Datasheet
661Kb / 3P
   8-Port 10/100Mbps Desktop Switch with 4-Port PoE
More results

Podobny opis - TL-SF1005D

ProducentNumer częściArkusz danychSzczegółowy opis
logo
List of Unclassifed Man...
TL-SF1016DS ETC2-TL-SF1016DS Datasheet
848Kb / 3P
   10/100Mbps Desktop/Rackmount Switch
TL-SF1008P ETC2-TL-SF1008P Datasheet
661Kb / 3P
   8-Port 10/100Mbps Desktop Switch with 4-Port PoE
logo
Advantech Co., Ltd.
EKI-3525-AE ADVANTECH-EKI-3525-AE Datasheet
901Kb / 2P
   5-port 10/100Mbps Unmanaged Industrial Ethernet Switch
logo
Zarlink Semiconductor I...
MDS212 ZARLINK-MDS212 Datasheet
1Mb / 111P
   12-Port 10/100Mbps Ethernet Switch
MDS213 ZARLINK-MDS213 Datasheet
1Mb / 120P
   12-Port 10/100Mbps 1Gbps Ethernet Switch
logo
List of Unclassifed Man...
TE100-S16R ETC2-TE100-S16R Datasheet
465Kb / 2P
   16-Port 10/100Mbps Fast Ethernet Switch
IP1718LF ETC2-IP1718LF Datasheet
774Kb / 33P
   18-port 10/100Mbps Smart Switch Controller
logo
Advantech Co., Ltd.
EKI-3528-AE ADVANTECH-EKI-3528-AE Datasheet
901Kb / 2P
   8-port 10/100Mbps Unmanaged Industrial Ethernet Switch
logo
List of Unclassifed Man...
RTL8309SB ETC1-RTL8309SB Datasheet
866Kb / 115P
   SINGLE-CHIP 9-PORT 10/100MBPS SWITCH CONTROLLER
TL-SG1005D ETC2-TL-SG1005D Datasheet
1Mb / 3P
   5/8-Port Gigabit Desktop Switch
More results


Html Pages

1 2


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com