Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

LM3242 Arkusz danych(PDF) 1 Page - Texas Instruments

Numer części LM3242
Szczegółowy opis  LM3242 6-MHz, 750-mA Miniature Adjustable Step-Down DC-DC Converter With Auto Bypass for RF Power Amplifiers
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI - Texas Instruments

LM3242 Arkusz danych(HTML) 1 Page - Texas Instruments

  LM3242_15 Datasheet HTML 1Page - Texas Instruments LM3242_15 Datasheet HTML 2Page - Texas Instruments LM3242_15 Datasheet HTML 3Page - Texas Instruments LM3242_15 Datasheet HTML 4Page - Texas Instruments LM3242_15 Datasheet HTML 5Page - Texas Instruments LM3242_15 Datasheet HTML 6Page - Texas Instruments LM3242_15 Datasheet HTML 7Page - Texas Instruments LM3242_15 Datasheet HTML 8Page - Texas Instruments LM3242_15 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 32 page
background image
FB
EN
VIN
VCON
SW
VIN
2.7V to 5.5V
0.4V to 3.6V
10 PF
4.7 PF
PGND
0.5 PH
LM3242
VOUT = 2.5 x VCON
BPEN
SGND
DAC
GPO1
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
LM3242
SNOSB48E – OCTOBER 2011 – REVISED AUGUST 2015
LM3242 6-MHz, 750-mA Miniature Adjustable Step-Down DC-DC Converter With Auto
Bypass for RF Power Amplifiers
1 Features
3 Description
The LM3242 is a DC-DC converter optimized for
1
2.7-V to 5.5-V Input Voltage Operating From
powering RF power amplifiers (PAs) from a single
Single Li-Ion Cell
lithium-ion cell; however, it may be used in many
6-MHz (typical) PWM Switching Frequency
other applications. It steps down an input voltage
0.4-V to 3.6-V Adjustable Output Voltage
from 2.7 V to 5.5 V to an adjustable output voltage
from 0.4 V to 3.6 V. Output voltage is set using a
750-mA Maximum Load Capability
VCON analog input for controlling power levels and
(up to 1 A in Bypass)
efficiency of the RF PA.
High Efficiency (95% typical at 3.9 VIN,
The LM3242 offers five modes of operation. In PWM
3.3 VOUT at 500 mA)
mode the device operates at a fixed frequency of
Automatic ECO/PWM/BP Mode Change
6 MHz (typical) which minimizes RF interference
Current Overload Protection
when driving medium-to-heavy loads. At light load,
the device enters into ECO mode automatically and
Thermal Overload Protection
operates with reduced switching frequency. In ECO
Soft-Start Function
mode, the quiescent current is reduced and extends
Small Chip Inductor in 0805 (2012) case size
the battery life. Shutdown mode turns the device off
and reduces battery consumption to 0.1 µA (typical).
2 Applications
In low-battery condition Bypass mode reduces the
voltage dropout to less than 50 mV (typical). The part
Battery-Powered 3G/4G RF PAs
also features a Sleep mode.
Battery-Powered RF Devices
The LM3242 is available in a 9-bump lead-free
Hand-Held Radios
DSBGA package. A high switching frequency (6 MHz)
RF PC Cards
allows
use
of
only
three
tiny
surface-mount
components:
one
inductor
and
two
ceramic
capacitors.
Device Information(1)
PART NUMBER
PACKAGE
BODY SIZE (MAX)
LM3242
DSBGA (9)
1.51 mm × 1.385 mm
(1) For all available packages, see the orderable addendum at
the end of the data sheet.
Typical Application
1
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Podobny numer części - LM3242_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
LM3242 TI1-LM3242_14 Datasheet
4Mb / 28P
[Old version datasheet]   6MHz, 750mA Miniature, Adjustable, Step-Down DC-DC Converter with Auto Bypass for RF Power Amplifiers
REVISED MARCH 2013
More results

Podobny opis - LM3242_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
LM3262 TI-LM3262_15 Datasheet
3Mb / 27P
[Old version datasheet]   LM3262 6MHz, 800 mA Miniature, Adjustable, Step-Down DC-DC Converter with Auto Bypass for RF Power Amplifiers
LM3242 TI1-LM3242_14 Datasheet
4Mb / 28P
[Old version datasheet]   6MHz, 750mA Miniature, Adjustable, Step-Down DC-DC Converter with Auto Bypass for RF Power Amplifiers
REVISED MARCH 2013
logo
National Semiconductor ...
LM3200 NSC-LM3200_05 Datasheet
882Kb / 15P
   Miniature, Adjustable, Step-Down DC-DC Converter with Bypass Mode for RF Power Amplifiers
logo
Texas Instruments
LM3204 TI1-LM3204 Datasheet
959Kb / 25P
[Old version datasheet]   Miniature, Adjustable, Step-Down DC-DC Converter with Bypass Mode for RF Power Amplifiers
logo
National Semiconductor ...
LM3200 NSC-LM3200 Datasheet
885Kb / 15P
   Miniature, Adjustable, Step-Down DC-DC Converter with Bypass Mode for RF Power Amplifiers
LM3204 NSC-LM3204 Datasheet
878Kb / 16P
   Miniature, Adjustable, Step-Down DC-DC Converter with Bypass Mode for RF Power Amplifiers
logo
Texas Instruments
LM3204 TI-LM3204_15 Datasheet
903Kb / 24P
[Old version datasheet]   LM3204 Miniature, Adjustable, Step-Down DC-DC Converter with Bypass Mode for RF Power Amplifiers
LM3200 TI-LM3200_15 Datasheet
937Kb / 24P
[Old version datasheet]   LM3200 Miniature, Adjustable, Step-Down DC-DC Converter with Bypass Mode for RF Power Amplifiers
logo
National Semiconductor ...
LM3218 NSC-LM3218 Datasheet
4Mb / 16P
   650 mA Miniature, Adjustable, Step-Down DC-DC Converter for RF Power Amplifiers
LM2706 NSC-LM2706 Datasheet
451Kb / 15P
   Miniature, Variable, Step-Down DC-DC Converter with Bypass for RF Power Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com