Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

LM20124-Q1 Arkusz danych(PDF) 1 Page - Texas Instruments

Numer części LM20124-Q1
Szczegółowy opis  4A, 1MHz PowerWise짰 Synchronous Buck Regulator
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI - Texas Instruments

LM20124-Q1 Arkusz danych(HTML) 1 Page - Texas Instruments

  LM20124-Q1 Datasheet HTML 1Page - Texas Instruments LM20124-Q1 Datasheet HTML 2Page - Texas Instruments LM20124-Q1 Datasheet HTML 3Page - Texas Instruments LM20124-Q1 Datasheet HTML 4Page - Texas Instruments LM20124-Q1 Datasheet HTML 5Page - Texas Instruments LM20124-Q1 Datasheet HTML 6Page - Texas Instruments LM20124-Q1 Datasheet HTML 7Page - Texas Instruments LM20124-Q1 Datasheet HTML 8Page - Texas Instruments LM20124-Q1 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 28 page
background image
PVIN
SW
AGND
FB
PGOOD
EN
SS/TRK
AVIN
COMP
LM20124
L
RF
VCC
PGND
CIN
RC1
CC1
VIN
CSS
CVCC
COUT
VOUT
RFB2
RFB1
CF
(optional)
LM20124, LM20124-Q1
www.ti.com
SNVS507F – OCTOBER 2007 – REVISED MARCH 2013
4A, 1MHz PowerWise® Synchronous Buck Regulator
Check for Samples: LM20124, LM20124-Q1
1
FEATURES
DESCRIPTION
2
LM20124-Q1 is AEC-Q100 qualified and
The LM20124 is a full featured 1 MHz synchronous
manufactured on an Automotive Grade Flow
buck regulator capable of delivering up to 4A of
Input voltage range 2.95V to 5.5V
continuous output current. The current mode control
Accurate current limit minimizes inductor size
loop can be compensated to be stable with virtually
any type of output capacitor. For most cases,
96% efficiency at 1 MHz switching frequency
compensating the device only requires two external
32 m
Ω integrated FET switches
components, providing maximum flexibility and ease
Starts up into pre-biased loads
of use. The device is optimized to work over the input
voltage range of 2.95V to 5.5V making it suited for a
Output voltage tracking
wide variety of low voltage systems.
Peak current mode control
The device features internal over voltage protection
Adjustable output voltage down to 0.8V
(OVP) and over current protection (OCP) circuits for
Adjustable Soft-Start with external capacitor
increased system reliability. A precision enable pin
Precision enable pin with hysteresis
and integrated UVLO allows the turn-on of the device
to be tightly controlled and sequenced. Start-up
Integrated OVP, UVLO, power good and
inrush currents are limited by both an internally fixed
thermal shutdown
and externally adjustable Soft-Start circuit. Fault
TSSOP 16 pin exposed pad package
detection and supply sequencing is possible with the
integrated power good circuit.
APPLICATIONS
The LM20124 is designed to work well in multi-rail
Simple to design, high efficiency point of load
power supply architectures. The output voltage of the
regulation from a 5V or 3.3V bus
device can be configured to track a higher voltage rail
using the SS/TRK pin. If the output of the LM20124 is
High Performance DSPs, FPGAs, ASICs and
pre-biased at startup it will not sink current to pull the
microprocessors
output low until the internal soft-start ramp exceeds
Broadband, Networking and Optical
the voltage at the feedback pin.
Communications Infrastructure
The LM20124 is offered in a 16-pin TSSOP package
with an exposed pad that can be soldered to the
PCB, eliminating the need for bulky heatsinks.
Typical Application Circuit
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
All trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 2007–2013, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Podobny numer części - LM20124-Q1

ProducentNumer częściArkusz danychSzczegółowy opis
logo
National Semiconductor ...
LM20124 NSC-LM20124 Datasheet
578Kb / 20P
   4A, 1MHz PowerWise짰 Synchronous Buck Regulator
LM20124 NSC-LM20124 Datasheet
578Kb / 20P
   4A, 1MHz PowerWise짰 Synchronous Buck Regulator
LM20124MH NSC-LM20124MH Datasheet
578Kb / 20P
   4A, 1MHz PowerWise짰 Synchronous Buck Regulator
LM20124MH NSC-LM20124MH Datasheet
578Kb / 20P
   4A, 1MHz PowerWise짰 Synchronous Buck Regulator
LM20124MHE NSC-LM20124MHE Datasheet
578Kb / 20P
   4A, 1MHz PowerWise짰 Synchronous Buck Regulator
More results

Podobny opis - LM20124-Q1

ProducentNumer częściArkusz danychSzczegółowy opis
logo
National Semiconductor ...
LM20124 NSC-LM20124_08 Datasheet
578Kb / 20P
   4A, 1MHz PowerWise짰 Synchronous Buck Regulator
LM20124 NSC-LM20124 Datasheet
578Kb / 20P
   4A, 1MHz PowerWise짰 Synchronous Buck Regulator
LM20154 NSC-LM20154 Datasheet
723Kb / 22P
   4A, 1MHz PowerWise짰 Synchronous Buck Regulator with SYNCOUT
LM20154 NSC-LM20154_08 Datasheet
723Kb / 22P
   4A, 1MHz PowerWise짰 Synchronous Buck Regulator with SYNCOUT
LM20144 NSC-LM20144_08 Datasheet
835Kb / 20P
   4A, PowerWise짰 Adjustable Frequency Synchronous Buck Regulator
LM20144 NSC-LM20144 Datasheet
835Kb / 20P
   4A, PowerWise짰 Adjustable Frequency Synchronous Buck Regulator
logo
Texas Instruments
LM20144 TI1-LM20144_14 Datasheet
1Mb / 29P
[Old version datasheet]   4A, PowerWise짰 Adjustable Frequency Synchronous Buck Regulator
logo
National Semiconductor ...
LM20134 NSC-LM20134 Datasheet
699Kb / 22P
   4A, PowerWise짰 Synchronous Buck Regulator with Input Synchronization
LM20134 NSC-LM20134_08 Datasheet
699Kb / 22P
   4A, PowerWise짰 Synchronous Buck Regulator with Input Synchronization
LM20123 NSC-LM20123_08 Datasheet
581Kb / 20P
   3A, 1.5MHz PowerWise짰 Synchronous Buck Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com