Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

LM20125 Arkusz danych(PDF) 5 Page - Texas Instruments

Numer części LM20125
Szczegółowy opis  LM20125/LM20125Q 5A, 500kHz PowerWise짰 Synchronous Buck Regulator
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI - Texas Instruments

LM20125 Arkusz danych(HTML) 5 Page - Texas Instruments

  LM20125_15 Datasheet HTML 1Page - Texas Instruments LM20125_15 Datasheet HTML 2Page - Texas Instruments LM20125_15 Datasheet HTML 3Page - Texas Instruments LM20125_15 Datasheet HTML 4Page - Texas Instruments LM20125_15 Datasheet HTML 5Page - Texas Instruments LM20125_15 Datasheet HTML 6Page - Texas Instruments LM20125_15 Datasheet HTML 7Page - Texas Instruments LM20125_15 Datasheet HTML 8Page - Texas Instruments LM20125_15 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 28 page
background image
LM20125
www.ti.com
SNVS525E – OCTOBER 2007 – REVISED MARCH 2013
TYPICAL PERFORMANCE CHARACTERISTICS
Unless otherwise specified: CIN = COUT = 100 µF, L = 1.5 µH (Coilcraft MSS1038), VIN = 5V, VOUT = 1.2V, RLOAD = 1.2Ω, TA =
25°C for efficiency curves, loop gain plots and waveforms, and TJ = 25°C for all others.
Efficiency vs.
Efficiency vs.
Load Current (VIN = 5V)
Load Current (VIN = 3.3V)
Figure 1.
Figure 2.
High-Side FET resistance
Low-Side FET resistance
vs. Temperature
vs.Temperature
Figure 3.
Figure 4.
Error Amplifier Gain
vs. Frequency
Line Regulation
Figure 5.
Figure 6.
Copyright © 2007–2013, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: LM20125


Podobny numer części - LM20125_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
National Semiconductor ...
LM20125MH NSC-LM20125MH Datasheet
580Kb / 20P
   5A, 500kHz PowerWise짰 Synchronous Buck Regulator
LM20125MHE NSC-LM20125MHE Datasheet
580Kb / 20P
   5A, 500kHz PowerWise짰 Synchronous Buck Regulator
LM20125MHX NSC-LM20125MHX Datasheet
580Kb / 20P
   5A, 500kHz PowerWise짰 Synchronous Buck Regulator
More results

Podobny opis - LM20125_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
National Semiconductor ...
LM20125 NSC-LM20125 Datasheet
580Kb / 20P
   5A, 500kHz PowerWise짰 Synchronous Buck Regulator
LM20145 NSC-LM20145 Datasheet
692Kb / 22P
   5A, PowerWise짰 Adjustable Frequency Synchronous Buck Regulator
LM20145 NSC-LM20145_08 Datasheet
692Kb / 22P
   5A, PowerWise짰 Adjustable Frequency Synchronous Buck Regulator
LM20123 NSC-LM20123_08 Datasheet
581Kb / 20P
   3A, 1.5MHz PowerWise짰 Synchronous Buck Regulator
LM20124 NSC-LM20124_08 Datasheet
578Kb / 20P
   4A, 1MHz PowerWise짰 Synchronous Buck Regulator
LM20123 NSC-LM20123 Datasheet
581Kb / 20P
   3A, 1.5MHz PowerWise짰 Synchronous Buck Regulator
LM20124 NSC-LM20124 Datasheet
578Kb / 20P
   4A, 1MHz PowerWise짰 Synchronous Buck Regulator
logo
Texas Instruments
LM20124 TI-LM20124_15 Datasheet
1Mb / 28P
[Old version datasheet]   4A, 1MHz PowerWise짰 Synchronous Buck Regulator
logo
National Semiconductor ...
LM20143 NSC-LM20143 Datasheet
703Kb / 20P
   3A, PowerWise짰 Adjustable Frequency Synchronous Buck Regulator
LM20144 NSC-LM20144_08 Datasheet
835Kb / 20P
   4A, PowerWise짰 Adjustable Frequency Synchronous Buck Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com