Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

LM21305 Arkusz danych(PDF) 9 Page - Texas Instruments

Numer części LM21305
Szczegółowy opis  5A Adjustable Frequency Synchronous Buck Regulator
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI - Texas Instruments

LM21305 Arkusz danych(HTML) 9 Page - Texas Instruments

Back Button LM21305_15 Datasheet HTML 5Page - Texas Instruments LM21305_15 Datasheet HTML 6Page - Texas Instruments LM21305_15 Datasheet HTML 7Page - Texas Instruments LM21305_15 Datasheet HTML 8Page - Texas Instruments LM21305_15 Datasheet HTML 9Page - Texas Instruments LM21305_15 Datasheet HTML 10Page - Texas Instruments LM21305_15 Datasheet HTML 11Page - Texas Instruments LM21305_15 Datasheet HTML 12Page - Texas Instruments LM21305_15 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 33 page
background image
EA
REF
CBOOT
LDO2
2.5V
SS
PVIN
AVIN
Input
UVLO
Output
UV, OV
OTP
PGOOD
EN
PWM Control Logic
AGND
PGND
OSC/
Sync
LDO1
5V
OTP
FREQ
2V5
5V0
SW
FB
COMP
L1
C3
C2
C1
C6
C5
R4
R1
C4
C5
SYNC
VIN
VOUT
C7
R1
UVLO
HS
FET
OCP
Z cross
LS FET OCP
PWM
Slope
Comp
OVP
SW
Rev OCP
ISENSE
PWM
+
-
1.2V
Non-
overlap
Non-
overlap
LM21305
www.ti.com
SNVS639F – DECEMBER 2009 – REVISED MARCH 2013
BLOCK DIAGRAM
OPERATION DESCRIPTION
The LM21305 employs peak current-mode control. The 0.598V reference is compared to the feedback signal at
the error amplifier (EA). The PWM modulator block compares the on-time current sense information with the
summation of the EA output (control voltage) and slope compensation. The PWM modulator outputs on/off
signals to the high-side and low-side MOSFET drivers. Adaptive dead-time control is applied to the PWM output
such that shoot through current is avoided. The drivers then amplify the PWM signals to control the integrated
high-side and low-side MOSFETs.
SWITCHING REGULATOR
The LM21305 employs a buck type (step-down) converter architecture. It utilizes many advanced features to
achieve excellent voltage regulation and efficiency. This easy-to-use regulator features two integrated switches
and is capable of supplying up to 5A of continuous output current. The regulator utilizes peak current-mode
control with slope compensation scaled with switching frequency to optimize stability and transient response over
the entire output voltage and switching frequency ranges. Peak current-mode control also provides inherent line
feed-forward, cycle-by-cycle current limiting, and easy loop compensation. The switching frequency can be
adjusted between 300 kHz and 1.5 MHz. The device can operate with a small external L-C filter and still provide
very low output voltage ripple. The precision internal voltage reference allows the output to be set as low as
0.598V. Using an external compensation circuit, the regulator bandwidth can be selected based on the switching
frequency to provide fast load transient response. The switching regulator is specially designed for high efficiency
operation throughout the load range. Synchronous rectification yields high efficiency for low voltage and heavy
load current situations, while discontinuous conduction and diode emulation modes enable high efficiency
conversion at lighter load currents. Fault protection features include: high-side and low-side switch current
limiting, negative current limiting on the low-side switch, over-voltage protection and thermal shutdown. The
device is available in the WQFN-28 package featuring an exposed pad to aid thermal dissipation. The LM21305
can be used in numerous applications to efficiently step-down from a wide range of input rails: 3V to 18V.
Copyright © 2009–2013, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Links: LM21305


Podobny numer części - LM21305_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
National Semiconductor ...
LM21305 NSC-LM21305_11 Datasheet
1Mb / 24P
   5A Adjustable Frequency Synchronous Buck Regulator
logo
Texas Instruments
LM21305 TI1-LM21305_14 Datasheet
1Mb / 34P
[Old version datasheet]   5A Adjustable Frequency Synchronous Buck Regulator
More results

Podobny opis - LM21305_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
LM21305 TI1-LM21305_14 Datasheet
1Mb / 34P
[Old version datasheet]   5A Adjustable Frequency Synchronous Buck Regulator
logo
National Semiconductor ...
LM21305 NSC-LM21305_11 Datasheet
1Mb / 24P
   5A Adjustable Frequency Synchronous Buck Regulator
LM20145 NSC-LM20145 Datasheet
692Kb / 22P
   5A, PowerWise짰 Adjustable Frequency Synchronous Buck Regulator
LM20145 NSC-LM20145_08 Datasheet
692Kb / 22P
   5A, PowerWise짰 Adjustable Frequency Synchronous Buck Regulator
logo
Texas Instruments
LM20145 TI-LM20145_15 Datasheet
1Mb / 29P
[Old version datasheet]   5A PowerWise Adjustable Frequency Synchronous Buck Regulator
LM20146 TI1-LM20146_15 Datasheet
1Mb / 29P
[Old version datasheet]   Adjustable Frequency Synchronous Buck Regulator
LM20146 TI1-LM20146_14 Datasheet
1Mb / 29P
[Old version datasheet]   6A, Adjustable Frequency Synchronous Buck Regulator
logo
National Semiconductor ...
LM20146 NSC-LM20146 Datasheet
522Kb / 22P
   6A, Adjustable Frequency Synchronous Buck Regulator
LM20343 NSC-LM20343 Datasheet
546Kb / 20P
   36V, 3A Adjustable Frequency Synchronous Buck Regulator
LM20143 NSC-LM20143 Datasheet
703Kb / 20P
   3A, PowerWise짰 Adjustable Frequency Synchronous Buck Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com