Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

LM22672 Arkusz danych(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Numer części LM22672
Szczegółowy opis  SIMPLE SWITCHER짰 Step-Down Voltage Regulator with Features
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI - Texas Instruments

LM22672 Arkusz danych(HTML) 2 Page - Texas Instruments

  LM22672 Datasheet HTML 1Page - Texas Instruments LM22672 Datasheet HTML 2Page - Texas Instruments LM22672 Datasheet HTML 3Page - Texas Instruments LM22672 Datasheet HTML 4Page - Texas Instruments LM22672 Datasheet HTML 5Page - Texas Instruments LM22672 Datasheet HTML 6Page - Texas Instruments LM22672 Datasheet HTML 7Page - Texas Instruments LM22672 Datasheet HTML 8Page - Texas Instruments LM22672 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 30 page
background image
LM22672, LM22672-Q1
SNVS588M – SEPTEMBER 2008 – REVISED NOVEMBER 2014
www.ti.com
Table of Contents
7.4
Device Functional Mode ......................................... 12
1
Features .................................................................. 1
8
Application and Implementation ........................ 16
2
Applications ........................................................... 1
8.1
Application Information............................................ 16
3
Description ............................................................. 1
8.2
Typical Application .................................................. 17
4
Revision History..................................................... 2
9
Power Supply Recommendations ...................... 21
5
Pin Configuration and Functions ......................... 3
10
Layout................................................................... 21
6
Specifications......................................................... 4
10.1
Layout Guidelines ................................................. 21
6.1
Absolute Maximum Ratings ...................................... 4
10.2
Layout Example .................................................... 22
6.2
Handling Ratings: LM22672...................................... 4
10.3
Thermal Considerations ........................................ 22
6.3
Handling Ratings: LM22672-Q1................................ 4
11
Device and Documentation Support ................. 24
6.4
Recommended Operating Conditions ....................... 4
11.1
Documentation Support ........................................ 24
6.5
Thermal Information .................................................. 4
11.2
Related Links ........................................................ 24
6.6
Electrical Characteristics........................................... 5
11.3
Trademarks ........................................................... 24
6.7
Typical Characteristics .............................................. 6
11.4
Electrostatic Discharge Caution ............................ 24
7
Detailed Description .............................................. 8
11.5
Glossary ................................................................ 24
7.1
Overview ................................................................... 8
12
Mechanical, Packaging, and Orderable
7.2
Functional Block Diagram ......................................... 8
Information ........................................................... 24
7.3
Feature Description................................................... 9
4 Revision History
Changes from Revision L (April 2013) to Revision M
Page
Added Pin Configuration and Functions section, Handling Rating table, Feature Description section, Device
Functional Modes, Application and Implementation section, Power Supply Recommendations section, Layout
section, Device and Documentation Support section, and Mechanical, Packaging, and Orderable Information
section ................................................................................................................................................................................... 1
Changes from Revision K (April 2013) to Revision L
Page
Changed from National to TI format ...................................................................................................................................... 1
2
Submit Documentation Feedback
Copyright © 2008–2014, Texas Instruments Incorporated
Product Folder Links: LM22672 LM22672-Q1


Podobny numer części - LM22672

ProducentNumer częściArkusz danychSzczegółowy opis
logo
National Semiconductor ...
LM22672 NSC-LM22672 Datasheet
435Kb / 18P
   1A SIMPLE SWITCHER짰, Step-Down Voltage Regulator with Features
LM22672MR-5.0 NSC-LM22672MR-5.0 Datasheet
435Kb / 18P
   1A SIMPLE SWITCHER짰, Step-Down Voltage Regulator with Features
LM22672MR-ADJ NSC-LM22672MR-ADJ Datasheet
435Kb / 18P
   1A SIMPLE SWITCHER짰, Step-Down Voltage Regulator with Features
LM22672MRE-5.0 NSC-LM22672MRE-5.0 Datasheet
435Kb / 18P
   1A SIMPLE SWITCHER짰, Step-Down Voltage Regulator with Features
LM22672MRE-ADJ NSC-LM22672MRE-ADJ Datasheet
435Kb / 18P
   1A SIMPLE SWITCHER짰, Step-Down Voltage Regulator with Features
More results

Podobny opis - LM22672

ProducentNumer częściArkusz danychSzczegółowy opis
logo
National Semiconductor ...
LM22680 NSC-LM22680 Datasheet
568Kb / 16P
   2A SIMPLE SWITCHER짰, Step-Down Voltage Regulator with Features
LM22672 NSC-LM22672 Datasheet
435Kb / 18P
   1A SIMPLE SWITCHER짰, Step-Down Voltage Regulator with Features
LM22671Q NSC-LM22671Q Datasheet
429Kb / 18P
   500 mA SIMPLE SWITCHER짰, Step-Down Voltage Regulator with Features
LM22671 NSC-LM22671 Datasheet
426Kb / 18P
   500 mA SIMPLE SWITCHER짰, Step-Down Voltage Regulator with Features
LM2599 NSC-LM2599_00 Datasheet
817Kb / 32P
   SIMPLE SWITCHER짰 Power Converter 150 kHz 3A Step-Down Voltage Regulator, with Features
LM2672 NSC-LM2672_01 Datasheet
475Kb / 25P
   SIMPLE SWITCHER짰 Power Converter High Efficiency 1A Step-Down Voltage Regulator with Features
logo
Texas Instruments
LM22678 TI-LM22678_15 Datasheet
1Mb / 26P
[Old version datasheet]   SIMPLE SWITCHER Step-Down Voltage Regulator With Features
LM2598 TI1-LM2598_13 Datasheet
2Mb / 45P
[Old version datasheet]   SIMPLE SWITCHER짰 Power Converter 150 kHz 1A Step-Down Voltage Regulator with Features
logo
National Semiconductor ...
LM2671 NSC-LM2671_07 Datasheet
610Kb / 24P
   SIMPLE SWITCHER짰 Power Converter High Efficiency 500mA Step-Down Voltage Regulator with Features
LM2672 NSC-LM2672_07 Datasheet
616Kb / 26P
   SIMPLE SWITCHER짰 Power Converter High Efficiency 1A Step-Down Voltage Regulator with Features
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com