Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

LM22675 Arkusz danych(PDF) 3 Page - Texas Instruments

Numer części LM22675
Szczegółowy opis  LM22675/-Q1 42 V, 1 A SIMPLE SWITCHER짰 Step-Down Voltage Regulator with Features
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI - Texas Instruments

LM22675 Arkusz danych(HTML) 3 Page - Texas Instruments

  LM22675_15 Datasheet HTML 1Page - Texas Instruments LM22675_15 Datasheet HTML 2Page - Texas Instruments LM22675_15 Datasheet HTML 3Page - Texas Instruments LM22675_15 Datasheet HTML 4Page - Texas Instruments LM22675_15 Datasheet HTML 5Page - Texas Instruments LM22675_15 Datasheet HTML 6Page - Texas Instruments LM22675_15 Datasheet HTML 7Page - Texas Instruments LM22675_15 Datasheet HTML 8Page - Texas Instruments LM22675_15 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 26 page
background image
Exposed Pad
Connect to GND
NC
3
FB
4
BOOT
1
NC
2
8
SW
7
VIN
6
GND
5
EN
LM22675, LM22675-Q1
www.ti.com
SNVS591L – SEPTEMBER 2008 – REVISED NOVEMBER 2014
5 Pin Configuration and Functions
8-Pin
HSOP Package
Top View
Pin Functions
PIN
TYPE
DESCRIPTION
APPLICATION INFORMATION
NAME
NO.
BOOT
1
I
Bootstrap input
Provides the gate voltage for the high side NFET.
Used to control regulator start-up and shutdown. See
EN
5
I
Enable Input
Precision Enable section of data sheet.
Connect to ground. Provides thermal connection to PCB. See
EP
EP
Exposed Pad
Application and Implementation.
FB
4
I
Feedback pin
Feedback input to regulator.
Ground input to
GND
6
regulator; system
System ground pin.
common
Pins are not electrically connected inside the chip. Pins do
NC
2, 3
Not Connected
function as thermal conductor.
SW
8
O
Switch pin
Switching output of regulator
VIN
7
I
Input Voltage
Input supply to regulator
Copyright © 2008–2014, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: LM22675 LM22675-Q1


Podobny numer części - LM22675_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
National Semiconductor ...
LM22675MR-5.0 NSC-LM22675MR-5.0 Datasheet
566Kb / 16P
   1A SIMPLE SWITCHER짰, Step-Down Voltage Regulator with Precision Enable
logo
Texas Instruments
LM22675MR-5.0 TI-LM22675MR-5.0 Datasheet
1Mb / 23P
[Old version datasheet]   LM22675/LM22675Q 42V, 1A SIMPLE SWITCHER Step-Down Voltage Regulator with
logo
National Semiconductor ...
LM22675MR-ADJ NSC-LM22675MR-ADJ Datasheet
566Kb / 16P
   1A SIMPLE SWITCHER짰, Step-Down Voltage Regulator with Precision Enable
logo
Texas Instruments
LM22675MR-ADJ TI-LM22675MR-ADJ Datasheet
1Mb / 23P
[Old version datasheet]   LM22675/LM22675Q 42V, 1A SIMPLE SWITCHER Step-Down Voltage Regulator with
logo
National Semiconductor ...
LM22675MRE-5.0 NSC-LM22675MRE-5.0 Datasheet
566Kb / 16P
   1A SIMPLE SWITCHER짰, Step-Down Voltage Regulator with Precision Enable
More results

Podobny opis - LM22675_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
LM22676 TI-LM22676_15 Datasheet
1Mb / 29P
[Old version datasheet]   LM22676/-Q1 42 V, 3 A SIMPLE SWITCHER짰 Step-Down Voltage Regulator with Features
LM22677 TI-LM22677_15 Datasheet
1Mb / 28P
[Old version datasheet]   LM22677/-Q1 42-V, 5-A SIMPLE SWITCHER짰, Step-Down Voltage Regulator With Features
LM22679 TI-LM22679_15 Datasheet
1Mb / 27P
[Old version datasheet]   LM22679/-Q1 42-V, 5-A SIMPLE SWITCHER짰 Step-Down Voltage Regulator With Features
LM22673 TI-LM22673_15 Datasheet
1Mb / 29P
[Old version datasheet]   LM22673/-Q1 42 V, 3 A SIMPLE SWITCHER짰, Step-Down Voltage Regulator with Features
LM22670 TI-LM22670_15 Datasheet
1Mb / 32P
[Old version datasheet]   LM22670/-Q1 42 V, 3 A SIMPLE SWITCHER짰, Step-Down Voltage Regulator with Features
LM22674 TI-LM22674_15 Datasheet
1Mb / 26P
[Old version datasheet]   LM22674/-Q1 42 V, 500 mA SIMPLE SWITCHER짰 Step-Down Voltage Regulator with Features
LM22671 TI-LM22671_15 Datasheet
1Mb / 29P
[Old version datasheet]   LM22671/-Q1 42 V, 500 mA SIMPLE SWITCHER짰 Step-Down Voltage Regulator with Features
LM22672 TI-LM22672_15 Datasheet
1Mb / 30P
[Old version datasheet]   SIMPLE SWITCHER짰 Step-Down Voltage Regulator with Features
logo
National Semiconductor ...
LM22680 NSC-LM22680 Datasheet
568Kb / 16P
   2A SIMPLE SWITCHER짰, Step-Down Voltage Regulator with Features
logo
Texas Instruments
LM22680 TI-LM22680_15 Datasheet
1Mb / 27P
[Old version datasheet]   42 V, 2 A SIMPLE SWITCHER Step-Down Voltage Regulator With Features
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com