Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

LM22676 Arkusz danych(PDF) 2 Page - Texas Instruments

Numer części LM22676
Szczegółowy opis  LM22676/-Q1 42 V, 3 A SIMPLE SWITCHER짰 Step-Down Voltage Regulator with Features
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI - Texas Instruments

LM22676 Arkusz danych(HTML) 2 Page - Texas Instruments

  LM22676_15 Datasheet HTML 1Page - Texas Instruments LM22676_15 Datasheet HTML 2Page - Texas Instruments LM22676_15 Datasheet HTML 3Page - Texas Instruments LM22676_15 Datasheet HTML 4Page - Texas Instruments LM22676_15 Datasheet HTML 5Page - Texas Instruments LM22676_15 Datasheet HTML 6Page - Texas Instruments LM22676_15 Datasheet HTML 7Page - Texas Instruments LM22676_15 Datasheet HTML 8Page - Texas Instruments LM22676_15 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 29 page
background image
LM22676, LM22676-Q1
SNVS587L – SEPTEMBER 2008 – REVISED NOVEMBER 2014
www.ti.com
Table of Contents
7.4
Device Functional Modes........................................ 10
1
Features .................................................................. 1
8
Application and Implementation ........................ 13
2
Applications ........................................................... 1
8.1
Application Information............................................ 13
3
Description ............................................................. 1
8.2
Typical Application .................................................. 14
4
Revision History..................................................... 2
9
Power Supply Recommendations ...................... 17
5
Pin Configuration and Functions ......................... 3
10
Layout................................................................... 17
6
Specifications......................................................... 4
10.1
Layout Guidelines ................................................. 17
6.1
Absolute Maximum Ratings ...................................... 4
10.2
Layout Examples................................................... 18
6.2
Handling Ratings: LM22676...................................... 4
10.3
Thermal Considerations ........................................ 19
6.3
Handling Ratings: LM22676-Q1................................ 4
11
Device and Documentation Support ................. 20
6.4
Recommended Operating Conditions ....................... 4
11.1
Documentation Support ........................................ 20
6.5
Thermal Information .................................................. 4
11.2
Related Links ........................................................ 20
6.6
Electrical Characteristics........................................... 5
11.3
Trademarks ........................................................... 20
6.7
Typical Characteristics .............................................. 6
11.4
Electrostatic Discharge Caution ............................ 20
7
Detailed Description .............................................. 8
11.5
Glossary ................................................................ 20
7.1
Overview ................................................................... 8
12
Mechanical, Packaging, and Orderable
7.2
Functional Block Diagram ......................................... 8
Information ........................................................... 20
7.3
Feature Description................................................... 8
4 Revision History
Changes from Revision K (April 2013) to Revision L
Page
Added Pin Configuration and Functions section, Handling Rating table, Thermal Information table, Feature
Description section, Device Functional Modes, Application and Implementation section, Power Supply
Recommendations section, Layout section, Device and Documentation Support section, and Mechanical,
Packaging, and Orderable Information section ..................................................................................................................... 1
Changes from Revision J (April 2013) to Revision K
Page
Changed from National format to TI format............................................................................................................................ 1
2
Submit Documentation Feedback
Copyright © 2008–2014, Texas Instruments Incorporated
Product Folder Links: LM22676 LM22676-Q1


Podobny numer części - LM22676_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
LM22676 TI-LM22676_13 Datasheet
2Mb / 27P
[Old version datasheet]   LM22676/LM22676-Q1 42V, 3A SIMPLE SWITCHER짰 Step-Down Voltage Regulator with Features
More results

Podobny opis - LM22676_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
LM22676 TI-LM22676_13 Datasheet
2Mb / 27P
[Old version datasheet]   LM22676/LM22676-Q1 42V, 3A SIMPLE SWITCHER짰 Step-Down Voltage Regulator with Features
LM22673 TI-LM22673_15 Datasheet
1Mb / 29P
[Old version datasheet]   LM22673/-Q1 42 V, 3 A SIMPLE SWITCHER짰, Step-Down Voltage Regulator with Features
LM22670 TI-LM22670_15 Datasheet
1Mb / 32P
[Old version datasheet]   LM22670/-Q1 42 V, 3 A SIMPLE SWITCHER짰, Step-Down Voltage Regulator with Features
LM22675 TI-LM22675_15 Datasheet
1Mb / 26P
[Old version datasheet]   LM22675/-Q1 42 V, 1 A SIMPLE SWITCHER짰 Step-Down Voltage Regulator with Features
LM22677 TI-LM22677_15 Datasheet
1Mb / 28P
[Old version datasheet]   LM22677/-Q1 42-V, 5-A SIMPLE SWITCHER짰, Step-Down Voltage Regulator With Features
LM22679 TI-LM22679_15 Datasheet
1Mb / 27P
[Old version datasheet]   LM22679/-Q1 42-V, 5-A SIMPLE SWITCHER짰 Step-Down Voltage Regulator With Features
LM22674 TI-LM22674_15 Datasheet
1Mb / 26P
[Old version datasheet]   LM22674/-Q1 42 V, 500 mA SIMPLE SWITCHER짰 Step-Down Voltage Regulator with Features
LM22671 TI-LM22671_15 Datasheet
1Mb / 29P
[Old version datasheet]   LM22671/-Q1 42 V, 500 mA SIMPLE SWITCHER짰 Step-Down Voltage Regulator with Features
LM22670 TI1-LM22670_17 Datasheet
1Mb / 32P
[Old version datasheet]   42-V, 3-A SIMPLE SWITCHER, Step-Down Voltage Regulator With Features
LM22672 TI-LM22672_15 Datasheet
1Mb / 30P
[Old version datasheet]   SIMPLE SWITCHER짰 Step-Down Voltage Regulator with Features
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com