Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

Z00607G-T92-K Arkusz danych(PDF) 1 Page - Unisonic Technologies

Numer części Z00607G-T92-K
Szczegółowy opis  0.8A TRIAC
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  UTC [Unisonic Technologies]
Strona internetowa  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

Z00607G-T92-K Arkusz danych(HTML) 1 Page - Unisonic Technologies

  Z00607G-T92-K Datasheet HTML 1Page - Unisonic Technologies Z00607G-T92-K Datasheet HTML 2Page - Unisonic Technologies Z00607G-T92-K Datasheet HTML 3Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
UNISONIC TECHNOLOGIES CO., LTD
Z00607
Preliminary
TRIAC
www.unisonic.com.tw
1 of 3
Copyright © 2014 Unisonic Technologies Co., Ltd
QW-R401-030.b
0.8A TRIAC
DESCRIPTION
The UTC Z00607 is a 0.8A triac, it uses UTC’s advanced
technology to provide customers with low gate trigger current.
The UTC Z00607 is suitable for low power AC switching
applications and driving microcontrollers.
SYMBOL
MT1
G
MT2
ORDERING INFORMATION
Ordering Number
Package
Pin Assignment
Packing
Lead Free
Halogen Free
1
2
3
Z00607L-T92-B
Z00607G-T92-B
TO-92
MT1
GATE
MT2
Tape Box
Z00607L-T92-K
Z00607G-T92-K
TO-92
MT1
GATE
MT2
Bulk
Z00607L-T92-B
(1)Packing Type
(2)Package Type
(3)Green Package
(1) B: Tape Box, K: Bulk
(2) T92: TO-92
(3) L: Lead Free, G: Halogen Free and Lead Free
MARKING


Podobny numer części - Z00607G-T92-K

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Unisonic Technologies
Z00607G-T92-K UTC-Z00607G-T92-K Datasheet
108Kb / 3P
   0.8A TRIACS
More results

Podobny opis - Z00607G-T92-K

ProducentNumer częściArkusz danychSzczegółowy opis
logo
STMicroelectronics
Z00607MA STMICROELECTRONICS-Z00607MA Datasheet
56Kb / 6P
   0.8A TRIAC
logo
Renesas Technology Corp
AC0V8DGM RENESAS-AC0V8DGM Datasheet
1Mb / 8P
   0.8A MOLD TRIAC
1988
logo
List of Unclassifed Man...
MAC97A6 ETC-MAC97A6 Datasheet
291Kb / 4P
   0.8A Logic level TRIAC
logo
Renesas Technology Corp
BCR08AS-14A RENESAS-BCR08AS-14A Datasheet
68Kb / 4P
   700V - 0.8A - Triac Low Power Use
BCR08DS-14A RENESAS-BCR08DS-14A_15 Datasheet
275Kb / 8P
   700V-0.8A-Triac Low Power Use
BCR08DS-14A RENESAS-BCR08DS-14A_13 Datasheet
105Kb / 7P
   700V-0.8A-Triac Low Power Use
BCR08ES-14A RENESAS-BCR08ES-14A Datasheet
102Kb / 4P
   700V - 0.8A - Triac Low Power Use
BCR08AM-14A RENESAS-BCR08AM-14A_15 Datasheet
100Kb / 7P
   700V-0.8A-Triac Low Power Use
logo
STMicroelectronics
P0130AA STMICROELECTRONICS-P0130AA Datasheet
103Kb / 5P
   0.8A SCRs
logo
New Jersey Semi-Conduct...
X00602MA NJSEMI-X00602MA Datasheet
71Kb / 2P
   0.8A SCRs
More results


Html Pages

1 2 3


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com