Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SI1012CR Arkusz danych(PDF) 6 Page - Vishay Telefunken

Numer części SI1012CR
Szczegółowy opis  N-Channel 20 V (D-S) MOSFET
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TFUNK [Vishay Telefunken]
Strona internetowa  http://www.vishay.com
Logo TFUNK - Vishay Telefunken

SI1012CR Arkusz danych(HTML) 6 Page - Vishay Telefunken

  SI1012CR Datasheet HTML 1Page - Vishay Telefunken SI1012CR Datasheet HTML 2Page - Vishay Telefunken SI1012CR Datasheet HTML 3Page - Vishay Telefunken SI1012CR Datasheet HTML 4Page - Vishay Telefunken SI1012CR Datasheet HTML 5Page - Vishay Telefunken SI1012CR Datasheet HTML 6Page - Vishay Telefunken SI1012CR Datasheet HTML 7Page - Vishay Telefunken SI1012CR Datasheet HTML 8Page - Vishay Telefunken SI1012CR Datasheet HTML 9Page - Vishay Telefunken  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
Package Information
www.vishay.com
Vishay Siliconix
C14-0222-Rev. E, 07-Apr-14
1
Document Number: 71348
For technical questions, contact: pmostechsupport@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
SC-75A: 3 Leads
DWG: 5868
Notes
Dimensions in millimeters will govern.
1. Dimension D does not include mold flash, protrusions or gate
burrs. Mold flash protrusions or gate burrs shall not exceed
0.10 mm per end. Dimension E1 does not include Interlead flash
or protrusion. Interlead flash or protrusion shall not exceed
0.10 mm per side.
2. Dimensions D and E1 are determined at the outmost extremes of
the plastic body exclusive of mold flash, tie bar burrs, gate burrs
and interelead flash, but including any mismatch between the top
and bottom of the plastic body.
3. Datums A, B and D to be determined 0.10 mm from the lead tip.
4. Terminal positions are shown for reference only.
5. These dimensions apply to the flat section of the lead between
0.08 mm and 0.15 mm from the lead tip.
C
M
B
A –
2X
1
2
3
1
2
C
4
3
D
3
D
bbb
D
e2
B1(b1)
3
e1
2XB1
E1
2X
e3
2
E
E/2
4X
D
Seating Plane
Base Metal
With Tin Planting
Section B-B
5
B1
b1
c1
L2
2X
1
ddd
C
C
1
1
DIMENSIONS
TOLERANCES
aaa
0.10
bbb
0.10
ccc
0.10
ddd
0.10
DIM.
MILLIMETERS
MIN.
NOM.
MAX.
NOTE
A-
-
0.80
A1
0.00
-
0.10
A2
0.65
0.70
0.80
B1
0.19
-
0.24
5
b1
0.17
-
0.21
c0.13
-
0.15
5
c1
0.10
-
0.12
5
D
1.48
1.575
1.68
1, 2
E
1.50
1.60
1.70
E1
0.66
0.76
0.86
1, 2
e1
0.50 BSC
e2
1.00 BSC
e3
0.50 BSC
L
0.15
0.205
0.30
L1
0.40 ref.
L2
0.15 BSC
θ
-
θ1
-
10°


Podobny numer części - SI1012CR

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Vishay Siliconix
SI1012CR VISHAY-SI1012CR Datasheet
157Kb / 8P
   N-Channel 20 V (D-S) MOSFET
Rev. A, 07-Mar-11
SI1012CR VISHAY-SI1012CR Datasheet
173Kb / 8P
   N-Channel 20 V (D-S) MOSFET
01-Jan-2022
SI1012CR VISHAY-SI1012CR_V01 Datasheet
173Kb / 8P
   N-Channel 20 V (D-S) MOSFET
01-Jan-2022
More results

Podobny opis - SI1012CR

ProducentNumer częściArkusz danychSzczegółowy opis
logo
DinTek Semiconductor Co...
DTS2300S DINTEK-DTS2300S Datasheet
327Kb / 7P
   N-Channel 20 V (D-S) MOSFET
logo
Vishay Siliconix
SI4158DY VISHAY-SI4158DY Datasheet
188Kb / 9P
   N-Channel 20-V (D-S) MOSFET
Rev. A, 17-Nov-08
logo
Analog Power
AM7320N ANALOGPOWER-AM7320N Datasheet
79Kb / 3P
   N-Channel 20-V (D-S) MOSFET
AM2312N ANALOGPOWER-AM2312N Datasheet
317Kb / 5P
   N-Channel 20-V (D-S) MOSFET
AM7422NA ANALOGPOWER-AM7422NA Datasheet
348Kb / 5P
   N-Channel 20-V (D-S) MOSFET
logo
Vishay Siliconix
SI2374DS VISHAY-SI2374DS Datasheet
258Kb / 10P
   N-Channel 20 V (D-S) MOSFET
Rev. A, 14-Apr-14
SI8406DB VISHAY-SI8406DB Datasheet
151Kb / 10P
   N-Channel 20 V (D-S) MOSFET
Rev. A, 30-Apr-12
SI1056X VISHAY-SI1056X_10 Datasheet
123Kb / 8P
   N-Channel 20 V (D-S) MOSFET
Rev. D, 08-Nov-10
TN0201K VISHAY-TN0201K_06 Datasheet
202Kb / 4P
   N-Channel 20-V (D-S) MOSFET
Rev. B, 20-Feb-06
SI4426DY VISHAY-SI4426DY Datasheet
65Kb / 4P
   N-Channel 20-V (D-S) MOSFET
Rev. B, 15-May-00
SI1410EDH VISHAY-SI1410EDH Datasheet
49Kb / 5P
   N-Channel 20-V (D-S) MOSFET
Rev. D, 31-Oct-05
More results


Html Pages

1 2 3 4 5 6 7 8 9


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com