Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SI1308EDL Arkusz danych(PDF) 2 Page - Vishay Telefunken

Numer części SI1308EDL
Szczegółowy opis  N-Channel 30 V (D-S) MOSFET
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TFUNK [Vishay Telefunken]
Strona internetowa  http://www.vishay.com
Logo TFUNK - Vishay Telefunken

SI1308EDL Arkusz danych(HTML) 2 Page - Vishay Telefunken

  SI1308EDL Datasheet HTML 1Page - Vishay Telefunken SI1308EDL Datasheet HTML 2Page - Vishay Telefunken SI1308EDL Datasheet HTML 3Page - Vishay Telefunken SI1308EDL Datasheet HTML 4Page - Vishay Telefunken SI1308EDL Datasheet HTML 5Page - Vishay Telefunken SI1308EDL Datasheet HTML 6Page - Vishay Telefunken SI1308EDL Datasheet HTML 7Page - Vishay Telefunken SI1308EDL Datasheet HTML 8Page - Vishay Telefunken SI1308EDL Datasheet HTML 9Page - Vishay Telefunken Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
Si1308EDL
www.vishay.com
Vishay Siliconix
S14-1997-Rev. C, 06-Oct-14
2
Document Number: 63399
For technical questions, contact: pmostechsupport@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Notes
a. Pulse test; pulse width
≤ 300 μs, duty cycle ≤ 2 %.
b. Guaranteed by design, not subject to production testing.
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional operation
of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to absolute maximum
rating conditions for extended periods may affect device reliability.
SPECIFICATIONS (TJ = 25 °C, unless otherwise noted)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN.
TYP.
MAX.
UNIT
Static
Drain-Source Breakdown Voltage
VDS
VGS = 0 V, ID = 250 μA
30
-
-
V
VDS Temperature Coefficient
ΔVDS/TJ
ID = 250 μA
-32
-
mV/°C
VGS(th) Temperature Coefficient
ΔVGS(th)/TJ
--3
-
Gate-Source Threshold Voltage
VGS(th)
VDS = VGS, ID = 250 μA
0.6
-
1.5
V
Gate-Source Leakage
IGSS
VDS = 0 V, VGS = 4.5 V
-
-
1
μA
VDS = 0 V, VGS = ± 12 V
-
-
± 20
Zero Gate Voltage Drain Current
IDSS
VDS = 30 V, VGS = 0 V
-
-
1
VDS = 30 V, VGS = 0 V, TJ = 55 °C
-
-
10
On-State Drain Current a
ID(on)
VDS
≥ 5 V, VGS = 10 V
2
-
-
A
Drain-Source On-State Resistance a
RDS(on)
VGS = 10 V, ID = 1.4 A
-
0.110
0.132
Ω
VGS = 4.5 V, ID = 1 A
-
0.120
0.144
VGS = 2.5 V, ID = 0.5 A
-
0.142
0.185
Forward Transconductance a
gfs
VDS = 10 V, ID = 1.4 A
-
5
-
S
Dynamic b
Input Capacitance
Ciss
VDS = 15 V, VGS = 0 V, f = 1 MHz
-
105
-
pF
Output Capacitance
Coss
-23
-
Reverse Transfer Capacitance
Crss
-11
-
Total Gate Charge
Qg
VDS = 15 V, VGS = 10 V, ID = 1.4 A
-
2.7
4.1
nC
VDS = 15 V, VGS = 4.5 V, ID = 1.4 A
-1.4
2.1
Gate-Source Charge
Qgs
-0.3
-
Gate-Drain Charge
Qgd
-0.5
-
Gate Resistance
Rg
f = 1 MHz
1.4
7
14
Ω
Turn-On Delay Time
td(on)
VDD = 15 V, RL = 13.6
Ω
ID
≅ 1.1 A, VGEN = 10 V, Rg = 1 Ω
-2
4
ns
Rise Time
tr
-9
18
Turn-Off Delay Time
td(off)
-8
16
Fall Time
tf
-8
16
Turn-On Delay Time
td(on)
VDD = 15 V, RL = 13.6
Ω
ID
≅ 1.1 A, VGEN = 4.5 V, Rg = 1 Ω
-8
16
Rise Time
tr
-13
20
Turn-Off Delay Time
td(off)
-15
23
Fall Time
tf
-6
12
Drain-Source Body Diode Characteristics
Continuous Source-Drain Diode Current
IS
TC = 25 °C
-
-
0.4
A
Pulse Diode Forward Current a
ISM
--
6
Body Diode Voltage
VSD
IF = 1.1 A
-
0.8
1.2
V
Body Diode Reverse Recovery Time
trr
IF = 1.1 A, dI/dt = 100 A/μs, TJ = 25 °C
-
8
16
ns
Body Diode Reverse Recovery Charge
Qrr
-3
6
nC
Reverse Recovery Fall Time
ta
-5
-
ns
Reverse Recovery Rise Time
tb
-3
-


Podobny numer części - SI1308EDL

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Vishay Siliconix
SI1308EDL VISHAY-SI1308EDL Datasheet
260Kb / 11P
   N-Channel 30 V (D-S) MOSFET
Rev. C, 06-Oct-14
SI1308EDL VISHAY-SI1308EDL Datasheet
259Kb / 11P
   N-Channel 30 V (D-S) MOSFET
01-Jan-2022
logo
TECH PUBLIC Electronics...
SI1308EDL TECHPUBLIC-SI1308EDL Datasheet
1Mb / 3P
   N-Channel Enhancement Mode MOSFET
logo
Vishay Siliconix
SI1308EDL VISHAY-SI1308EDL_V01 Datasheet
259Kb / 11P
   N-Channel 30 V (D-S) MOSFET
01-Jan-2022
More results

Podobny opis - SI1308EDL

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Vishay Siliconix
SI3456DV VISHAY-SI3456DV Datasheet
61Kb / 4P
   N-Channel 30-V (D-S) MOSFET
Rev. B, 23-Nov-98
SUU50N03-12P VISHAY-SUU50N03-12P Datasheet
60Kb / 4P
   N-Channel 30-V (D-S) MOSFET
Rev. A, 15-Sep-03
SI4894DY VISHAY-SI4894DY Datasheet
129Kb / 3P
   N-Channel 30-V (D-S) MOSFET
17-May-04
SI4406DY VISHAY-SI4406DY Datasheet
38Kb / 4P
   N-Channel 30-V (D-S) MOSFET
Rev. C, 26-May-03
SI7380DP VISHAY-SI7380DP Datasheet
180Kb / 3P
   N-Channel 30-V (D-S) MOSFET
24-May-04
SI733ADP VISHAY-SI733ADP Datasheet
61Kb / 5P
   N-Channel 30-V (D-S) MOSFET
Rev. A, 25-Oct-04
SI4892DY VISHAY-SI4892DY Datasheet
71Kb / 4P
   N-Channel 30-V (D-S) MOSFET
Rev. F, 01-Aug-05
logo
Vaishali Semiconductor
SI4356ADY VAISH-SI4356ADY Datasheet
143Kb / 3P
   N-Channel 30-V (D-S) MOSFET
logo
Vishay Siliconix
SIRA00DP VISHAY-SIRA00DP Datasheet
513Kb / 13P
   N-Channel 30 V (D-S) MOSFET
Rev. A, 13-Feb-12
SIRA04DP VISHAY-SIRA04DP Datasheet
513Kb / 13P
   N-Channel 30 V (D-S) MOSFET
Rev. A, 13-Feb-12
SIRA14DP VISHAY-SIRA14DP Datasheet
513Kb / 13P
   N-Channel 30 V (D-S) MOSFET
Rev. A, 12-Mar-12
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com