Zakładka z wyszukiwarką danych komponentów |
|
ML2036CS Arkusz danych(PDF) 7 Page - Micro Linear Corporation |
|
ML2036CS Arkusz danych(HTML) 7 Page - Micro Linear Corporation |
7 / 12 page ML2036 7 FUNCTIONAL DESCRIPTION The ML2035 is composed of a programmable frequency generator, a sine wave generator, a crystal oscillator, and a serial digital interface. The ML2036 frequency and sine wave generator functional block diagram is shown in Figure 4. PROGRAMMABLE FREQUENCY GENERATOR The programmable frequency generator produces a digital output whose frequency is determined by a 16-bit digital word. The frequency generator is composed of a phase accumulator which is clocked at fCLK IN/4. The value stored in the data latch is added to the phase accumulator every 4 cycles of CLK IN. The frequency of the analog output is equal to the rate at which the accumulator overflows and is given by the equation: f fD D OUT CLKIN DEC = ×− 15 0 2 23 05 (1) The frequency resolution and the minimum frequency are the same and is given by the following equation: ∆f f MIN CLKIN = 2 23 (2) When fCLK IN = 12.352MHz, DfMIN = 1.5Hz (±0.75Hz). Lower frequencies are obtained by using a lower input clock frequency. Due to the phase quantization nature of the frequency generator, spurious tones can be present in the output range of –55dB relative to fundamental. The energy from these tones is included in the signal to noise + distortion specification. The frequency of these tones can be very close to the fundamental. Therefore, it is not practical to filter them out. SINE WAVE GENERATOR The sine wave generator is composed of a sine look-up table, a DAC, and an output smoothing filter. The sine look-up table is addressed by the phase accumulator. The DAC is driven by the output of the look-up table and generates a staircase representation of a sine wave. The output filter smoothes the analog output by removing the high frequency sampling components. The resultant voltage on VOUT is a sinusoid with the second and third harmonic distortion components at least 45dB below the fundamental. The ML2036 has a VREF input that can be tied to VCC or generated from an external voltage. With the GAIN input equal to a logic "1", the sine wave peak-to-peak voltage is equal to ±VREF; with the GAIN equal to a logic "0", the peak voltage is ±VREF/2. However, the overall output voltage swing is limited to no closer than 1.5V to either rail. This means that to avoid clipping, VREF can only be tied to VCC when GAIN is a logic "0". The sinewave output is referenced to AGND. The analog section is designed to operate over a range from DC to 50kHz. Due to slew rate limitations, the peak- to-peak output voltage must be limited to VOUT(P-P) £ (125kV x Hz)/fOUT. For example, an output at 50kHz must be limited to 2.5VP-P. VOUT can drive a 1kW, 100pF load and swing to within 1.5V of VCC and VSS, provided the slew rate limitations mentioned above are not exceeded. The output offset voltage, VOS, is a function of the peak-to- peak output voltage and is specified as: V V OS MAX OUT P P 05 05 =± + − 25 100 . (3) For example, if VOUT(P-P) = 2.5V: VmV OS MAX 05 =± + =± 25 25 100 50 .. CRYSTAL OSCILLATOR The crystal oscillator generates an accurate reference clock for the programmable frequency generator. The internal clock can be generated with a crystal or external clock. If a crystal is used, it must be placed between CLK IN and DGND of the ML2036. An on-chip crystal oscillator will then generate the internal clock. No other external capacitors or components are required. The crystal should be a parallel-resonant type with a frequency between 3MHz to 12.4MHz. It should be placed physically as close as possible to the CLK IN and DGND. An external clock can drive CLK IN directly if desired. The frequency of this clock can be anywhere between 0 and 12MHz. SCK SID LATI 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0 Figure 5. Serial Interface Timing. |
Podobny numer części - ML2036CS |
|
Podobny opis - ML2036CS |