Zakładka z wyszukiwarką danych komponentów |
|
ML4823CQ Arkusz danych(PDF) 9 Page - Micro Linear Corporation |
|
ML4823CQ Arkusz danych(HTML) 9 Page - Micro Linear Corporation |
9 / 9 page ML4823 9 Micro Linear reserves the right to make changes to any product herein to improve reliability, function or design. Micro Linear does not assume any liability arising out of the application or use of any product described herein, neither does it convey any license under its patent right nor the rights of others. The circuits contained in this data sheet are offered as possible applications only. Micro Linear makes no warranties or representations as to whether the illustrated circuits infringe any intellectual property rights of others, and will accept no responsibility or liability for use of any application herein. The customer is urged to consult with appropriate legal counsel before deciding on a particular application. DS4823-01 2092 Concourse Drive San Jose, CA 95131 Tel: 408/433-5200 Fax: 408/432-0295 ORDERING INFORMATION PART NUMBER TEMPERATURE RANGE PACKAGE ML4823CP 0 °C to 70°C 16-Pin PDIP (P16) ML4823CQ 0 °C to 70°C 20-Pin PLCC (Q20) (Obsolete) ML4823CS 0 °C to 70°C 20-Pin Wide SOIC (S16W) ML4823I P –40 °C to 85°C 16-Pin PDIP (P16) ML4823IS –40 °C to 85°C 20-Pin PLCC (Q20) ML4823MJ –40 °C to 85°C 16-Pin Wide SOIC (S16W) (Obsolete) © Micro Linear 1997 Micro Linear is a registered trademark of Micro Linear Corporation Products described in this document may be covered by one or more of the following patents, U.S.: 4,897,611; 4,964,026; 5,027,116; 5,281,862; 5,283,483; 5,418,502; 5,508,570; 5,510,727; 5,523,940; 5,546,017; 5,559,470; 5,565,761; 5,592,128; 5,594,376; Japan: 2598946; 2619299. Other patents are pending. PHYSICAL DIMENSIONS inches (millimeters) SEATING PLANE 0.291 - 0.301 (7.39 - 7.65) PIN 1 ID 0.398 - 0.412 (10.11 - 10.47) 0.400 - 0.414 (10.16 - 10.52) 0.012 - 0.020 (0.30 - 0.51) 0.050 BSC (1.27 BSC) 0.022 - 0.042 (0.56 - 1.07) 0.095 - 0.107 (2.41 - 2.72) 0.005 - 0.013 (0.13 - 0.33) 0.090 - 0.094 (2.28 - 2.39) 16 0.009 - 0.013 (0.22 - 0.33) 0º - 8º 1 0.024 - 0.034 (0.61 - 0.86) (4 PLACES) Package: S16W 16-Pin Wide SOIC |
Podobny numer części - ML4823CQ |
|
Podobny opis - ML4823CQ |