Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

LMZ12003EXT Arkusz danych(PDF) 11 Page - Texas Instruments

Numer części LMZ12003EXT
Szczegółowy opis  3A SIMPLE SWITCHER Power Module With 20-V Maximum Input Voltage for Demanding Environments and Rugged Applications
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI - Texas Instruments

LMZ12003EXT Arkusz danych(HTML) 11 Page - Texas Instruments

Back Button LMZ12003EXT_15 Datasheet HTML 7Page - Texas Instruments LMZ12003EXT_15 Datasheet HTML 8Page - Texas Instruments LMZ12003EXT_15 Datasheet HTML 9Page - Texas Instruments LMZ12003EXT_15 Datasheet HTML 10Page - Texas Instruments LMZ12003EXT_15 Datasheet HTML 11Page - Texas Instruments LMZ12003EXT_15 Datasheet HTML 12Page - Texas Instruments LMZ12003EXT_15 Datasheet HTML 13Page - Texas Instruments LMZ12003EXT_15 Datasheet HTML 14Page - Texas Instruments LMZ12003EXT_15 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 29 page
background image
LMZ12003EXT
www.ti.com
SNVS663H – JUNE 2010 – REVISED AUGUST 2015
Feature Description (continued)
NOTE
Current limit is dependent on both duty cycle and temperature as illustrated in the graphs
in the Typical Characteristics section
7.3.4 Thermal Protection
The junction temperature of the LMZ12003EXT must not be allowed to exceed its maximum ratings. Thermal
protection is implemented by an internal Thermal Shutdown circuit which activates at 165°C (typical) causing the
device to enter a low power standby state. In this state the main MOSFET remains off causing VO to fall, and
additionally the CSS capacitor is discharged to ground. Thermal protection helps prevent catastrophic failures for
accidental device overheating. When the junction temperature falls back below 145°C (typical hysteresis = 20°C)
the SS pin is released, VO rises smoothly, and normal operation resumes.
Applications requiring maximum output current especially those at high input voltage may require application
derating at elevated temperatures.
7.3.5 Zero Coil Current Detection
The current of the lower (synchronous) MOSFET is monitored by a zero coil current detection circuit which
inhibits the synchronous MOSFET when its current reaches zero until the next ON-time. This circuit enables the
DCM operating mode, which improves efficiency at light loads.
7.3.6 Prebiased Start-up
The LMZ12003EXT will properly start up into a prebiased output. This startup situation is common in multiple rail
logic applications where current paths may exist between different power rails during the startup sequence. The
following scope capture shows proper behavior during this event.
Figure 20. Prebiased Start-Up
7.4 Device Functional Modes
7.4.1 Discontinuous Conduction and Continuous Conduction Modes
At light load the regulator will operate in discontinuous conduction mode (DCM). With load currents above the
critical conduction point, it will operate in continuous conduction mode (CCM). When operating in DCM the
switching cycle begins at zero amps inductor current; increases up to a peak value, and then recedes back to
zero before the end of the OFF-time. During the period of time that inductor current is zero, all load current is
supplied by the output capacitor. The next ON-time period starts when the voltage on the at the FB pin falls
below the internal reference. The switching frequency is lower in DCM and varies more with load current as
compared to CCM. Conversion efficiency in DCM is maintained because conduction and switching losses are
reduced with the smaller load and lower switching frequency.
Copyright © 2010–2015, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: LMZ12003EXT


Podobny numer części - LMZ12003EXT_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
National Semiconductor ...
LMZ12003EXTTZ NSC-LMZ12003EXTTZ Datasheet
748Kb / 10P
   LMZ1420xEXT/ LMZ1200xEXT Evaluation Board
logo
Texas Instruments
LMZ12003EXTTZ TI1-LMZ12003EXTTZ Datasheet
3Mb / 19P
[Old version datasheet]   3A SIMPLE SWITCHER짰 Power Module with 20V Maximum Input Voltage for Military and Rugged Applications
LMZ12003EXTTZE TI1-LMZ12003EXTTZE Datasheet
3Mb / 19P
[Old version datasheet]   3A SIMPLE SWITCHER짰 Power Module with 20V Maximum Input Voltage for Military and Rugged Applications
LMZ12003EXTTZX TI1-LMZ12003EXTTZX Datasheet
3Mb / 19P
[Old version datasheet]   3A SIMPLE SWITCHER짰 Power Module with 20V Maximum Input Voltage for Military and Rugged Applications
More results

Podobny opis - LMZ12003EXT_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
LMZ14201EXT TI-LMZ14201EXT_15 Datasheet
6Mb / 32P
[Old version datasheet]   1A SIMPLE SWITCHER Power Module With 42-V Maximum Input Voltage for Demanding Environments and Rugged Applications
LMZ14202EXT TI-LMZ14202EXT_15 Datasheet
6Mb / 32P
[Old version datasheet]   2A SIMPLE SWITCHER Power Module With 42-V Maximum Input Voltage for Demanding Environments and Rugged Applications
LMZ10503EXT TI-LMZ10503EXT_15 Datasheet
4Mb / 36P
[Old version datasheet]   3A SIMPLE SWITCHER Power Module With 5.5-V Maximum Input Voltage for Demanding and Rugged Applications
LMZ10504EXT TI-LMZ10504EXT_15 Datasheet
4Mb / 36P
[Old version datasheet]   4A SIMPLE SWITCHER Power Module With 5.5-V Maximum Input Voltage for Demanding and Rugged Applications
LMZ10505EXT TI-LMZ10505EXT_15 Datasheet
4Mb / 36P
[Old version datasheet]   5A SIMPLE SWITCHER Power Module With 5.5-V Maximum Input Voltage for Demanding and Rugged Applications
LMZ12002EXT TI-LMZ12002EXT_15 Datasheet
1Mb / 31P
[Old version datasheet]   LMZ12002EXT 2-A SIMPLE SWITCHER짰 Power Module With 20-V Maximum Input Voltage for Demanding Environments and Rugged Applications
LMZ14203EXT TI-LMZ14203EXT_15 Datasheet
6Mb / 31P
[Old version datasheet]   3A SIMPLE SWITCHER Power Module With 42-V Maximum Input Voltage for Military and Rugged Applications
LMZ22003 TI-LMZ22003_15 Datasheet
1Mb / 33P
[Old version datasheet]   3A SIMPLE SWITCHER Power Module With 20-V Maximum Input Voltage
logo
National Semiconductor ...
LMZ10503EXT NSC-LMZ10503EXT Datasheet
1Mb / 22P
   3A SIMPLE SWITCHER짰 Power Module with 5.5V Maximum Input Voltage for Military and Rugged Applications
logo
Texas Instruments
LMZ12003EXT TI1-LMZ12003EXT Datasheet
3Mb / 19P
[Old version datasheet]   3A SIMPLE SWITCHER짰 Power Module with 20V Maximum Input Voltage for Military and Rugged Applications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com