Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

LMZ14203 Arkusz danych(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Numer części LMZ14203
Szczegółowy opis  SIMPLE SWITCHER 6V to 42V, 3A Power Module in Leaded SMT-TO Package
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI - Texas Instruments

LMZ14203 Arkusz danych(HTML) 5 Page - Texas Instruments

  LMZ14203 Datasheet HTML 1Page - Texas Instruments LMZ14203 Datasheet HTML 2Page - Texas Instruments LMZ14203 Datasheet HTML 3Page - Texas Instruments LMZ14203 Datasheet HTML 4Page - Texas Instruments LMZ14203 Datasheet HTML 5Page - Texas Instruments LMZ14203 Datasheet HTML 6Page - Texas Instruments LMZ14203 Datasheet HTML 7Page - Texas Instruments LMZ14203 Datasheet HTML 8Page - Texas Instruments LMZ14203 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 29 page
background image
LMZ14203
www.ti.com
SNVS632R – DECEMBER 2009 – REVISED OCTOBER 2015
Electrical Characteristics (continued)
Limits in standard type are for TJ = 25°C only; limits in boldface type apply over the junction temperature (TJ) range of –40°C
to +125°C. Minimum and Maximum limits are ensured through test, design or statistical correlation. Typical values represent
the most likely parametric norm at TJ = 25°C, and are provided for reference purposes only. Unless otherwise stated the
following conditions apply: VIN = 24 V, Vout = 3.3 V
PARAMETER
TEST CONDITIONS
MIN(1)
TYP(2)
MAX(1)
UNIT
ON/OFF Timer
tON-MIN
ON timer minimum
150
ns
pulse width
tOFF
OFF timer pulse
260
ns
width
Regulation and Overvoltage Comparator
VFB
In-regulation
VSS > 0.8 V
0.804
feedback voltage
TJ = –40°C to 125°C
V
over the junction temperature (TJ)
0.784
0.825
IO = 3 A
range of –40°C to +125°C
VSS > 0.8 V
TJ = 25°C
0.786
0.802
0.818
V
IO = 10 mA
VFB-OV
Feedback
overvoltage
0.92
V
protection threshold
IFB
Feedback input bias
5
nA
current
IQ
Nonswitching Input
VFB= 0.86 V
1
mA
Current
ISD
Shut Down
VEN= 0 V
25
μA
Quiescent Current
Thermal Characteristics
TSD
Thermal Shutdown
Rising
165
°C
TSD-HYST
Thermal shutdown
Falling
15
°C
hysteresis
PERFORMANCE PARAMETERS
ΔVO
Output Voltage
8
mV PP
Ripple
ΔVO/ΔVIN Line Regulation
VIN = 12 V to 42 V, IO= 3 A
0.01%
ΔVO/IOUT Load Regulation
VIN = 24 V
1.5
mV/A
η
Efficiency
VIN = 24 V VO = 3.3 V IO = 1 A
92%
η
Efficiency
VIN = 24 V VO = 3.3 V IO = 3 A
85%
Copyright © 2009–2015, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: LMZ14203


Podobny numer części - LMZ14203

ProducentNumer częściArkusz danychSzczegółowy opis
logo
National Semiconductor ...
LMZ14203 NSC-LMZ14203 Datasheet
1Mb / 18P
   3A SIMPLE SWITCHER짰 Power Module with 42V Maximum Input Voltage
LMZ14203 NSC-LMZ14203 Datasheet
1Mb / 18P
   3A SIMPLE SWITCHER짰 Power Module with 42V Maximum
LMZ14203 NSC-LMZ14203 Datasheet
1Mb / 18P
   3A SIMPLE SWITCHER짰Power Module with 42V Maximum Input Voltage
LMZ14203 NSC-LMZ14203 Datasheet
1Mb / 6P
   Inverting Application for the SIMPLE SWITCHER짰 Power Module
LMZ142033A NSC-LMZ142033A Datasheet
417Kb / 6P
   Demo Board SIMPLE SWITCHER짰 Power Module Quick Start Guide
More results

Podobny opis - LMZ14203

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
LMZ14201 TI1-LMZ14201_17 Datasheet
1Mb / 29P
[Old version datasheet]   SIMPLE SWITCHER 6V to 42V, 1A Power Module in Leaded SMT-TO Package
LMZ14202 TI-LMZ14202_15 Datasheet
1Mb / 31P
[Old version datasheet]   SIMPLE SWITCHER 6V to 42V, 2A Power Module in Leaded SMT-TO Package
LMZ14201 TI-LMZ14201_15 Datasheet
1Mb / 29P
[Old version datasheet]   SIMPLE SWITCHER 6V to 42V, 1A Power Module in Leaded SMT-TO Package
LMZ14203H TI-LMZ14203H_15 Datasheet
1Mb / 31P
[Old version datasheet]   SIMPLE SWITCHER 6V to 42V, 3A High Output Voltage Power Module
LMZ20501 TI-LMZ20501_15 Datasheet
1Mb / 31P
[Old version datasheet]   LMZ14203H SIMPLE SWITCHER짰 6V to 42V, 3A High Output Voltage Power Module
LMZ30606 TI1-LMZ30606 Datasheet
827Kb / 25P
[Old version datasheet]   6A SIMPLE SWITCHER Power Module with 2.95V-6V Input in QFN Package
LMZ23603 TI1-LMZ23603 Datasheet
1Mb / 34P
[Old version datasheet]   3A SIMPLE SWITCHER Power Module
LMZ30606 TI1-LMZ30606 Datasheet
978Kb / 25P
[Old version datasheet]   6A SIMPLE SWITCHER Power Module with 2.95V-6V Input in QFN Package
LMZ30604 TI1-LMZ30604 Datasheet
841Kb / 25P
[Old version datasheet]   4A SIMPLE SWITCHER Power Module with 2.95V-6V Input in QFN Package
LMZ30602 TI1-LMZ30602 Datasheet
885Kb / 25P
[Old version datasheet]   2A SIMPLE SWITCHER Power Module with 2.95V-6V Input in QFN Package
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com