Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

LMZ14203EXT Arkusz danych(PDF) 8 Page - Texas Instruments

Numer części LMZ14203EXT
Szczegółowy opis  3A SIMPLE SWITCHER Power Module With 42-V Maximum Input Voltage for Military and Rugged Applications
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI - Texas Instruments

LMZ14203EXT Arkusz danych(HTML) 8 Page - Texas Instruments

Back Button LMZ14203EXT_15 Datasheet HTML 4Page - Texas Instruments LMZ14203EXT_15 Datasheet HTML 5Page - Texas Instruments LMZ14203EXT_15 Datasheet HTML 6Page - Texas Instruments LMZ14203EXT_15 Datasheet HTML 7Page - Texas Instruments LMZ14203EXT_15 Datasheet HTML 8Page - Texas Instruments LMZ14203EXT_15 Datasheet HTML 9Page - Texas Instruments LMZ14203EXT_15 Datasheet HTML 10Page - Texas Instruments LMZ14203EXT_15 Datasheet HTML 11Page - Texas Instruments LMZ14203EXT_15 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 31 page
background image
0
0.5
1
1.5
2
2.5
3
0
0.5
1
1.5
2
2.5
3
OUTPUT CURRENT (A)
5.0
3.3
85°C
50
55
60
65
70
75
80
85
90
95
100
0
0.5
1
1.5
2
2.5
3
OUTPUT CURRENT (A)
5.0
3.3
85°C
0
0.5
1
1.5
2
2.5
3
0
0.5
1
1.5
2
2.5
3
OUTPUT CURRENT (A)
5.0
3.3
2.5
1.8
85°C
50
55
60
65
70
75
80
85
90
95
100
0
0.5
1
1.5
2
2.5
3
OUTPUT CURRENT (A)
5.0
3.3
2.5
1.8
85°C
0
0.5
1
1.5
2
2.5
3
0
0.5
1
1.5
2
2.5
3
OUTPUT CURRENT (A)
5.0
3.3
2.5
1.8
1.5
1.2
0.8
85°C
50
55
60
65
70
75
80
85
90
95
100
0
0.5
1
1.5
2
2.5
3
OUTPUT CURRENT (A)
5.0
3.3
2.5
1.8
1.5
1.2
0.8
85°C
LMZ14203EXT
SNVS666H – JUNE 2010 – REVISED OCTOBER 2015
www.ti.com
Typical Characteristics (continued)
Unless otherwise specified, the following conditions apply: VIN = 24 V; CIN = 10-µF X7R Ceramic; CO = 100-µF X7R Ceramic;
TA = 25°C for efficiency curves and waveforms.
Figure 13. Efficiency 12-V Input at 85°C
Figure 14. Dissipation 12-V Input at 85°C
Figure 15. Efficiency 24-V Input at 85°C
Figure 16. Dissipation 24-V Input at 85°C
Figure 17. Efficiency 36-V Input at 85°C
Figure 18. Dissipation 36-V Input at 85°C
8
Submit Documentation Feedback
Copyright © 2010–2015, Texas Instruments Incorporated
Product Folder Links: LMZ14203EXT


Podobny numer części - LMZ14203EXT_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
National Semiconductor ...
LMZ14203EXTTZ NSC-LMZ14203EXTTZ Datasheet
748Kb / 10P
   LMZ1420xEXT/ LMZ1200xEXT Evaluation Board
logo
Texas Instruments
LMZ14203EXTTZ TI-LMZ14203EXTTZ Datasheet
4Mb / 25P
[Old version datasheet]   LMZ14203EXT 3A SIMPLE SWITCHER짰 Power Module with 42V Maximum Input Voltage for Military and Rugged Applications
LMZ14203EXTTZE TI-LMZ14203EXTTZE Datasheet
4Mb / 25P
[Old version datasheet]   LMZ14203EXT 3A SIMPLE SWITCHER짰 Power Module with 42V Maximum Input Voltage for Military and Rugged Applications
LMZ14203EXTTZX TI-LMZ14203EXTTZX Datasheet
4Mb / 25P
[Old version datasheet]   LMZ14203EXT 3A SIMPLE SWITCHER짰 Power Module with 42V Maximum Input Voltage for Military and Rugged Applications
More results

Podobny opis - LMZ14203EXT_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
LMZ10503EXT TI-LMZ10503EXT_15 Datasheet
4Mb / 36P
[Old version datasheet]   3A SIMPLE SWITCHER Power Module With 5.5-V Maximum Input Voltage for Demanding and Rugged Applications
logo
National Semiconductor ...
LMZ10503EXT NSC-LMZ10503EXT Datasheet
1Mb / 22P
   3A SIMPLE SWITCHER짰 Power Module with 5.5V Maximum Input Voltage for Military and Rugged Applications
logo
Texas Instruments
LMZ14202EXT TI-LMZ14202EXT_15 Datasheet
6Mb / 32P
[Old version datasheet]   2A SIMPLE SWITCHER Power Module With 42-V Maximum Input Voltage for Demanding Environments and Rugged Applications
LMZ14201EXT TI-LMZ14201EXT_15 Datasheet
6Mb / 32P
[Old version datasheet]   1A SIMPLE SWITCHER Power Module With 42-V Maximum Input Voltage for Demanding Environments and Rugged Applications
LMZ12003EXT TI1-LMZ12003EXT Datasheet
3Mb / 19P
[Old version datasheet]   3A SIMPLE SWITCHER짰 Power Module with 20V Maximum Input Voltage for Military and Rugged Applications
LMZ12003EXT TI-LMZ12003EXT_15 Datasheet
1Mb / 29P
[Old version datasheet]   3A SIMPLE SWITCHER Power Module With 20-V Maximum Input Voltage for Demanding Environments and Rugged Applications
LMZ14203EXT TI-LMZ14203EXT Datasheet
4Mb / 25P
[Old version datasheet]   LMZ14203EXT 3A SIMPLE SWITCHER짰 Power Module with 42V Maximum Input Voltage for Military and Rugged Applications
LMZ10505EXT TI-LMZ10505EXT_15 Datasheet
4Mb / 36P
[Old version datasheet]   5A SIMPLE SWITCHER Power Module With 5.5-V Maximum Input Voltage for Demanding and Rugged Applications
LMZ10504EXT TI-LMZ10504EXT_15 Datasheet
4Mb / 36P
[Old version datasheet]   4A SIMPLE SWITCHER Power Module With 5.5-V Maximum Input Voltage for Demanding and Rugged Applications
LMZ10505EXT TI1-LMZ10505EXT Datasheet
1Mb / 27P
[Old version datasheet]   5A SIMPLE SWITCHER짰 Power Module with 5.5V Maximum Input Voltage for Military and Rugged Applications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com