Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

LMZ30604 Arkusz danych(PDF) 8 Page - Texas Instruments

Numer części LMZ30604
Szczegółowy opis  4A SIMPLE SWITCHER짰 Power Module with 2.95V-6V Input in QFN Package
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI - Texas Instruments

LMZ30604 Arkusz danych(HTML) 8 Page - Texas Instruments

Back Button LMZ30604_15 Datasheet HTML 4Page - Texas Instruments LMZ30604_15 Datasheet HTML 5Page - Texas Instruments LMZ30604_15 Datasheet HTML 6Page - Texas Instruments LMZ30604_15 Datasheet HTML 7Page - Texas Instruments LMZ30604_15 Datasheet HTML 8Page - Texas Instruments LMZ30604_15 Datasheet HTML 9Page - Texas Instruments LMZ30604_15 Datasheet HTML 10Page - Texas Instruments LMZ30604_15 Datasheet HTML 11Page - Texas Instruments LMZ30604_15 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 30 page
background image
1000
10000
100000
500000
−40
−30
−20
−10
0
10
20
30
40
−120
−90
−60
−30
0
30
60
90
120
Frequency (Hz)
Gain
Phase
G000
0
0.4
0.8
1.2
1.6
0
1
2
3
4
Output Current (A)
VOUT = 1.8 V,fSW = 1 MHz
VOUT = 1.2 V,fSW = 750 kHz
VOUT = 0.8 V,fSW = 650 kHz
G000
20
30
40
50
60
70
80
90
0
1
2
3
4
Output Current (A)
Natural Convection
All Output Voltages
G000
50
55
60
65
70
75
80
85
90
95
100
0
1
2
3
4
Output Current (A)
VOUT = 1.8 V,fSW = 1 MHz
VOUT = 1.2 V,fSW = 750 kHz
VOUT = 0.8 V,fSW = 650 kHz
G000
4
6
8
10
12
14
0
1
2
3
4
Output Current (A)
VOUT = 1.8 V,fSW = 1 MHz
VOUT = 1.2 V,fSW = 750 kHz
VOUT = 0.8 V,fSW = 650 kHz
G000
LMZ30604
SNVS998 – JULY 2013
www.ti.com
TYPICAL CHARACTERISTICS (VIN = 3.3 V) (1) (2)
Figure 6. Efficiency vs. Output Current
Figure 7. Voltage Ripple vs. Output Current
Figure 8. Power Dissipation vs. Output Current
Figure 9. Safe Operating Area
Figure 10. VOUT= 1.8 V, IOUT= 4 A, COUT1= 47 µF ceramic, COUT2= 100 µF POSCAP, fSW= 1 MHz
(1)
The electrical characteristic data has been developed from actual products tested at 25°C. This data is considered typical for the
converter. Applies to Figure 6, Figure 7, and Figure 8.
(2)
The temperature derating curves represent the conditions at which internal components are at or below the manufacturer's maximum
operating temperatures. Derating limits apply to devices soldered directly to a 100 mm × 100 mm double-sided PCB with 1 oz. copper.
Applies to Figure 9.
8
Submit Documentation Feedback
Copyright © 2013, Texas Instruments Incorporated
Product Folder Links: LMZ30604


Podobny numer części - LMZ30604_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
LMZ30604EVM-001 TI-LMZ30604EVM-001 Datasheet
363Kb / 16P
[Old version datasheet]   LMZ30604EVM-001 2-A to 6-A Simple Switcher Power Module
LMZ30604RKGR TI1-LMZ30604RKGR Datasheet
992Kb / 25P
[Old version datasheet]   4A SIMPLE SWITCHER짰 Power Module with 2.95V-6V Input in QFN Package
LMZ30604RKGR TI1-LMZ30604RKGR Datasheet
841Kb / 25P
[Old version datasheet]   4A SIMPLE SWITCHER Power Module with 2.95V-6V Input in QFN Package
LMZ30604RKGT TI1-LMZ30604RKGT Datasheet
992Kb / 25P
[Old version datasheet]   4A SIMPLE SWITCHER짰 Power Module with 2.95V-6V Input in QFN Package
LMZ30604RKGT TI1-LMZ30604RKGT Datasheet
841Kb / 25P
[Old version datasheet]   4A SIMPLE SWITCHER Power Module with 2.95V-6V Input in QFN Package
More results

Podobny opis - LMZ30604_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
LMZ30604 TI1-LMZ30604 Datasheet
992Kb / 25P
[Old version datasheet]   4A SIMPLE SWITCHER짰 Power Module with 2.95V-6V Input in QFN Package
LMZ30602 TI-LMZ30602_15 Datasheet
1Mb / 30P
[Old version datasheet]   2A SIMPLE SWITCHER짰 Power Module with 2.95V-6V Input in QFN Package
LMZ30606 TI-LMZ30606_15 Datasheet
1Mb / 30P
[Old version datasheet]   6A SIMPLE SWITCHER짰 Power Module with 2.95V-6V Input in QFN Package
LMZ30604 TI1-LMZ30604 Datasheet
841Kb / 25P
[Old version datasheet]   4A SIMPLE SWITCHER Power Module with 2.95V-6V Input in QFN Package
LMZ30606 TI1-LMZ30606 Datasheet
827Kb / 25P
[Old version datasheet]   6A SIMPLE SWITCHER Power Module with 2.95V-6V Input in QFN Package
LMZ31704 TI1-LMZ31704 Datasheet
961Kb / 33P
[Old version datasheet]   4A SIMPLE SWITCHER짰 Power Module with 2.95V-17V Input and Current Sharing in QFN Package
LMZ31704 TI1-LMZ31704_14 Datasheet
970Kb / 34P
[Old version datasheet]   4A SIMPLE SWITCHER짰 Power Module with 2.95V-17V Input and Current Sharing in QFN Package
LMZ30606 TI1-LMZ30606 Datasheet
978Kb / 25P
[Old version datasheet]   6A SIMPLE SWITCHER Power Module with 2.95V-6V Input in QFN Package
LMZ30602 TI1-LMZ30602 Datasheet
885Kb / 25P
[Old version datasheet]   2A SIMPLE SWITCHER Power Module with 2.95V-6V Input in QFN Package
LMZ30602 TI-LMZ30602 Datasheet
1Mb / 32P
[Old version datasheet]   2A SIMPLE SWITCHER Power Module with 2.95V-6V Input in QFN Package
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com