Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

LMZ36002 Arkusz danych(PDF) 1 Page - Texas Instruments

Numer części LMZ36002
Szczegółowy opis  SIMPLE SWITCHER짰 4.5-V to 60-V Input, 2-A Power Module in QFN Package
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI - Texas Instruments

LMZ36002 Arkusz danych(HTML) 1 Page - Texas Instruments

  LMZ36002_15 Datasheet HTML 1Page - Texas Instruments LMZ36002_15 Datasheet HTML 2Page - Texas Instruments LMZ36002_15 Datasheet HTML 3Page - Texas Instruments LMZ36002_15 Datasheet HTML 4Page - Texas Instruments LMZ36002_15 Datasheet HTML 5Page - Texas Instruments LMZ36002_15 Datasheet HTML 6Page - Texas Instruments LMZ36002_15 Datasheet HTML 7Page - Texas Instruments LMZ36002_15 Datasheet HTML 8Page - Texas Instruments LMZ36002_15 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 29 page
background image
30
40
50
60
70
80
90
100
0
0.5
1
1.5
2
Output Current (A)
PVIN = 24 V
PVIN = 48 V
C001
V
OUT
= 5 V
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
LMZ36002
SNVSA92A – SEPTEMBER 2015 – REVISED SEPTEMBER 2015
SIMPLE SWITCHER 4.5-V to 60-V Input, 2-A Power Module
1 Features
2 Applications
1
Complete Integrated Power Solution Allows
Industrial and Motor Controls
Small Footprint, Low-Profile Design
Automated Test Equipment
10 mm × 10 mm × 4.3 mm Package
Medical and Imaging Equipment
Wide-Output Voltage Adjust (2.5 V to 7.5 V)
High Density Power Systems
Adjustable Switching Frequency
3 Description
(200 kHz to 1 MHz)
The LMZ36002 SIMPLE SWITCHER® power module
Synchronizes to an External Clock
is an easy-to-use integrated power supply that
Automatic PFM Mode for Light Load Efficiency
combines a 2-A DC-DC converter with a shielded
Adjustable Slow-start
inductor and passives into a low profile, QFN
Output Voltage Sequencing / Tracking
package. This total power solution allows as few as
three external components while still leaving the
Power Good Output
ability to adjust key parameters to meet specific
Programmable Undervoltage Lockout (UVLO)
design requirements.
Over-Temperature Thermal Shutdown Protection
The QFN package is easy to solder to a printed
Over-Current Protection (Hiccup Mode)
circuit board, allows reflow profiles up to 260°C, and
Pre-Bias Output Start-Up
has
excellent
power
dissipation
capability.
The
LMZ36002 offers flexibilty with many features and is
Operating Temperature Range: –40°C to 105°C
ideal for powering a wide range of devices and
Enhanced Thermal Performance: 14°C/W
systems.
Meets EN55022 Class B Emissions
– Integrated Shielded Inductor
Device Information(1)
DEVICE NUMBER
PACKAGE
BODY SIZE
LMZ36002
QFN (43)
10.0 mm × 10.0 mm
(1) For all available packages, see the orderable addendum at
the end of the data sheet.
Efficiency vs Output Current
Simplified Schematic
1
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Podobny numer części - LMZ36002_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
LMZ36002 TI-LMZ36002_15 Datasheet
1Mb / 33P
[Old version datasheet]   SIMPLE SWITCHER 4.5-V to 60-V Input, 2-A Power Module
More results

Podobny opis - LMZ36002_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
LMZ36002 TI-LMZ36002_15 Datasheet
1Mb / 33P
[Old version datasheet]   SIMPLE SWITCHER 4.5-V to 60-V Input, 2-A Power Module
LMZ34202 TI1-LMZ34202 Datasheet
629Kb / 31P
[Old version datasheet]   SIMPLE SWITCHER 4.5-V to 42-V Input, 2-A Power Module
LMZ31520 TI1-LMZ31520 Datasheet
766Kb / 30P
[Old version datasheet]   20A SIMPLE SWITCHER짰 Power Module with 3.0V-14.5V Input in QFN Package
LMZ30602 TI-LMZ30602_15 Datasheet
1Mb / 30P
[Old version datasheet]   2A SIMPLE SWITCHER짰 Power Module with 2.95V-6V Input in QFN Package
LMZ30604 TI-LMZ30604_15 Datasheet
1Mb / 30P
[Old version datasheet]   4A SIMPLE SWITCHER짰 Power Module with 2.95V-6V Input in QFN Package
LMZ30606 TI-LMZ30606_15 Datasheet
1Mb / 30P
[Old version datasheet]   6A SIMPLE SWITCHER짰 Power Module with 2.95V-6V Input in QFN Package
LMZ31520 TI-LMZ31520_15 Datasheet
1Mb / 32P
[Old version datasheet]   20A SIMPLE SWITCHER짰 Power Module with 3.0V-14.5V Input in QFN Package
LMZ30604 TI1-LMZ30604 Datasheet
992Kb / 25P
[Old version datasheet]   4A SIMPLE SWITCHER짰 Power Module with 2.95V-6V Input in QFN Package
LMZ31506H TI-LMZ31506H_15 Datasheet
1Mb / 35P
[Old version datasheet]   6A SIMPLE SWITCHER짰 Power Module with 4.5V-14.5V Input in QFN Package
LMR51420 TI-LMR51420 Datasheet
2Mb / 33P
[Old version datasheet]   LMR51420 SIMPLE SWITCHER짰 Power Converter 4.5-V to 36-V, 2-A, Synchronous Buck Converter in a SOT-23 Package
SLUSEF6 ??OCTOBER 2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com