Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

LMZ14202H Arkusz danych(PDF) 5 Page - Texas Instruments

Numer części LMZ14202H
Szczegółowy opis  LMZ14202H SIMPLE SWITCHER짰 6V to 42V, 2A High Output Voltage Power Module
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI - Texas Instruments

LMZ14202H Arkusz danych(HTML) 5 Page - Texas Instruments

  LMZ14202H_15 Datasheet HTML 1Page - Texas Instruments LMZ14202H_15 Datasheet HTML 2Page - Texas Instruments LMZ14202H_15 Datasheet HTML 3Page - Texas Instruments LMZ14202H_15 Datasheet HTML 4Page - Texas Instruments LMZ14202H_15 Datasheet HTML 5Page - Texas Instruments LMZ14202H_15 Datasheet HTML 6Page - Texas Instruments LMZ14202H_15 Datasheet HTML 7Page - Texas Instruments LMZ14202H_15 Datasheet HTML 8Page - Texas Instruments LMZ14202H_15 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 31 page
background image
LMZ14202H
www.ti.com
SNVS691H – JANUARY 2011 – REVISED OCTOBER 2015
Electrical Characteristics (continued)
Limits are for TJ = 25°C unless otherwise specified. Minimum and Maximum limits are ensured through test, design or
statistical correlation. Typical values represent the most likely parametric norm at TJ = 25°C, and are provided for reference
purposes only. Unless otherwise stated the following conditions apply: VIN = 24 V, VOUT = 12 V, RON = 249 kΩ
PARAMETER
TEST CONDITIONS
MIN(1)
TYP(2)
MAX(1)
UNIT
REGULATION AND OVERVOLTAGE COMPARATOR
VIN = 24 V, VOUT = 12
0.803
V
VSS >+ 0.8 V
over the junction temperature
0.782
0.822
TJ = -40°C to 125°C
In-regulation feedback
(TJ) range of –40°C to +125°C
VFB
V
IOUT = 10 mA to 2 A
voltage
VIN = 24 V, VOUT = 12 V VSS >+ 0.8 V
TJ = 25°C
0.786
0.803
0.818
IOUT = 10 mA to 2 A
VIN = 36 V, VOUT = 24
0.803
V
VSS >+ 0.8 V
over the junction temperature
0.780
0.824
TJ = -40°C to 125°C
In-regulation feedback
(TJ) range of –40°C to +125°C
VFB
V
IOUT = 10 mA to 2 A
voltage
VIN = 36 V, VOUT = 24 V VSS >+ 0.8 V
TJ = 25°C
0.787
0.803
0.819
IOUT = 10 mA to 2 A
Feedback overvoltage
VFB-OVP
0.92
V
protection threshold
Feedback input bias
IFB
5
nA
current
Nonswitching Input
IQ
VFB= 0.86 V
1
mA
Current
Shut Down Quiescent
ISD
VEN= 0 V
25
μA
Current
THERMAL CHARACTERISTICS
TSD
Thermal Shutdown
Rising
165
°C
Thermal Shutdown
TSD-HYST
15
°C
Hysteresis
PERFORMANCE PARAMETERS
ΔVOUT
Output Voltage Ripple VOUT = 5 V, CO = 100 µF 6.3 V X7R
8
mV PP
ΔVOUT/ΔVIN
Line Regulation
VIN = 16 V to 42 V, IOUT= 3 A
.01%
ΔVOUT/ΔIOUT
Load Regulation
VIN = 24 V, IOUT = 0 A to 2 A
1.5
mV/A
η
Efficiency
VIN = 24 V, VOUT = 12 V IOUT = 1 A
93%
η
Efficiency
VIN = 24 V, VOUT = 12 V IOUT = 2 A
92%
Copyright © 2011–2015, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: LMZ14202H


Podobny numer części - LMZ14202H_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
National Semiconductor ...
LMZ14202HTZ NSC-LMZ14202HTZ Datasheet
540Kb / 20P
   2A SIMPLE SWITCHER Power Module for High Output Voltage
logo
Texas Instruments
LMZ14202HTZ/NOPB TI-LMZ14202HTZ/NOPB Datasheet
1Mb / 28P
[Old version datasheet]   LMZ14202H 2A, SIMPLE SWITCHER짰 Power Module for High Output Voltage
logo
National Semiconductor ...
LMZ14202HTZE NSC-LMZ14202HTZE Datasheet
540Kb / 20P
   2A SIMPLE SWITCHER Power Module for High Output Voltage
logo
Texas Instruments
LMZ14202HTZE/NOPB TI-LMZ14202HTZE/NOPB Datasheet
1Mb / 28P
[Old version datasheet]   LMZ14202H 2A, SIMPLE SWITCHER짰 Power Module for High Output Voltage
logo
National Semiconductor ...
LMZ14202HTZX NSC-LMZ14202HTZX Datasheet
540Kb / 20P
   2A SIMPLE SWITCHER Power Module for High Output Voltage
More results

Podobny opis - LMZ14202H_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
LMZ14202H TI-LMZ14202H Datasheet
1Mb / 28P
[Old version datasheet]   LMZ14202H 2A, SIMPLE SWITCHER짰 Power Module for High Output Voltage
LMZ20501 TI-LMZ20501_15 Datasheet
1Mb / 31P
[Old version datasheet]   LMZ14203H SIMPLE SWITCHER짰 6V to 42V, 3A High Output Voltage Power Module
LMZ14201H TI1-LMZ14201H Datasheet
1Mb / 31P
[Old version datasheet]   LMZ14201H SIMPLE SWITCHER짰 6V to 42V, 1A High Output Voltage Power Module
LMZ14203H TI-LMZ14203H_15 Datasheet
1Mb / 31P
[Old version datasheet]   SIMPLE SWITCHER 6V to 42V, 3A High Output Voltage Power Module
logo
National Semiconductor ...
LMZ14202 NSC-LMZ14202_1 Datasheet
1Mb / 18P
   2A SIMPLE SWITCHER짰 Power Module with 42V Maximum Input Voltage
LMZ14202 NSC-LMZ14202_11 Datasheet
1Mb / 18P
   2A SIMPLE SWITCHER짰 Power Module with 42V Maximum Input Voltage
LMZ14202 NSC-LMZ14202 Datasheet
1Mb / 18P
   2A SIMPLE SWITCHER짰 Power Module with 42V Maximum Input Voltage
logo
Texas Instruments
LMZ14202 TI-LMZ14202_15 Datasheet
1Mb / 31P
[Old version datasheet]   SIMPLE SWITCHER 6V to 42V, 2A Power Module in Leaded SMT-TO Package
logo
National Semiconductor ...
LMZ14201 NSC-LMZ14201_11 Datasheet
1Mb / 18P
   1A SIMPLE SWITCHER짰 Power Module with 42V Maximum Input Voltage
logo
Texas Instruments
LMZ14201 TI1-LMZ14201_14 Datasheet
2Mb / 24P
[Old version datasheet]   1A SIMPLE SWITCHER짰 Power Module with 42V Maximum Input Voltage
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com