Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

LMZ14202 Arkusz danych(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Numer części LMZ14202
Szczegółowy opis  SIMPLE SWITCHER 6V to 42V, 2A Power Module in Leaded SMT-TO Package
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI - Texas Instruments

LMZ14202 Arkusz danych(HTML) 11 Page - Texas Instruments

Back Button LMZ14202 Datasheet HTML 7Page - Texas Instruments LMZ14202 Datasheet HTML 8Page - Texas Instruments LMZ14202 Datasheet HTML 9Page - Texas Instruments LMZ14202 Datasheet HTML 10Page - Texas Instruments LMZ14202 Datasheet HTML 11Page - Texas Instruments LMZ14202 Datasheet HTML 12Page - Texas Instruments LMZ14202 Datasheet HTML 13Page - Texas Instruments LMZ14202 Datasheet HTML 14Page - Texas Instruments LMZ14202 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 31 page
background image
0.47 2F
10 2H
Co
CIN
Cvcc
FB
EN
SS
Vin
Linear reg
RON
Timer
Css
RON
RFBT
RFBB
CFF
Regulator IC
VO
Internal
Passives
VOUT
GND
VIN
1
2
3
4
5
6
7
LMZ14202
www.ti.com
SNVS648J – JANUARY 2010 – REVISED OCTOBER 2015
7 Detailed Description
7.1 Overview
The LMZ14202 is a step-down DC-to-DC power module. It is typically used to convert a higher DC voltage to a
lower DC voltage with a maximum output current of 2 A.
7.2 Functional Block Diagram
7.3 Feature Description
7.3.1 Constant On-Time Control (COT) Circuit Overview
Constant on-time control (COT) control is based on a comparator and an ON-time one-shot, with the output
voltage feedback compared with an internal 0.8-V reference. If the feedback voltage is below the reference, the
main MOSFET is turned on for a fixed ON-time determined by a programming resistor RDS(on) . RDS(on) is
connected to VIN such that ON-time is reduced with increasing input supply voltage. Following this ON-time, the
main MOSFET remains off for a minimum of 260 ns. If the voltage on the feedback pin falls below the reference
level again the ON-time cycle is repeated. Regulation is achieved in this manner.
7.3.2 Output Overvoltage Comparator
The voltage at FB is compared to a 0.92-V internal reference. If FB rises above 0.92 V the ON-time is
immediately terminated. This condition is known as over-voltage protection (OVP). It can occur if the input
voltage is increased very suddenly or if the output load is decreased very suddenly. Once OVP is activated, the
top MOSFET ON-times are inhibited until the condition clears. Additionally, the synchronous MOSFET remains
on until the inductor current falls to zero.
Copyright © 2010–2015, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: LMZ14202


Podobny numer części - LMZ14202

ProducentNumer częściArkusz danychSzczegółowy opis
logo
National Semiconductor ...
LMZ14202 NSC-LMZ14202 Datasheet
1Mb / 18P
   2A SIMPLE SWITCHER짰 Power Module with 42V Maximum Input Voltage
LMZ14202 NSC-LMZ14202 Datasheet
1Mb / 18P
   2A SIMPLE SWITCHER짰 Power Module with 42V Maximum Input Voltage
LMZ14202 NSC-LMZ14202 Datasheet
1Mb / 18P
   2A SIMPLE SWITCHER짰 Power Module with 42V Maximum Input Voltage
logo
Texas Instruments
LMZ14202EXT TI1-LMZ14202EXT Datasheet
3Mb / 21P
[Old version datasheet]   2A SIMPLE SWITCHER짰 Power Module with 42V Maximum Input Voltage for Military and Rugged Applications
LMZ14202EXT TI-LMZ14202EXT Datasheet
6Mb / 32P
[Old version datasheet]   2A SIMPLE SWITCHER Power Module With 42-V Maximum Input Voltage for Demanding Environments and Rugged Applications
More results

Podobny opis - LMZ14202

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
LMZ14201 TI1-LMZ14201_17 Datasheet
1Mb / 29P
[Old version datasheet]   SIMPLE SWITCHER 6V to 42V, 1A Power Module in Leaded SMT-TO Package
LMZ14203 TI-LMZ14203_15 Datasheet
1Mb / 29P
[Old version datasheet]   SIMPLE SWITCHER 6V to 42V, 3A Power Module in Leaded SMT-TO Package
LMZ14201 TI-LMZ14201_15 Datasheet
1Mb / 29P
[Old version datasheet]   SIMPLE SWITCHER 6V to 42V, 1A Power Module in Leaded SMT-TO Package
LMZ14203H TI-LMZ14203H_15 Datasheet
1Mb / 31P
[Old version datasheet]   SIMPLE SWITCHER 6V to 42V, 3A High Output Voltage Power Module
LMZ30602 TI1-LMZ30602 Datasheet
885Kb / 25P
[Old version datasheet]   2A SIMPLE SWITCHER Power Module with 2.95V-6V Input in QFN Package
LMZ30602 TI-LMZ30602 Datasheet
1Mb / 32P
[Old version datasheet]   2A SIMPLE SWITCHER Power Module with 2.95V-6V Input in QFN Package
LMZ14202H TI-LMZ14202H_15 Datasheet
1Mb / 31P
[Old version datasheet]   LMZ14202H SIMPLE SWITCHER짰 6V to 42V, 2A High Output Voltage Power Module
LMZ30606 TI1-LMZ30606 Datasheet
827Kb / 25P
[Old version datasheet]   6A SIMPLE SWITCHER Power Module with 2.95V-6V Input in QFN Package
LMZ30606 TI1-LMZ30606 Datasheet
978Kb / 25P
[Old version datasheet]   6A SIMPLE SWITCHER Power Module with 2.95V-6V Input in QFN Package
LMZ30604 TI1-LMZ30604 Datasheet
841Kb / 25P
[Old version datasheet]   4A SIMPLE SWITCHER Power Module with 2.95V-6V Input in QFN Package
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com