Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

LC75879PT Arkusz danych(PDF) 3 Page - ON Semiconductor

Numer części LC75879PT
Szczegółowy opis  Duty General-Purpose LCD Display Driver
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ONSEMI [ON Semiconductor]
Strona internetowa  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LC75879PT Arkusz danych(HTML) 3 Page - ON Semiconductor

  LC75879PT Datasheet HTML 1Page - ON Semiconductor LC75879PT Datasheet HTML 2Page - ON Semiconductor LC75879PT Datasheet HTML 3Page - ON Semiconductor LC75879PT Datasheet HTML 4Page - ON Semiconductor LC75879PT Datasheet HTML 5Page - ON Semiconductor LC75879PT Datasheet HTML 6Page - ON Semiconductor LC75879PT Datasheet HTML 7Page - ON Semiconductor LC75879PT Datasheet HTML 8Page - ON Semiconductor LC75879PT Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 35 page
background image
LC75879PT
No.A1687-3/35
Electrical Characteristics for the Allowable Operating Ranges
Ratings
Parameter
Symbol
Pin
Conditions
min
typ
max
Unit
Hysteresis
VH
CE, CL, DI, INH
0.03VDD
V
IIH1
CE, CL, DI, INH
VI=6.3V
5.0
Input high level current
IIH2
OSCI
VI=VDD: External
clock operating mode
5.0
μA
IIL1
CE, CL, DI, INH
VI=0V
-5.0
Input low level current
IIL2
OSCI
VI=0V: External
clock operating mode
-5.0
μA
VOH1
S1 to S69
IO=-20μA
VDD0-0.9
VOH2
COM1 to COM4
IO=-100μA
VDD0-0.9
Output high level
voltage *1
VOH3
P1 to P8
IO=-1mA
VDD-0.9
V
VOL1
S1 to S69
IO=20μA
0.9
VOL2
COM1 to COM4
IO=100μA
0.9
Output low level
voltage
VOL3
P1 to P8
IO=1mA
0.9
V
VMID1
S1 to S69
1/3 bias IO=±20μA
2/3VDD0
-0.9
2/3VDD0
+0.9
VMID2
S1 to S69
1/3 bias IO=±20μA
1/3VDD0
-0.9
1/3VDD0
+0.9
VMID3
COM1 to COM4
1/3 bias IO=±100μA
2/3VDD0
-0.9
2/3VDD0
+0.9
Output middle level
voltage
*1
*2
VMID4
COM1 to COM4
1/3 bias IO=±100μA
1/3VDD0
-0.9
1/3VDD0
+0.9
V
Oscillator frequency
fosc
Internal
oscillator circuit
Internal oscillator
operating mode
240
300
360
kHz
IDD1
VDD
Power-saving mode
100
IDD2
VDD
VDD=6.3V
Output open
Internal oscillator
operating mode
1000
2000
Current drain
IDD3
VDD
VDD=6.3V
Output open
External clock
operating mode
fCK=300kHz
VIH2=0.5VDD VIL2=0.1VDD
1000
2000
μA
Note: *1. VDD0=0.70VDD to VDD
Note: *2. Excluding the bias voltage generation divider resistors built in the VDD1 and VDD2. (See Figure 1.)
To the common and segment drivers
[Figure 1]
VDD2
VDD1
Except these resistors.
CONTRAST
ADJUSTER
VDD
VSS
VDD0


Podobny numer części - LC75879PT

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Sanyo Semicon Device
LC75879PT SANYO-LC75879PT Datasheet
274Kb / 35P
   1/4, 1/3-Duty General-Purpose LCD Display Driver
logo
ON Semiconductor
LC75879PT ONSEMI-LC75879PT Datasheet
341Kb / 35P
   LCD Display Driver
July, 2013
LC75879PT ONSEMI-LC75879PT Datasheet
359Kb / 35P
   Duty General-Purpose LCD Driver
July 2017 - Rev. 1
LC75879PT-H ONSEMI-LC75879PT-H Datasheet
359Kb / 35P
   Duty General-Purpose LCD Driver
July 2017 - Rev. 1
LC75879PTH-H ONSEMI-LC75879PTH-H Datasheet
359Kb / 35P
   Duty General-Purpose LCD Driver
July 2017 - Rev. 1
More results

Podobny opis - LC75879PT

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ON Semiconductor
ENA1462 ONSEMI-ENA1462 Datasheet
207Kb / 22P
   Duty General-Purpose LCD Display Driver
July, 2013
LC450029PKB ONSEMI-LC450029PKB Datasheet
204Kb / 25P
   Duty General-Purpose LCD Display Driver
July, 2013
ENA0428 ONSEMI-ENA0428 Datasheet
160Kb / 18P
   Duty General-Purpose LCD Display Driver
July, 2013
LC75809PT ONSEMI-LC75809PT Datasheet
336Kb / 43P
   Duty General-Purpose LCD Display Driver
July, 2013
ENA1578 ONSEMI-ENA1578 Datasheet
148Kb / 18P
   Duty Drive General-Purpose LCD Display Driver
July, 2013
logo
Sanyo Semicon Device
LC75824E SANYO-LC75824E Datasheet
336Kb / 16P
   1/4 Duty General-Purpose LCD Display Driver???
LC75874E SANYO-LC75874E Datasheet
431Kb / 16P
   1/4-Duty General-Purpose LCD Display Driver
logo
ON Semiconductor
LC75836W ONSEMI-LC75836W Datasheet
149Kb / 18P
   1/4-Duty General-Purpose LCD Display Driver
July, 2013
logo
Sanyo Semicon Device
LC75844M SANYO-LC75844M_08 Datasheet
207Kb / 15P
   1/4-Duty General-Purpose LCD Display Driver
logo
ON Semiconductor
EN6235 ONSEMI-EN6235 Datasheet
180Kb / 15P
   1/4-Duty General-Purpose LCD Display Driver
July, 2013
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com