Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

LC75897PW Arkusz danych(PDF) 2 Page - ON Semiconductor

Numer części LC75897PW
Szczegółowy opis  Duty General-Purpose LCD Driver
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ONSEMI [ON Semiconductor]
Strona internetowa  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LC75897PW Arkusz danych(HTML) 2 Page - ON Semiconductor

  LC75897PW Datasheet HTML 1Page - ON Semiconductor LC75897PW Datasheet HTML 2Page - ON Semiconductor LC75897PW Datasheet HTML 3Page - ON Semiconductor LC75897PW Datasheet HTML 4Page - ON Semiconductor LC75897PW Datasheet HTML 5Page - ON Semiconductor LC75897PW Datasheet HTML 6Page - ON Semiconductor LC75897PW Datasheet HTML 7Page - ON Semiconductor LC75897PW Datasheet HTML 8Page - ON Semiconductor LC75897PW Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 35 page
background image
LC75897PW
http://www.onsemi.com
2
Specifications
Absolute Maximum Ratings at Ta = 25
C, VSS = 0V
Parameter
Symbol
Conditions
Ratings
Unit
Maximum supply voltage
VDD max
VDD
-0.3 to +7.0
V
VLCD max
VLCD
-0.3 to +7.0
Input voltage
VIN1
CE, CL, DI, INH
-0.3 to +7.0
V
VIN2
OSC
-0.3 to VDD+0.3
VIN3
VLCD1, VLCD2
-0.3 to VLCD+0.3
Output voltage
VOUT1
OSC
-0.3 to VDD+0.3
V
VOUT2
VLCD0, S1 to S129, COM1 to COM4, P1 to P8
-0.3 to VLCD+0.3
Output current
IOUT1
S1 to S129
300
A
IOUT2
COM1 to COM4
3
mA
IOUT3
P1 to P8
5
Allowable power dissipation
Pd max
Ta = 85
C
200
mW
Operating temperature
Topr
-40 to +85
C
Storage temperature
Tstg
-55 to +125
C
Allowable Operating Ranges at Ta = -40 to +85
C, VSS = 0V
Parameter
Symbol
Conditions
Ratings
unit
min
typ
max
Supply voltage
VDD
VDD
2.7
6.0
V
VLCD
VLCD,
VLCD0 = 0.70VLCD to 0.95VLCD
4.0
6.0
VLCD, VLCD0 = VLCD
2.7
6.0
Output voltage
VLCD0
VLCD0
2.7
VLCD
V
Input voltage
VLCD1
VLCD1
2/3VLCD0
VLCD0
V
VLCD2
VLCD2
1/3VLCD0
VLCD0
Input high-level voltage
VIH1
CE, CL, DI, INH
0.8VDD
6.0
V
VIH2
OSC external clock operating mode
0.7VDD
VDD
Input low-level voltage
VIL1
CE, CL, DI, INH
0
0.2VDD
V
VIL2
OSC external clock operating mode
0
0.3VDD
Recommended external resistor
for RC oscillation
ROSC
OSC RC oscillator operating mode
10
k
Recommended external capacitor
for RC oscillation
COSC
OSC RC oscillator operating mode
470
pF
Guaranteed range of RC oscillation
fOSC
OSC RC oscillator operating mode
150
300
600
kHz
External clock operating frequency
fCK
OSC external clock operating mode
[Figure 4]
150
300
600
kHz
External clock duty cycle
DCK
OSC external clock operating mode
[Figure 4]
30
50
70
%
Data setup time
tds
CL,DI
[Figure 2],[ Figure 3]
160
ns
Data hold time
tdh
CL,DI
[Figure 2],[ Figure 3]
160
ns
CE wait time
tcp
CE,CL
[Figure 2],[ Figure 3]
160
ns
CE setup time
tcs
CE,CL
[Figure 2],[ Figure 3]
160
ns
CE hold time
tch
CE,CL
[Figure 2],[ Figure 3]
160
ns
High-level clock pulse width
t
H
CL
[Figure 2],[ Figure 3]
160
ns
Low-level clock pulse width
t
L
CL
[Figure 2],[ Figure 3]
160
ns
Rise time
tr
CE, CL, DI
[Figure 2],[ Figure 3]
160
ns
Fall time
tf
CE, CL, DI
[Figure 2],[ Figure 3]
160
ns
INH switching time
tc
INH, CE
[Figure 5],[ Figure 6]
10
s
Stresses exceeding those listed in the Maximum Ratings table may damage the device. If any of these limits are exceeded, device functionality should not be assumed,
damage may occur and reliability may be affected.
Functional operation above the stresses listed in the Recommended Operating Ranges is not implied. Extended exposure to stresses beyond the Recommended
Operating Ranges limits may affect device reliability.


Podobny numer części - LC75897PW

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Sanyo Semicon Device
LC75897PW SANYO-LC75897PW Datasheet
318Kb / 34P
   1/3, 1/4-Duty General-Purpose LCD Display Driver
logo
ON Semiconductor
LC75897PW-E ONSEMI-LC75897PW-E Datasheet
352Kb / 33P
   Duty General-Purpose LCD Driver
July 2017 - Rev. 1
More results

Podobny opis - LC75897PW

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ON Semiconductor
LC75814V ONSEMI-LC75814V Datasheet
126Kb / 14P
   Duty General-Purpose LCD Driver
October, 2013
LC75839PW ONSEMI-LC75839PW Datasheet
214Kb / 27P
   Duty General-Purpose LCD Driver
July, 2013
LC75829PW ONSEMI-LC75829PW Datasheet
357Kb / 23P
   Duty General-Purpose LCD Driver
June 2017 - Rev. 1
LC75847T ONSEMI-LC75847T_17 Datasheet
501Kb / 28P
   Duty General-Purpose LCD Driver
July 2017 - Rev. 1
LC75813E ONSEMI-LC75813E Datasheet
295Kb / 26P
   Duty General-Purpose LCD Driver
October, 2013
LC75843UGA ONSEMI-LC75843UGA Datasheet
220Kb / 35P
   Duty General-Purpose LCD Driver
January, 2014
LC75839PW ONSEMI-LC75839PW_17 Datasheet
270Kb / 27P
   Duty General-Purpose LCD Driver
June 2017 - Rev. 1
LC75843UGA ONSEMI-LC75843UGA_17 Datasheet
303Kb / 35P
   Duty General-Purpose LCD Driver
July 2017 - Rev. 3
LC75878W ONSEMI-LC75878W_17 Datasheet
370Kb / 36P
   Duty General-Purpose LCD Driver
July 2017 - Rev. 1
LC75897W ONSEMI-LC75897W Datasheet
352Kb / 33P
   Duty General-Purpose LCD Driver
July 2017 - Rev. 1
LC75838W ONSEMI-LC75838W Datasheet
214Kb / 36P
   Duty General-Purpose LCD Driver
January 2015 - Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com