Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

MTV20N50E Arkusz danych(PDF) 6 Page - ON Semiconductor

Numer części MTV20N50E
Szczegółowy opis  Power Field Effect Transistor
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ONSEMI [ON Semiconductor]
Strona internetowa  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MTV20N50E Arkusz danych(HTML) 6 Page - ON Semiconductor

Back Button MTV20N50E Datasheet HTML 2Page - ON Semiconductor MTV20N50E Datasheet HTML 3Page - ON Semiconductor MTV20N50E Datasheet HTML 4Page - ON Semiconductor MTV20N50E Datasheet HTML 5Page - ON Semiconductor MTV20N50E Datasheet HTML 6Page - ON Semiconductor MTV20N50E Datasheet HTML 7Page - ON Semiconductor MTV20N50E Datasheet HTML 8Page - ON Semiconductor MTV20N50E Datasheet HTML 9Page - ON Semiconductor MTV20N50E Datasheet HTML 10Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
MTV20N50E
http://onsemi.com
6
VSD, SOURCE−TO−DRAIN VOLTAGE (VOLTS)
Figure 8. Gate−To−Source and Drain−To−Source
Voltage versus Total Charge
Figure 9. Resistive Switching Time
Variation versus Gate Resistance
Figure 10. Stored Charge
0.54
0.7
0.86
TJ = 25°C
VGS = 0 V
0
16
20
12
0
0.78
0.62
8
4
RG, GATE RESISTANCE (OHMS)
110
1
1000
100
10
VDD = 250 V
ID = 20 A
VGS = 10 V
TJ = 25°C
tr
tf
td(off)
td(on)
500
400
300
200
100
0
0
8
6
0
QG, TOTAL GATE CHARGE (nC)
10
4
2
10
20
80
90
100
ID = 20 A
TJ = 25°C
VDS
30
40
50
60
70
Q3
Q1
Q2
QT
VGS
Figure 11. Diode Forward Voltage versus Curre
0.74
0.9
0.82
0.66
0.5
0.58
0
4
8
121620
IS = 20 A
dlS/dt = 100 A/μs
VDD = 50 V
TJ = 25°C
1
3
4
5
7
ID, DRAIN CURRENT (AMPS)
2
26
18
6
0
14
10
SAFE OPERATING AREA
The Forward Biased Safe Operating Area curves define
the maximum simultaneous drain−to−source voltage and
drain current that a transistor can handle safely when it is
forward biased. Curves are based upon maximum peak
junction temperature and a case temperature (TC) of 25°C.
Peak repetitive pulsed power limits are determined by using
the thermal response data in conjunction with the
procedures discussed in AN569, “Transient Thermal
Resistance−General Data and Its Use.”
Switching between the off−state and the on−state may
traverse any load line provided neither rated peak current
(IDM) nor rated voltage (VDSS) is exceeded and the
transition time (tr,tf) do not exceed 10 μs. In addition the
total power averaged over a complete switching cycle must
not exceed (TJ(MAX) − TC)/(RθJC).
A Power MOSFET designated E−FET can be safely used
in switching circuits with unclamped inductive loads. For
reliable operation, the stored energy from circuit inductance
dissipated in the transistor while in avalanche must be less
than the rated limit and adjusted for operating conditions
differing from those specified. Although industry practice is
to rate in terms of energy, avalanche energy capability is not
a constant. The energy rating decreases non−linearly with
an increase of peak current in avalanche and peak junction
temperature.
Although many E−FETs can withstand the stress of
drain−to−source avalanche at currents up to rated pulsed
current (IDM), the energy rating is specified at rated
continuous current (ID), in accordance with industry custom.
The energy rating must be derated for temperature as
shown in the accompanying graph (Figure 12). Maximum
energy at currents below rated continuous ID can safely be
assumed to equal the values indicated.


Podobny numer części - MTV20N50E

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Motorola, Inc
MTV20N50E MOTOROLA-MTV20N50E Datasheet
273Kb / 10P
   TMOS POWER FET 20 AMPERES 500 VOLTS RDS(on) = 0.240 OHM
logo
Inchange Semiconductor ...
MTV20N50E ISC-MTV20N50E Datasheet
297Kb / 2P
   isc N-Channel MOSFET Transistor
More results

Podobny opis - MTV20N50E

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Motorola, Inc
MTM15N40E MOTOROLA-MTM15N40E Datasheet
170Kb / 5P
   POWER FIELD EFFECT TRANSISTOR
MTH6N55 MOTOROLA-MTH6N55 Datasheet
232Kb / 6P
   Power Field Effect Transistor
MTM25N10 MOTOROLA-MTM25N10 Datasheet
169Kb / 5P
   POWER FIELD EFFECT TRANSISTOR
logo
List of Unclassifed Man...
CMT18N20 ETC1-CMT18N20 Datasheet
199Kb / 8P
   POWER FIELD EFFECT TRANSISTOR
logo
Motorola, Inc
MTP5N20 MOTOROLA-MTP5N20 Datasheet
165Kb / 5P
   POWER FIELD EFFECT TRANSISTOR
MTP15N05EL MOTOROLA-MTP15N05EL Datasheet
164Kb / 5P
   POWER FIELD EFFECT TRANSISTOR
logo
Champion Microelectroni...
CMT14N50 CHAMP-CMT14N50 Datasheet
253Kb / 8P
   POWER FIELD EFFECT TRANSISTOR
logo
Motorola, Inc
MTM12P10 MOTOROLA-MTM12P10 Datasheet
169Kb / 5P
   POWER FIELD EFFECT TRANSISTOR
MTP10N15 MOTOROLA-MTP10N15 Datasheet
170Kb / 5P
   POWER FIELD EFFECT TRANSISTOR
logo
Champion Microelectroni...
CMT01N60 CHAMP-CMT01N60 Datasheet
288Kb / 8P
   POWER FIELD EFFECT TRANSISTOR
logo
List of Unclassifed Man...
CMT06N60 ETC-CMT06N60 Datasheet
191Kb / 6P
   POWER FIELD EFFECT TRANSISTOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com