Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

J10919 Arkusz danych(PDF) 2 Page - Hamamatsu Corporation

Numer części J10919
Szczegółowy opis  FAC LENS (Fast-Axis Collimating Lens)
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  HAMAMATSU [Hamamatsu Corporation]
Strona internetowa  http://www.hamamatsu.com
Logo HAMAMATSU - Hamamatsu Corporation

J10919 Arkusz danych(HTML) 2 Page - Hamamatsu Corporation

  J10919_15 Datasheet HTML 1Page - Hamamatsu Corporation J10919_15 Datasheet HTML 2Page - Hamamatsu Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
TOTH1005E01
JUN. 2012 IP
SPECIFICATIONS
DIMENSIONAL OUTLINES (Unit: mm)
MACHINING OPTIONS
Information furnished by HAMAMATSU is believed to be reliable. However, no responsibility is assumed for possible inaccuracies or omissions. Specifications are
subject to change without notice. No patent rights are granted to any of the circuits described herein. ©2012 Hamamatsu Photonics K.K.
Subject to local technical requirements and regulations, availability of products included in this promotional material may vary. Please consult with our sales office.
HAMAMATSU PHOTONICS K.K.
HAMAMATSU PHOTONICS K.K., Electron Tube Division
314-5, Shimokanzo, Iwata City, Shizuoka Pref., 438-0193, Japan, Telephone: (81)539/62-5248, Fax: (81)539/62-2205
U.S.A.: Hamamatsu Corporation: 360 Foothill Road, P. O. Box 6910, Bridgewater. N.J. 08807-0910, U.S.A., Telephone: (1)908-231-0960, Fax: (1)908-231-1218 E-mail: usa@hamamatsu.com
Germany: Hamamatsu Photonics Deutschland GmbH: Arzbergerstr. 10, D-82211 Herrsching am Ammersee, Germany, Telephone: (49)8152-375-0, Fax: (49)8152-2658 E-mail: info@hamamatsu.de
France: Hamamatsu Photonics France S.A.R.L.: 19, Rue du Saule Trapu, Parc du Moulin de Massy, 91882 Massy Cedex, France, Telephone: (33)1 69 53 71 00, Fax: (33)1 69 53 71 10 E-mail: infos@hamamatsu.fr
United Kingdom: Hamamatsu Photonics UK Limited: 2 Howard Court, 10 Tewin Road Welwyn Garden City Hertfordshire AL7 1BW, United Kingdom, Telephone: 44-(0)1707-294888, Fax: 44(0)1707-325777 E-mail: info@hamamatsu.co.uk
North Europe: Hamamatsu Photonics Norden AB: Smidesvägen 12, SE-171-41 SOLNA, Sweden, Telephone: (46)8-509-031-00, Fax: (46)8-509-031-01 E-mail: info@hamamatsu.se
Italy: Hamamatsu Photonics Italia: S.R.L.: Strada della Moia, 1/E, 20020 Arese, (Milano), Italy, Telephone: (39)02-935 81 733, Fax: (39)02-935 81 741 E-mail: info@hamamatsu.it
China: HAMAMATSU PHOTONICS (CHINA) Co., Ltd.: 1201 Tower B, Jiaming Center, No.27 Dongsanhuan Beilu, Chaoyang District, Beijing 100020, China, Telephone: (86)10-6586-6006, Fax: (86)10-6586-2866 E-mail: hpc@hamamatsu.com.cn
www.hamamatsu.com
Material
Design Wavelength
Refractive Index at 808 nm
Length (L)
Height (H)
Width (W)
Effective Focal Length (EFL)
Back Focal Length (BFL)
Effective Area
Numeric Aperture (NA)
Coating
Efficiency
Operating Ambient Temperature
Min.
Min.
Parameter
J10919-01
1.00
0.94
0.61
0.10
85 (
±1.5 mrad)
J10919-02
1.50
1.41
0.92
0.15
85 (
±1.0 mrad)
High refractive index glass (developed in-house)
808
1.812
12.00
90 % of output area
0.8
Anti-reflection film
-30 to +60
Unit
nm
mm
mm
mm
mm
mm
%
°C
H
L
OUTPUT SURFACE
LASER INPUT SURFACE
* See the above specification table for L, H and W.
GChanging length
GGrooving at edge
GChanging focal length
GChanging design wavelength
Please feel free to contact us for modification.
Example of grooving at edge


Podobny numer części - J10919_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NXP Semiconductors
J109 PHILIPS-J109 Datasheet
45Kb / 7P
   N-channel silicon junction FETs
1996 Jul 30
logo
Fairchild Semiconductor
J109 FAIRCHILD-J109 Datasheet
47Kb / 4P
   N-Channel Switch
logo
Calogic, LLC
J109 CALOGIC-J109 Datasheet
21Kb / 1P
   N-Channel JFET Switch
logo
Linear Integrated Syste...
J109 LINEAR-J109 Datasheet
300Kb / 2P
   LOW NOISE SINGLE N-CHANNEL JFET SWITCH
logo
Fairchild Semiconductor
J109 FAIRCHILD-J109 Datasheet
169Kb / 7P
   N-Channel Switch
More results

Podobny opis - J10919_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
DB Lectro Inc
BTP-QF1-20 DBLECTRO-BTP-QF1-20 Datasheet
127Kb / 1P
   BriLux Collimating Lens
logo
Clairex Technologies, I...
CLE331 CLAIREX-CLE331 Datasheet
114Kb / 1P
   AlGaAs Point Source IRED Collimating Lens
logo
P-tec Corporation
PL0087_CL P-TEC-PL0087_CL Datasheet
60Kb / 1P
   1W High Power LED with Collimating Lens
logo
Festo Corporation.
8132473 FESTO-8132473 Datasheet
86Kb / 1P
   Lens
8132474 FESTO-8132474 Datasheet
86Kb / 1P
   Lens
8132472 FESTO-8132472 Datasheet
85Kb / 1P
   Lens
8132475 FESTO-8132475 Datasheet
71Kb / 1P
   Lens
logo
Shenzhen Huazhimei Semi...
HM8837 HMSEMI-HM8837 Datasheet
572Kb / 9P
   Digital single lens reflex (DSLR) lens
logo
Dialight Corporation
OPFL DIALIGHT-OPFL Datasheet
116Kb / 2P
   FLARE LENS
logo
Visual Communications C...
SPC060-E VCC-SPC060-E Datasheet
64Kb / 1P
   LENS SPACER
More results


Html Pages

1 2


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com