Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

1N4110D Arkusz danych(PDF) 2 Page - Microsemi Corporation

Numer części 1N4110D
Szczegółowy opis  SILICON 400mA LOW NOISE ZENER DIODES
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  MICROSEMI [Microsemi Corporation]
Strona internetowa  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

1N4110D Arkusz danych(HTML) 2 Page - Microsemi Corporation

  1N4110D Datasheet HTML 1Page - Microsemi Corporation 1N4110D Datasheet HTML 2Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
112
1N4099UR-1 thru 1N4135UR-1
CDLL4099 thru CDLL4135
.1
2
.5
1
2
5
10
20
50
100
OPERATING CURRENT IZT (mA)
FIGURE 3
ZENER IMPEDANCE VS. OPERATING CURRENT
1000
500
400
300
200
100
50
40
30
20
10
5
4
3
2
1
0
25
50
75
100
125
150
175
TEC , End cap temperature (°C)
POWER DERATING CURVE
500
400
300
200
100
0
FIGURE 2
28 VOLT
6.8 VOLT
11 VOLT


Podobny numer części - 1N4110D

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Microsemi Corporation
1N4110DUR MICROSEMI-1N4110DUR Datasheet
189Kb / 3P
   GLASS SURFACE MOUNT 0.5 WATT ZENERS
1N4110DUR-1 MICROSEMI-1N4110DUR-1 Datasheet
189Kb / 3P
   GLASS SURFACE MOUNT 0.5 WATT ZENERS
1N4110DURTR MICROSEMI-1N4110DURTR Datasheet
189Kb / 3P
   GLASS SURFACE MOUNT 0.5 WATT ZENERS
1N4110DURTR-1 MICROSEMI-1N4110DURTR-1 Datasheet
189Kb / 3P
   GLASS SURFACE MOUNT 0.5 WATT ZENERS
More results

Podobny opis - 1N4110D

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Vishay Siliconix
MMBZ4617 VISHAY-MMBZ4617 Datasheet
29Kb / 2P
   Silicon Planar Low Noise Zener Diodes.
01-May-02
logo
Microsemi Corporation
1N4099-1 MICROSEMI-1N4099-1 Datasheet
86Kb / 2P
   SILICON 500mA LOW NOISE ZENER DIODES
logo
SEMTECH ELECTRONICS LTD...
1N4099 SEMTECH_ELEC-1N4099 Datasheet
212Kb / 3P
   SILICON PLANAR LOW NOISE ZENER DIODES
logo
TAITRON Components Inco...
1N4614 TAITRON-1N4614 Datasheet
357Kb / 5P
   500mW Low Noise Zener Diodes
logo
New Jersey Semi-Conduct...
1N6062B NJSEMI-1N6062B Datasheet
94Kb / 1P
   400 mW low voltage avalanche low noise silicon zener diodes
logo
Jinan Gude Electronic D...
1N4099 JGD-1N4099 Datasheet
181Kb / 2P
   500mW LOW NOISE SILION ZENER DIODES
logo
Microsemi Corporation
1PMT4614 MICROSEMI-1PMT4614 Datasheet
210Kb / 2P
   LOW NOISE 1 WATT Zener Diodes
logo
Renesas Technology Corp
HZK-LL RENESAS-HZK-LL Datasheet
46Kb / 6P
   Silicon Epitaxial Planar Zener Diodes for Hard Knee Low Noise
logo
Central Semiconductor C...
CLL4614 CENTRAL-CLL4614_10 Datasheet
305Kb / 2P
   SURFACE MOUNT 500mW LOW NOISE SILICON ZENER DIODES 5% TOLERANCE
logo
Microsemi Corporation
1PMT4614E3 MICROSEMI-1PMT4614E3 Datasheet
139Kb / 4P
   POWERMITETM Low Noise 1 Watt Zener Diodes
More results


Html Pages

1 2


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com