Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

2N2219AL Arkusz danych(PDF) 2 Page - ON Semiconductor

Numer części 2N2219AL
Szczegółowy opis  Small Signal Switching Transistor
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ONSEMI [ON Semiconductor]
Strona internetowa  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

2N2219AL Arkusz danych(HTML) 2 Page - ON Semiconductor

  2N2219AL Datasheet HTML 1Page - ON Semiconductor 2N2219AL Datasheet HTML 2Page - ON Semiconductor 2N2219AL Datasheet HTML 3Page - ON Semiconductor 2N2219AL Datasheet HTML 4Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2N2219, 2N2219A, 2N2219AL
http://onsemi.com
2
ELECTRICAL CHARACTERISTICS (TA = 25°C unless otherwise noted)
Characteristic
Symbol
Min
Max
Unit
OFF CHARACTERISTICS
Collector−Emitter Breakdown Voltage
(IE = 10 mAdc)
2N2219
2N2219A/AL
V(BR)CEO
30
50
Vdc
Emitter−Base Cutoff Current
(VEB = 5.0 Vdc)
2N2219
(VEB = 6.0 Vdc)
2N2219A/AL
(VEB = 4.0 Vdc)
All
IEBO
10
10
10
mAdc
mAdc
nAdc
Collector−Emitter Cutoff Current
(VCE = 30 Vdc)
2N2219
(VCE = 50 Vdc)
2N2219A/AL
ICES
10
10
nAdc
nAdc
Collector−Base Cutoff Current
(VCB = 50 Vdc)
2N2219
(VCB = 60 Vdc)
2N2219
(VCB = 60 Vdc)
2N2219A/AL
(VCB = 75 Vdc)
2N2219A/AL
ICBO
10
10
10
10
nAdc
mAdc
nAdc
mAdc
ON CHARACTERISTICS (Note 1)
DC Current Gain
(IC = 0.1 mAdc, VCE = 10 Vdc)
2N2219
2N2219A/AL
(IC = 1.0 mAdc, VCE = 10 Vdc)
2N2219
2N2219A/AL
(IC = 10 mAdc, VCE = 10 Vdc)
2N2219
2N2219A/AL
(IC = 150 mAdc, VCE = 10 Vdc)
2N2219/A/AL
(IC = 500 mAdc, VCE = 10 Vdc)
2N2219/A/AL
hFE
35
50
50
75
75
100
100
30
325
325
300
Collector−Emitter Saturation Voltage
(IC = 150 mAdc, IB = 15 mAdc)
2N2219
2N2219A/AL
(IC = 500 mAdc, IB = 50 mAdc)
2N2219
2N2219A/AL
VCE(sat)
0.4
0.3
1.6
1.0
Vdc
Base −Emitter Saturation Voltage
(IC = 150 mAdc, IB = 15 mAdc)
2N2219
2N2219A/AL
(IC = 500 mAdc, IB = 50 mAdc)
2N2219
2N2219A/AL
VBE(sat)
0.6
0.6
1.3
1.2
2.6
2.0
Vdc
SMALL−SIGNAL CHARACTERISTICS
Magnitude of Small−Signal Current Gain
(IC = 20 mAdc, VCE = 20 Vdc, f = 100 MHz)
|hfe|
2.5
12
Small−Signal Current Gain
(IC = 1.0 mAdc, VCE = 10 Vdc, f = 1 kHz)
2N2219
2N2219A/AL
hfe
50
75
Output Capacitance
(VCB = 10 Vdc, IE = 0, 100 kHz ≤ f ≤ 1.0 MHz)
Cobo
8.0
pF
Input Capacitance
(VEB = 0.5 Vdc, IC = 0, 100 kHz ≤ f ≤ 1.0 MHz)
Cibo
25
pF
SWITCHING CHARACTERISTICS
Turn−On Time
(Reference Figure in MIL−PRF−19500/251)
2N2219
2N2219A/AL
ton
40
35
ns
Turn−Off Time
(Reference Figure in MIL−PRF−19500/251)
2N2219
2N2219A/AL
toff
250
300
ns
1. Pulse Test: Pulse Width = 300 ms, Duty Cycle ≤ 2.0%.


Podobny numer części - 2N2219AL

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Semicoa Semiconductor
2N2219AL SEMICOA-2N2219AL Datasheet
29Kb / 1P
   Chip Type 2C2222A Geometry 0400 Polarity NPN
2N2219AL SEMICOA-2N2219AL Datasheet
60Kb / 2P
   Type 2N2219AL Geometry 0400 Polarity NPN
logo
Microsemi Corporation
2N2219AL MICROSEMI-2N2219AL Datasheet
68Kb / 2P
   NPN SWITCHING SILICON TRANSISTOR
logo
Seme LAB
2N2219AL SEME-LAB-2N2219AL Datasheet
15Kb / 1P
   Bipolar NPN Device in a Hermetically sealed TO5
More results

Podobny opis - 2N2219AL

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ON Semiconductor
JANTX2N4033 ONSEMI-JANTX2N4033 Datasheet
105Kb / 4P
   Small Signal Switching Transistor
March, 2013 ??Rev. P0
JAN2N2222A ONSEMI-JAN2N2222A Datasheet
90Kb / 3P
   Small Signal Switching Transistor
August, 2012 ??Rev. 1
2N4029 ONSEMI-2N4029_13 Datasheet
82Kb / 6P
   Small Signal Switching Transistor
November, 2013 ??Rev. 1
logo
New Jersey Semi-Conduct...
2N2905A NJSEMI-2N2905A Datasheet
206Kb / 3P
   Small Signal Switching Transistor
logo
Central Semiconductor C...
CMKT3946 CENTRAL-CMKT3946_15 Datasheet
387Kb / 2P
   COMPLEMENTARY SMALL SIGNAL SWITCHING TRANSISTOR
logo
Sensitron
SHD446010 SENSITRON-SHD446010 Datasheet
37Kb / 2P
   SMALL SIGNAL TRANSISTOR
SHD444104 SENSITRON-SHD444104 Datasheet
155Kb / 2P
   SMALL SIGNAL TRANSISTOR
logo
Isahaya Electronics Cor...
ISA1989AU1 ISAHAYA-ISA1989AU1 Datasheet
139Kb / 3P
   SMALL-SIGNAL TRANSISTOR
ISA1530AC1 ISAHAYA-ISA1530AC1 Datasheet
115Kb / 3P
   SMALL-SIGNAL TRANSISTOR
logo
Guangdong Kexin Industr...
2SC5214 KEXIN-2SC5214 Datasheet
51Kb / 1P
   Small Signal Transistor
More results


Html Pages

1 2 3 4


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com