Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SMB340U Arkusz danych(PDF) 2 Page - GOOD-ARK Electronics

Numer części SMB340U
Szczegółowy opis  Ultra fast Boost Rectifier Reverse Voltage 400~600V Forward Current 3A
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  GOOD-ARK [GOOD-ARK Electronics]
Strona internetowa  http://www.goodark.com
Logo GOOD-ARK - GOOD-ARK Electronics

SMB340U Arkusz danych(HTML) 2 Page - GOOD-ARK Electronics

  SMB340U_15 Datasheet HTML 1Page - GOOD-ARK Electronics SMB340U_15 Datasheet HTML 2Page - GOOD-ARK Electronics SMB340U_15 Datasheet HTML 3Page - GOOD-ARK Electronics SMB340U_15 Datasheet HTML 4Page - GOOD-ARK Electronics SMB340U_15 Datasheet HTML 5Page - GOOD-ARK Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
SMB340U thru SMB360U
Ultra fast Boost Rectifier
Reverse Voltage 400~600V Forward Current 3A
www.goodark.com
2/5
2015.07-Rev.A
juntion to mount
RθJM
℃/W
juntion to ambient
RθJA
℃/W
Notes 1): The thermal resistance from junction to ambient or mount,Mounted on P.C.B with 30*30mm copper pad area
Test Curcuit and Current Waveform
Measure condition:APFC topology,Dut=SMB340U
Measure condition:APFC topology,Dut=SMB340U+SMB340U
Thermal Characteristics (TA = 25 °C unless otherwise noted)
45
Typical thermal resistance1)
Typical APFC test cuicuit
15
trr=33.2ns
Irm=0.27A
Qrr=4.48nC
trr=18.4ns
Irm=0.19A
Qrr=1.75nC


Podobny numer części - SMB340U_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
GOOD-ARK Electronics
SMB340U GOOD-ARK-SMB340U Datasheet
491Kb / 5P
   Ultra fast Boost Rectifier
More results

Podobny opis - SMB340U_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
GOOD-ARK Electronics
SGC340U GOOD-ARK-SGC340U_15 Datasheet
330Kb / 5P
   Ultra fast Boost Rectifier Reverse Voltage 400~600V Forward Current 3A
logo
Cystech Electonics Corp...
MUR460SB CYSTEKEC-MUR460SB Datasheet
418Kb / 6P
   Ultra-fast Plastic Rectifiers Reverse Voltage 600V Forward Current 4A
logo
Rugao Dachang Electroni...
ER100 DACHANG-ER100 Datasheet
121Kb / 2P
   Plastic Ultra-Fast Recover Rectifier Reverse Voltage 50 to 600V Forward Current 1.0A
ER300 DACHANG-ER300 Datasheet
121Kb / 2P
   Plastic Ultra-Fast Recover Rectifier Reverse Voltage 50 to 600V Forward Current 3.0A
ER200 DACHANG-ER200 Datasheet
120Kb / 2P
   Plastic Ultra-Fast Recover Rectifier Reverse Voltage 50 to 600V Forward Current 2.0A
logo
First Silicon Co., Ltd
MUR2040FCT FS-MUR2040FCT Datasheet
379Kb / 2P
   Super fast rectifier Reverse voltage 400 volts forward current 20 ampers
SFF2040CT FS-SFF2040CT Datasheet
316Kb / 2P
   Super fast rectifier Reverse voltage 400 volts forward current 20 ampers
logo
Shanghai Leiditech Elec...
SFF2040CT LEIDITECH-SFF2040CT Datasheet
352Kb / 2P
   Super fast rectifier Reverse voltage 400 volts forward current 20 ampers
logo
First Silicon Co., Ltd
MUR2060FCT FS-MUR2060FCT Datasheet
245Kb / 2P
   Ultra-fast Rectifier Reverse Voltage 600 Volts, Forward Current 20Ampers
MURB2060CT FS-MURB2060CT Datasheet
282Kb / 3P
   Ultra-fast Rectifier Reverse Voltage 600 Volts, Forward Current 20Ampers
More results


Html Pages

1 2 3 4 5


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com