Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

LC78211-E Arkusz danych(PDF) 1 Page - ON Semiconductor

Numer części LC78211-E
Szczegółowy opis  Analog Function Switch
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ONSEMI [ON Semiconductor]
Strona internetowa  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LC78211-E Arkusz danych(HTML) 1 Page - ON Semiconductor

  LC78211-E Datasheet HTML 1Page - ON Semiconductor LC78211-E Datasheet HTML 2Page - ON Semiconductor LC78211-E Datasheet HTML 3Page - ON Semiconductor LC78211-E Datasheet HTML 4Page - ON Semiconductor LC78211-E Datasheet HTML 5Page - ON Semiconductor LC78211-E Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
73096HA (OT)/72994 TH (OT) No.A4817-1/6
Semiconductor Components Industries, LLC, 2013
December, 2013
http://onsemi.com
ORDERING INFORMATION
See detailed ordering and shipping information on page 6 of this data sheet.
LC78211, 78212, 78213
Applications
Function switching under serial data control in amplifiers, receivers, and other electronic equipment.
Features
 Two sets of eight (or in the LC78213, seven) built-in circuits with three switching configurations available based on
differing internal connections.
 Control according to serial data sent from a microprocessor, and easy connection to 5 V microprocessors.
 Two identical products can be connected to a shared bus due to the provision of a select pin (S).
 A reset pin that turns off all analog switches.
 A ±20 V withstand voltage rating allows these products to provide a wide dynamic range.
Specifications
Absolute Maximum Ratings at Ta = 25
C
Parameter
Symbol
Conditions
Ratings
Unit
Maximum supply voltage
VDD max
VDD
–0.3 to +20
V
VEE max
VEE
–20 to +0.3
V
Maximum input voltage
VI1
DI, CL, CE, S, RES
–0.3 to +20
V
VI2
L1 to L8, R1 to R8, LCOM1 to LCOM4, RCOM1 to RCOM4
VEE – 0.3 to VDD + 0.3
V
Analog switch potential
difference when on
VON
With the switch on
0.5
V
Allowable power dissipation
Pd max
Ta ≤ 75°C
100
mW
Operating temperature range
Topr
–30 to +75
C
Storage temperature range
Tstg
–40 to +125
C
Package Dimensions
unit : mm
PDIP30 / DIP30SD (400mil)
CASE 646AZ
Ordering number : ENA4817A
CMOS LSI
Analog Function Switch
Stresses exceeding those listed in the Maximum Ratings table may damage the device. If any of these limits are exceeded, device functionality should not be assumed,
damage may occur and reliability may be affected.
DIP30SD (400mil)


Podobny numer części - LC78211-E

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Sanyo Semicon Device
LC78211 SANYO-LC78211 Datasheet
115Kb / 6P
   Analog Function Switch
More results

Podobny opis - LC78211-E

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Sanyo Semicon Device
LC78211 SANYO-LC78211 Datasheet
115Kb / 6P
   Analog Function Switch
LC7824 SANYO-LC7824 Datasheet
94Kb / 5P
   Analog Function Switch
logo
New Japan Radio
NJU7313A NJRC-NJU7313A Datasheet
193Kb / 5P
   ANALOG FUNCTION SWITCH???
logo
Princeton Technology Co...
PT233 PTC-PT233 Datasheet
85Kb / 2P
   Analog Function Switch
logo
Sanyo Semicon Device
LC7821 SANYO-LC7821 Datasheet
134Kb / 6P
   Analog Function Switch
logo
New Japan Radio
NJU7311A NJRC-NJU7311A Datasheet
196Kb / 5P
   ANALOG FUNCTION SWITCH
logo
Toshiba Semiconductor
TC9152P TOSHIBA-TC9152P Datasheet
247Kb / 10P
   ANALOG FUNCTION SWITCH
1994-11-28
logo
New Japan Radio
NJU7312A NJRC-NJU7312A Datasheet
194Kb / 5P
   ANALOG FUNCTION SWITCH?
logo
Toshiba Semiconductor
TC9162AN TOSHIBA-TC9162AN Datasheet
401Kb / 12P
   HIGH VOLTAGE ANALOG FUNCTION SWITCH ARRAY
TC9208N TOSHIBA-TC9208N Datasheet
473Kb / 13P
   HIGH TENSION SUSTAINING ANALOG FUNCTION SWITCH
More results


Html Pages

1 2 3 4 5 6


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com