Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

MC33064 Arkusz danych(PDF) 9 Page - Microsemi Corporation

Numer części MC33064
Szczegółowy opis  UNDERVOLTAGE SENSING CIRCUIT
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  MICROSEMI [Microsemi Corporation]
Strona internetowa  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

MC33064 Arkusz danych(HTML) 9 Page - Microsemi Corporation

Back Button MC33064 Datasheet HTML 2Page - Microsemi Corporation MC33064 Datasheet HTML 3Page - Microsemi Corporation MC33064 Datasheet HTML 4Page - Microsemi Corporation MC33064 Datasheet HTML 5Page - Microsemi Corporation MC33064 Datasheet HTML 6Page - Microsemi Corporation MC33064 Datasheet HTML 7Page - Microsemi Corporation MC33064 Datasheet HTML 8Page - Microsemi Corporation MC33064 Datasheet HTML 9Page - Microsemi Corporation MC33064 Datasheet HTML 10Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
U NDER VOL T AGE S ENSING C IRCUIT
MC33064/MC34064
PRODUCT DA T ABOOK 1996/1997
9
Copyright © 1999
Rev. 1.3
6/99
P RODUCTION
D AT A
S HEET
TYPICAL APPLICA TION CIRCUITS
FIGURE 15. — LOW VOLTAGE MICROPROCESSOR RESET
A time delayed reset can be accomplished with the addition of C
DLY.
For systems with extremely fast power supply rise times (< 500ns) it
is recommended that the RC
DLY time constant be greater than 5.0µs.
V
TH(MPU) is the microprocessor reset input threshold.
Overheating of the logic level power MOSFET due to insufficient gate
voltage can be prevented with the above circuit. When the input signal is
below the 4.6 volt threshold of the MC34064, its output grounds the gate
of the L2 MOSFET.
FIGURE 17. — VOLTAGE MONITOR
FIGURE 18. — MOSFET LOW VOLTAGE GATE DRIVE PROTECTION
V
TH(MPU)
V
IN
1 -
t
DLY = R CDLY In
1
FIGURE 16. — SWITCHING THE LOAD OFF WHEN
BATTERY REACHES BELOW 4.3V
POWER
SUPPLY
1.2 V
REF
MICROPROCESSOR
CIRCUIT
RESET
C
DLY
R
V
IN
1.2 V
REF
LOAD
RESET
V
IN
POWER
SUPPLY
1.2 V
REF
RESET
V
IN
1.0k
1.2 V
REF
RESET
V
IN
270
4.3V
V
CC
R
L
SMP60N03-10L


Podobny numer części - MC33064

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Motorola, Inc
MC33064 MOTOROLA-MC33064 Datasheet
147Kb / 8P
   Undervoltage sensing circuit
logo
Microsemi Corporation
MC33064 MICROSEMI-MC33064 Datasheet
328Kb / 10P
   UNDERVOLTAGE SENSING CIRCUIT
logo
ON Semiconductor
MC33064D-005 ONSEMI-MC33064D-005 Datasheet
120Kb / 12P
   UNDERVOLTAGE SENSING CIRCUIT
February, 2005 ??Rev. 12
MC33064D-005 ONSEMI-MC33064D-005 Datasheet
167Kb / 11P
   Undervoltage Sensing Circuit
August, 2008 ??Rev. 18
MC33064D-005G ONSEMI-MC33064D-005G Datasheet
120Kb / 12P
   UNDERVOLTAGE SENSING CIRCUIT
February, 2005 ??Rev. 12
More results

Podobny opis - MC33064

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ON Semiconductor
MC34064 ONSEMI-MC34064_16 Datasheet
126Kb / 11P
   Undervoltage Sensing Circuit
October, 2016 ??Rev. 19
MC34064 ONSEMI-MC34064 Datasheet
120Kb / 12P
   UNDERVOLTAGE SENSING CIRCUIT
February, 2005 ??Rev. 12
logo
Microsemi Corporation
MC33064 MICROSEMI-MC33064_04 Datasheet
328Kb / 10P
   UNDERVOLTAGE SENSING CIRCUIT
logo
ON Semiconductor
MC34064D-5G ONSEMI-MC34064D-5G Datasheet
167Kb / 11P
   Undervoltage Sensing Circuit
August, 2008 ??Rev. 18
logo
Motorola, Inc
MC34064 MOTOROLA-MC34064 Datasheet
147Kb / 8P
   Undervoltage sensing circuit
logo
Texas Instruments
LM8365 TI1-LM8365 Datasheet
1Mb / 22P
[Old version datasheet]   Micropower Undervoltage-Sensing Circuit
logo
Microsemi Corporation
MC33164-3 MICROSEMI-MC33164-3 Datasheet
126Kb / 9P
   3V UNDERVOLTAGE SENSING CIRCUIT
MC33164 MICROSEMI-MC33164 Datasheet
159Kb / 7P
   5V UNDERVOLTAGE SENSING CIRCUIT
MC33164-3 MICROSEMI-MC33164-3_05 Datasheet
277Kb / 9P
   3V UNDERVOLTAGE SENSING CIRCUIT
logo
List of Unclassifed Man...
MC341643DM ETC2-MC341643DM Datasheet
278Kb / 9P
   3V UNDERVOLTAGE SENSING CIRCUIT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com