Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

LC75056PE Arkusz danych(PDF) 4 Page - ON Semiconductor

Numer części LC75056PE
Szczegółowy opis  Car Audio DSP
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ONSEMI [ON Semiconductor]
Strona internetowa  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LC75056PE Arkusz danych(HTML) 4 Page - ON Semiconductor

  LC75056PE Datasheet HTML 1Page - ON Semiconductor LC75056PE Datasheet HTML 2Page - ON Semiconductor LC75056PE Datasheet HTML 3Page - ON Semiconductor LC75056PE Datasheet HTML 4Page - ON Semiconductor LC75056PE Datasheet HTML 5Page - ON Semiconductor LC75056PE Datasheet HTML 6Page - ON Semiconductor LC75056PE Datasheet HTML 7Page - ON Semiconductor LC75056PE Datasheet HTML 8Page - ON Semiconductor LC75056PE Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 28 page
background image
LC75056PE
www.onsemi.com
4
Continued from preceding page.
Parameter
Symbol
Conditions and applicable pin
min
typ
max
Unit
(ADC digital filter)
Pass band frequency
0
0.4535
fs
Stop band frequency
0.5465
fs
Pass band ripple
0.015
dB
Stop band attenuation
62
dB
HPF cutoff frequency for DC
offset cancellation
fs: 44.1kHz
1.7
Hz
(EVR)
Input impedance
ZEVRI
20
25
k
Volume setting range
70
0
dB
Mute level
85
95
dB
Volume step
1
dB
Volume setting step error
0.5
0.5
dB
1.5V reference level characteristics
at Ta =
40 to 85C, DVDD33 = 3.3V, DVSS_1 to 3 = COAVSS1 to 6 =AVB = XVSS = AVCOVSS = 0V
Parameter
Symbol
Condition
min
typ
max
Unit
FET Control Output voltage
DVREF
DVDD33 = 3.3V
0
3.3
V
<Addition>
• 1.5V reference level circuit is a circuit that prepared 1.5V power-supply voltage needed in this LSI to be easily
generable. The power supply of 1.5V is enabled by using recommendation FET shown in Figure 5-1.
<Figure 5-1> 1.5V reference level circuit peripheral block
• As for power supply ON, the order of DVDD33 power supply voltage (3.3V) to FET source supply voltage (3.3V) is
recommended.
DVDD33
DVSS_2
DVREF
DVDD_2
DVDD_1
LC75056PE
10nF
C2
10
F
C1
3.3V
1.5V
FET
D
S
G
* FET Recommended Device No.
NTR2101P (ON Semiconductor)
* C1 is the capacitor to prevent oscillation.
In the range of operating temperature, make sure to maintain low
ESR and the capacitance recommended value is 10
F because
oscillation may occur when the capacitance value changes due to
the change of temperature.
Product parametric performance is indicated in the Electrical Characteristics for the listed test conditions, unless otherwise noted. Product performance may not be
indicated by the Electrical Characteristics if operated under different conditions.


Podobny numer części - LC75056PE

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Sanyo Semicon Device
LC750512E SANYO-LC750512E Datasheet
84Kb / 9P
   CMOS IC Audistry support Audio DSP
LC75051E SANYO-LC75051E Datasheet
82Kb / 9P
   CMOS IC Lip-Sync Enabling Audio DSP
logo
ON Semiconductor
LC75055PE ONSEMI-LC75055PE Datasheet
293Kb / 26P
   Car Audio DSP
April, 2014
LC75055PE-6158-H ONSEMI-LC75055PE-6158-H Datasheet
293Kb / 26P
   Car Audio DSP
April, 2014
More results

Podobny opis - LC75056PE

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ON Semiconductor
LC75055PE ONSEMI-LC75055PE Datasheet
293Kb / 26P
   Car Audio DSP
April, 2014
logo
Sanyo Semicon Device
LC75010W SANYO-LC75010W Datasheet
128Kb / 12P
   LC75010W Car Audio DSP
logo
NXP Semiconductors
SAF7741HV NXP-SAF7741HV Datasheet
1Mb / 83P
   Dual IF car radio and audio DSP
Rev. 05 - 09 May 2008
logo
STMicroelectronics
TDA7502 STMICROELECTRONICS-TDA7502 Datasheet
58Kb / 8P
   IN-CAR REMOTE AMPLIFIER DSP
TDA7502 STMICROELECTRONICS-TDA7502_06 Datasheet
268Kb / 25P
   In-car remote amplifier DSP
logo
Rohm
BU9414FV ROHM-BU9414FV Datasheet
1Mb / 61P
   32bit Audio DSP
BU9409FV ROHM-BU9409FV_12 Datasheet
1Mb / 58P
   32bit Audio DSP
logo
HuaXinAn Electronics CO...
AK7736BVQ HUAXINAN-AK7736BVQ Datasheet
1Mb / 22P
   Audio/HF DSP
logo
NXP Semiconductors
SAA7705H PHILIPS-SAA7705H Datasheet
1Mb / 60P
   Car radio Digital Signal Processor DSP
1999 Aug 16
logo
ON Semiconductor
LV25810PEB ONSEMI-LV25810PEB Datasheet
1Mb / 28P
   Bi-CMOS LSI Car DSP Tuner
June, 2014
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com