Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

LB11696V-TLM-E Arkusz danych(PDF) 1 Page - ON Semiconductor

Numer części LB11696V-TLM-E
Szczegółowy opis  Direct PWM Drive Brushless Motor Predriver IC
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ONSEMI [ON Semiconductor]
Strona internetowa  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LB11696V-TLM-E Arkusz danych(HTML) 1 Page - ON Semiconductor

  LB11696V-TLM-E Datasheet HTML 1Page - ON Semiconductor LB11696V-TLM-E Datasheet HTML 2Page - ON Semiconductor LB11696V-TLM-E Datasheet HTML 3Page - ON Semiconductor LB11696V-TLM-E Datasheet HTML 4Page - ON Semiconductor LB11696V-TLM-E Datasheet HTML 5Page - ON Semiconductor LB11696V-TLM-E Datasheet HTML 6Page - ON Semiconductor LB11696V-TLM-E Datasheet HTML 7Page - ON Semiconductor LB11696V-TLM-E Datasheet HTML 8Page - ON Semiconductor LB11696V-TLM-E Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
1
Publication Order Number :
LB11696V/D
www.onsemi.com
©
Semiconductor Components Industries, LLC, 2015
March 2015 - Rev. 1
ORDERING INFORMATION
See detailed ordering and shipping information on page 17 of this data sheet.
LB11696V
Overview
The LB11696V is a direct PWM drive predriver IC designed for three-
phase power brushless motors. A motor driver circuit with the desired
output power (voltage and current) can be implemented by adding
discrete transistors in the output circuits. Furthermore, the LB11696V
provides a full complement of protection circuits allowing it to easily
implement high-reliability drive circuits. This device is optimal for
driving all types of large-scale motors such as those used in air
conditioners and on-demand water heaters.
Features
 Three-phase bipolar drive
 Direct PWM drive (controlled either by control voltage or PWM variable duty pulse input)
 Built-in forward/reverse switching circuit
 Start/stop mode switching circuit (stop mode power saving function)
 Built-in input amplifier
 5 V regulator output (VREG pin)
 Current limiter circuit (Supports 0.25 V (typical) reference voltage sensing based high-precision detection)
 Undervoltage protection circuit (The operating voltage can be set with a zener diode)
 Automatic recovery type constraint protection circuit with protection operating state discrimination output (RD pin)
 Four types of Hall signal pulse outputs
 Supports thermistor based thermal protection of the output transistors
Specifications
Absolute Maximum Ratings at Ta = 25
C
Parameter
Symbol
Conditions
Ratings
unit
Supply voltage 1
VCC max
VCC pin
18
V
Output current
IO max
UL, VL, WL, UH, VH, and WH pins
30
mA
LVS pin applied voltage
LVS max
LVS pin
18
V
Allowable power dissipation 1
Pd max 1
Independent IC
0.45
W
Allowable power dissipation 2
Pd max 2
When mounted on a 114.3
 76.1  1.6 mm glass
epoxy board
1.05
W
Operating temperature
Topr
–20 to +100
C
Storage temperature
Tstg
–55 to +150
C
Monolithic Digital IC
Direct PWM Drive Brushless
Motor Predriver IC
Stresses exceeding those listed in the Maximum Ratings table may damage the device. If any of these limits are exceeded, device functionality should not be assumed,
damage may occur and reliability may be affected.
SSOP30 (275mil)


Podobny numer części - LB11696V-TLM-E

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ON Semiconductor
LB11696V-TLM-E ONSEMI-LB11696V-TLM-E Datasheet
573Kb / 20P
   Direct PWM Drive Brushless Motor Predriver IC
June, 2018 ??Rev. 2
More results

Podobny opis - LB11696V-TLM-E

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ON Semiconductor
LB11696V ONSEMI-LB11696V_V01 Datasheet
578Kb / 19P
   Direct PWM Drive Brushless Motor Predriver IC
July, 2018 ??Rev. 3
logo
Sanyo Semicon Device
LB11696V SANYO-LB11696V Datasheet
394Kb / 16P
   Direct PWM Drive Brushless Motor Predriver IC
LB11696V-D SANYO-LB11696V-D Datasheet
415Kb / 16P
   Direct PWM Drive Brushless Motor Predriver IC
logo
ON Semiconductor
LB11697V ONSEMI-LB11697V Datasheet
179Kb / 14P
   Direct PWM Drive Brushless Motor Predriver IC
July, 2013
LB11696V ONSEMI-LB11696V_18 Datasheet
573Kb / 20P
   Direct PWM Drive Brushless Motor Predriver IC
June, 2018 ??Rev. 2
logo
Sanyo Semicon Device
ENA2005-D SANYO-ENA2005-D Datasheet
236Kb / 19P
   For Brushless Motor Drive Direct PWM Drive, Quiet Predriver IC
LV8136V SANYO-LV8136V Datasheet
236Kb / 19P
   Bi-CMOS IC For Brushless Motor Drive Direct PWM Drive, Quiet Predriver IC
LB11823M SANYO-LB11823M Datasheet
176Kb / 19P
   Direct PWM Drive Brushless Motor Predriver for OA Products
logo
ON Semiconductor
LV8136V ONSEMI-LV8136V Datasheet
214Kb / 19P
   Direct PWM Drive, Quiet Predriver IC
May, 2013
logo
Sanyo Semicon Device
LB11600JV SANYO-LB11600JV Datasheet
343Kb / 30P
   Brushless Motor Predriver IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com