Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

LC78615E-01US-H Arkusz danych(PDF) 2 Page - ON Semiconductor

Numer części LC78615E-01US-H
Szczegółowy opis  Compact Disc Player IC
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ONSEMI [ON Semiconductor]
Strona internetowa  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LC78615E-01US-H Arkusz danych(HTML) 2 Page - ON Semiconductor

  LC78615E-01US-H Datasheet HTML 1Page - ON Semiconductor LC78615E-01US-H Datasheet HTML 2Page - ON Semiconductor LC78615E-01US-H Datasheet HTML 3Page - ON Semiconductor LC78615E-01US-H Datasheet HTML 4Page - ON Semiconductor LC78615E-01US-H Datasheet HTML 5Page - ON Semiconductor LC78615E-01US-H Datasheet HTML 6Page - ON Semiconductor LC78615E-01US-H Datasheet HTML 7Page - ON Semiconductor LC78615E-01US-H Datasheet HTML 8Page - ON Semiconductor LC78615E-01US-H Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 24 page
background image
LC78615E
www.onsemi.com
2
Detail of Functions
[CD-DSP functions]
< Playback functions>
 Playback mode : CLV playback / Jitter free playback (VCEC)
 Playback speed : Normal speed, double speed, quadruple speed (CLV playback / Jitter free playback)
<RF processing block>
 RF system : AGC, CD-R and CD-R/W playback support, peak hold, bottom hold
 Error system : TE signal generation, FE signal generation
 Detection : Track count signal, Jitter, Defect (black, mirror)
 LASER power controller (APC)
 DC offset voltage cancellation
<Servo control block>
 All servo systems as tracking, focus, sled and spindle are implemented with digital processing.
 Automatic adjustment functions : focus gain, focus bias, focus offset,
tracking gain, tracking offset and tracking balance
 Shock detection / Interruption detection
<CD signal processing block>
 EFM signal synchronization detection, protection and interpolation
 Error detection, correction (C1=double, C2=quadruple/double)
 Jitter margin ±19 frames
<CD-TEXT processing block>
 Buffers CD-TEXT decoded data to the buffer memory.
 Starts buffering of CD-TEXT decoded data from desired ID3/ID4.
[CD data processing functions]
<CDDA data processing block>
 Interpolation
 Mute function(
12dB, ∞)
 Digital attenuator
 De-emphasis filter
<CDROM data processing block >
 CLV playback
: Fixed normal speed or double speed
 Jitter free playback (VCEC) : Free speed within quadruple speed
<Outputs format >
 Digital 3 lines output (LRCK, BCK, DATA)
 Supports various external audio data output format
IIS (48fs), MSB First, Right-Justified, Left-Justified (32fs/48fs), 16 bit data length
 Slave mode
Output DATA synchronized to external Clock input (LRCK/BCK)
 Digital output (S/PDIF, only CLV playback mode)
[Internal Microcontroller functions]
<Sequencer control>
 CD playback control
Servo control, CD-TEXT processing, Digital data output control, etc.
<Communication control between main controller>
 The SIO interface using CE,CL,DI,DO and BUSYB pins is available as communication format.
 External main controller can control this IC directly such as “stop oscillation” or “restart oscillation” or so
on at the internal register open mode (REG_READY high condition).
 Even while the clock is stopped, some of general port can be controlled by host controller.
<Peripheral interface block>
 GPIO port
15 ports maximum(Shared with other functionslerate.)
<Program memory block>
 Mask-ROM type
 ROM Collect function is built in for the partial change of the program and Host controller can use this.
<Others>
 Watch Dog Timer
Notifies to outside from a pin or resets internally.
 Power management (Two kinds of sleep mode)
(1) Only the clock for CPU core is operating and clocks for other blocks are stopping.
(2) All clocks are stopping.
[Others]
<Internal power supply>
 1.5V regulator for internal blocks


Podobny numer części - LC78615E-01US-H

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ON Semiconductor
LC78616PE ONSEMI-LC78616PE Datasheet
266Kb / 26P
   Compact Disc Player IC
January 2015 - Rev. P0
LC78616PE ONSEMI-LC78616PE Datasheet
335Kb / 27P
   Digital Servo Processor LSI
August 2016 - Rev. 0
LC78616PE-6D02-H ONSEMI-LC78616PE-6D02-H Datasheet
335Kb / 27P
   Digital Servo Processor LSI
August 2016 - Rev. 0
LC78616PE ONSEMI-LC78616PE_16 Datasheet
335Kb / 27P
   Digital Servo Processor LSI
August 2016 - Rev. 0
logo
Sanyo Semicon Device
LC7861KE SANYO-LC7861KE Datasheet
484Kb / 18P
   Digital Signal Processor for Compact Disc Players
More results

Podobny opis - LC78615E-01US-H

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ON Semiconductor
LC78616PE ONSEMI-LC78616PE Datasheet
266Kb / 26P
   Compact Disc Player IC
January 2015 - Rev. P0
LC786960E ONSEMI-LC786960E Datasheet
230Kb / 24P
   Compact Disc Player IC
Sep 2013 Ver. 1.0.0
LC786961W ONSEMI-LC786961W Datasheet
236Kb / 29P
   Compact Disc Player IC
Sep 2013 Ver. 1.0.0
logo
Sanyo Semicon Device
LC786960E SANYO-LC786960E Datasheet
222Kb / 24P
   Compact Disc Player IC
LC786961W SANYO-LC786961W Datasheet
261Kb / 29P
   Compact Disc Player IC
LC78622E SANYO-LC78622E Datasheet
379Kb / 29P
   Compact Disc Player DSP
LC78624E SANYO-LC78624E Datasheet
358Kb / 27P
   Compact Disc Player DSP
LC78622NE SANYO-LC78622NE Datasheet
325Kb / 31P
   Compact Disc Player DSP
LC78621E SANYO-LC78621E Datasheet
418Kb / 34P
   Compact Disc Player DSP
LC78620E SANYO-LC78620E Datasheet
478Kb / 34P
   Compact Disc Player DSP
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com