Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

LC78616PE Arkusz danych(PDF) 9 Page - ON Semiconductor

Numer części LC78616PE
Szczegółowy opis  Compact Disc Player IC
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ONSEMI [ON Semiconductor]
Strona internetowa  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LC78616PE Arkusz danych(HTML) 9 Page - ON Semiconductor

Back Button LC78616PE Datasheet HTML 5Page - ON Semiconductor LC78616PE Datasheet HTML 6Page - ON Semiconductor LC78616PE Datasheet HTML 7Page - ON Semiconductor LC78616PE Datasheet HTML 8Page - ON Semiconductor LC78616PE Datasheet HTML 9Page - ON Semiconductor LC78616PE Datasheet HTML 10Page - ON Semiconductor LC78616PE Datasheet HTML 11Page - ON Semiconductor LC78616PE Datasheet HTML 12Page - ON Semiconductor LC78616PE Datasheet HTML 13Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 26 page
background image
LC78616PE
www.onsemi.com
9
Pin
No.
Pin name
I/O
State when
“Reset”
Function
76
CONT08
I/O
Input
General purpose I/O port with
LR clock output for CD data
LR clock input for CD data (exclusive with CONT00)
Data request signal input for CDTEXT interface (exclusive with CONT00 and
CONT03)
77
CONT09
I/O
Input
General purpose I/O port with pull down resistor
Bit clock output for CD data
Bit clock input for CD data (exclusive with CONT01)
Clock input/output for CDTEXT interface (exclusive with CONT01 and CONT04)
78
CONT10
I/O
Input
General purpose I/O port with pull down resistor
Data output for Digital Audio interface
Digital audio output<S/PDIF>
Serial data output for CDTEXT interface
Watch Dog Timer state monitor output
79
DVSS
Digital system ground. This pin must be connected to the 0V level.
80
SLCO
AO
Undefined
Slice Level Control output
81
EFMIN
AI
Input
RF signal input
82
RFOUT
AO
Undefined
RF signal output
83
LPF
AO
Undefined
RF signal DC level detection low-pass filter capacitor connection
84
PHLPF
AO
Undefined
Defect detection low-pass filter capacitor connection
85
AIN
AI
Input
A signal input
86
CIN
AI
Input
C signal input
87
BIN
AI
Input
B signal input
88
DIN
AI
Input
D signal input
89
SLCISET
AI
Input
SLCO output current setting resistor connection
90
RFMON
AO
Undefined
IC internal analog signal monitor
91
VREF
AO
AVDD/2
Reference voltage output for RF
92
JITTC
AO
Undefined
Jitter detection capacitor connection
93
EIN
AI
Input
E signal input
94
FIN
AI
Input
F signal input
95
NC
NC Pin (Open)
96
TE
AO
Undefined
TE signal output
97
TEIN
AI
Input
TE signal input used for TES signal generation
98
LDD
AO
Undefined
Laser power control signal output
99
LDS
AI
Input
Laser power detection signal input
100
AVSS
Analog system ground. This pin must be connected to the 0V level.
<Notes>
(1) For Unused pins :
 The unused input pins must be connected to the GND(0V) level if there is no individual note in the above table.
 The unused output pins must be left open(No connection) if there is no individual note in the above table.
 The unused input/output pins must be connected to the GND(0V) or power supply pin for I/O block with internal pull down/up
resistor OFF or be left open with internal pull down/up resistor ON when input pin mode or must be left open(No connection )
when output pin mode if there is no individual note in the above table.
When you connect an I/O pin which is an input pin without internal pull-down/up resistor at reset mode to the GND or power
supply level, we recommend you to use pull-down resistor or pull-up resistor individually as fail-safe.
(2) For Power supply pins :
 Same voltage level must be supplied to DVDD, AVDD, XVDD and VVDD1 power supply pins.
(3) For “Reset” condition :
 This IC is not reset only by making the RESB pin “Low”.
Refer to “4. Power on and Reset control” for detail of “Reset” condition.


Podobny numer części - LC78616PE

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ON Semiconductor
LC78616PE ONSEMI-LC78616PE Datasheet
335Kb / 27P
   Digital Servo Processor LSI
August 2016 - Rev. 0
LC78616PE-6D02-H ONSEMI-LC78616PE-6D02-H Datasheet
335Kb / 27P
   Digital Servo Processor LSI
August 2016 - Rev. 0
LC78616PE ONSEMI-LC78616PE_16 Datasheet
335Kb / 27P
   Digital Servo Processor LSI
August 2016 - Rev. 0
More results

Podobny opis - LC78616PE

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ON Semiconductor
LC786960E ONSEMI-LC786960E Datasheet
230Kb / 24P
   Compact Disc Player IC
Sep 2013 Ver. 1.0.0
LC78615E ONSEMI-LC78615E Datasheet
302Kb / 24P
   Compact Disc Player IC
January 2015 - Rev. 1
LC786961W ONSEMI-LC786961W Datasheet
236Kb / 29P
   Compact Disc Player IC
Sep 2013 Ver. 1.0.0
logo
Sanyo Semicon Device
LC786960E SANYO-LC786960E Datasheet
222Kb / 24P
   Compact Disc Player IC
LC786961W SANYO-LC786961W Datasheet
261Kb / 29P
   Compact Disc Player IC
LC78622E SANYO-LC78622E Datasheet
379Kb / 29P
   Compact Disc Player DSP
LC78624E SANYO-LC78624E Datasheet
358Kb / 27P
   Compact Disc Player DSP
LC78622NE SANYO-LC78622NE Datasheet
325Kb / 31P
   Compact Disc Player DSP
LC78621E SANYO-LC78621E Datasheet
418Kb / 34P
   Compact Disc Player DSP
LC78620E SANYO-LC78620E Datasheet
478Kb / 34P
   Compact Disc Player DSP
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com