Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

MC10111P Arkusz danych(PDF) 3 Page - ON Semiconductor

Numer części MC10111P
Szczegółowy opis  Dual 3?묲nput/3?뭀uput NOR Gate
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ONSEMI [ON Semiconductor]
Strona internetowa  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC10111P Arkusz danych(HTML) 3 Page - ON Semiconductor

  MC10111P Datasheet HTML 1Page - ON Semiconductor MC10111P Datasheet HTML 2Page - ON Semiconductor MC10111P Datasheet HTML 3Page - ON Semiconductor MC10111P Datasheet HTML 4Page - ON Semiconductor MC10111P Datasheet HTML 5Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
MC10111
http://onsemi.com
3
ELECTRICAL CHARACTERISTICS (continued)
TEST VOLTAGE VALUES (Volts)
@ Test Temperature
VIHmax
VILmin
VIHAmin
VILAmax
VEE
−30°C
−0.890
−1.890
−1.205
−1.500
−5.2
+25°C
−0.810
−1.850
−1.105
−1.475
−5.2
+85°C
−0.700
−1.825
−1.035
−1.440
−5.2
Characteristic
Symbol
Pin
Under
Test
TEST VOLTAGE APPLIED TO PINS LISTED BELOW
(VCC)
Gnd
VIHmax
VILmin
VIHAmin
VILAmax
VEE
Power Supply Drain Current
IE
8
8
1, 15, 16
Input Current
IinH
5, 6, 7
*
8
1, 15, 16
IinL
5, 6, 7
*
8
1, 15, 16
Output Voltage
Logic 1
VOH
2
3
4
8
8
8
1, 15, 16
1, 15, 16
1, 15, 16
Output Voltage
Logic 0
VOL
2
3
4
5
6
7
8
8
8
1, 15, 16
1, 15, 16
1, 15, 16
Threshold Voltage
Logic 1
VOHA
2
3
4
5
6
7
8
8
8
1, 15, 16
1, 15, 16
1, 15, 16
Threshold Voltage
Logic 0
VOLA
2
3
4
5
6
7
8
8
8
1, 15, 16
1, 15, 16
1, 15, 16
Switching Times
(50Ω Load)
Pulse In
Pulse Out
−3.2 V
+2.0 V
Propagation Delay
t5+2−
t5−2+
t5+3−
t5−3+
t5+4−
t5−4+
2
2
3
3
4
4
5
5
5
5
5
5
2
2
3
3
4
4
8
8
8
8
8
8
1, 15, 16
1, 15, 16
1, 15, 16
1, 15, 16
1, 15, 16
1, 15, 16
Rise Time
(20 to 80%)
t2+
t3+
t4+
2
3
4
5
5
5
2
3
4
8
8
8
1, 15, 16
1, 15, 16
1, 15, 16
Fall Time
(20 to 80%)
t2−
t3−
t4−
2
3
4
5
5
5
2
3
4
8
8
8
1, 15, 16
1, 15, 16
1, 15, 16
* Individually test each input using the pin connections shown.
Each MECL 10,000 series circuit has been designed to meet the dc specifications shown in the test table, after thermal equilibrium has been
established. The circuit is in a test socket or mounted on a printed circuit board and transverse air flow greater than 500 linear fpm is maintained.
Outputs are terminated through a 50-ohm resistor to −2.0 volts. Test procedures are shown for only one gate. The other gates are tested in the
same manner.


Podobny numer części - MC10111P

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Motorola, Inc
MC10110 MOTOROLA-MC10110 Datasheet
56Kb / 4P
   Dual 3-Input/3-Output OR Gate
logo
ON Semiconductor
MC10110 ONSEMI-MC10110 Datasheet
70Kb / 8P
   Dual 3-Input/3-Output OR Gate
March, 2000 ??Rev. 7
MC10110FN ONSEMI-MC10110FN Datasheet
70Kb / 8P
   Dual 3-Input/3-Output OR Gate
March, 2000 ??Rev. 7
logo
Motorola, Inc
MC10110L MOTOROLA-MC10110L Datasheet
56Kb / 4P
   Dual 3-Input/3-Output OR Gate
logo
ON Semiconductor
MC10110L ONSEMI-MC10110L Datasheet
70Kb / 8P
   Dual 3-Input/3-Output OR Gate
March, 2000 ??Rev. 7
More results

Podobny opis - MC10111P

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ON Semiconductor
MC10H211 ONSEMI-MC10H211_06 Datasheet
128Kb / 6P
   Dual 3?묲nput 3?뭀utput NOR Gate
November, 2006 ??Rev. 9
NL27WZ02 ONSEMI-NL27WZ02_06 Datasheet
63Kb / 5P
   Dual 2?묲nput NOR Gate
May, 2006 ??Rev. 8
MC10H210 ONSEMI-MC10H210_06 Datasheet
150Kb / 6P
   Dual 3?묲nput 3?뭀utput OR Gate
February, 2006 ??Rev. 7
MC10H209 ONSEMI-MC10H209_06 Datasheet
150Kb / 6P
   Dual 4???묲nput OR/NOR Gate
February, 2006 ??Rev. 7
MC10H109 ONSEMI-MC10H109_06 Datasheet
150Kb / 6P
   Dual 4???묲nput OR/NOR Gate
February, 2006 ??Rev. 7
logo
Motorola, Inc
MC10211 MOTOROLA-MC10211 Datasheet
106Kb / 5P
   Dual 3-Input/3-Output NOR Gate
logo
ON Semiconductor
MC10H211 ONSEMI-MC10H211 Datasheet
95Kb / 3P
   Dual 3-Input 3-Output NOR Gate
1996 REV 5
MC10H106 ONSEMI-MC10H106_06 Datasheet
150Kb / 6P
   Triple 4?????묲nput NOR Gate
February, 2006 ??Rev. 9
MC74VHCT02A ONSEMI-MC74VHCT02A_06 Datasheet
156Kb / 8P
   Quad 2?묲nput NOR Gate
March, 2006 ??Rev. 4
MC74AC11D ONSEMI-MC74AC11D Datasheet
131Kb / 9P
   Triple 3?묲nput AND Gate
October, 2006 ??Rev. 7
More results


Html Pages

1 2 3 4 5


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com