Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

BD10-H5-AH Arkusz danych(PDF) 1 Page - List of Unclassifed Manufacturers

Numer części BD10-H5-AH
Szczegółowy opis  Brushless DC Drive for 57mm 180W 48V motor
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ETC2 [List of Unclassifed Manufacturers]
Strona internetowa  
Logo ETC2 - List of Unclassifed Manufacturers

BD10-H5-AH Arkusz danych(HTML) 1 Page - List of Unclassifed Manufacturers

  BD10-H5-AH Datasheet HTML 1Page - List of Unclassifed Manufacturers BD10-H5-AH Datasheet HTML 2Page - List of Unclassifed Manufacturers BD10-H5-AH Datasheet HTML 3Page - List of Unclassifed Manufacturers BD10-H5-AH Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Product Datasheet
www.Applied-Motion.com
BD10-H5-AH
Brushless DC Drive for 57mm 180W 48V motor
1pc. - 223.00
50pc. - 167.25
Product Features
Velocity control
Simple setup
Compact design
4.5 A rms cont., 9 A rms peak
Runs on 12-48 VDC
8 digital inputs, 1 analog input
2 digital outputs
Performance-matched motors available
Applied Motion Products, Inc.
404 Westridge Dr.
Watsonville, CA 95076, USA
1-800-525-1609
Tel (831) 761-6555
Fax (831) 761-
6544
The BD10-H5-AH is a compact and efficient drive for use with Applied Motion's BL180-H04-H series 57mm 180W 48V brushless DC motors. It
provides stable velocity control over a wide speed range. Motor speed can be controlled by an on-board trimpot, a 0-5 volt analog input, or via
the drive's digital inputs. Dedicated stop and enable inputs are available, along with a dynamic braking feature that brings the motor to zero
speed in a quick and controlled fashion. Each drive comes pre-configured for use with the matching brushless DC motor.
The mating I/O connector, populated with connector pins and 12" flying leads, is included with each drive. The mating DC power connector is
also included.
The BL motors can plug directly into the BD drives. Extension cables are also available for longer distances between the drive and motor. Part
number 3004-272-1M is a 1 meter extension cable and 3004-272-3M is a 3 meter extension cable.
Description


Podobny numer części - BD10-H5-AH

ProducentNumer częściArkusz danychSzczegółowy opis
logo
List of Unclassifed Man...
BD10-H4-AH ETC2-BD10-H4-AH Datasheet
307Kb / 4P
   Brushless DC Drive for 57mm 120W 24V motor
More results

Podobny opis - BD10-H5-AH

ProducentNumer częściArkusz danychSzczegółowy opis
logo
List of Unclassifed Man...
BL180-H04-H ETC2-BL180-H04-H Datasheet
199Kb / 4P
   57mm Brushless DC Motor, 180W, 48V
BD10-H4-AH ETC2-BD10-H4-AH Datasheet
307Kb / 4P
   Brushless DC Drive for 57mm 120W 24V motor
BD5-H2-AH ETC2-BD5-H2-AH Datasheet
302Kb / 4P
   Brushless DC Drive for 57mm 60W 24V motor
BD10-I7-AH ETC2-BD10-I7-AH Datasheet
300Kb / 4P
   Brushless DC Drive for 200W 80mm 48V motor
BD10-I8-AH ETC2-BD10-I8-AH Datasheet
304Kb / 4P
   Brushless DC Drive for 300W 80mm 48V motor
BL060-H03-H ETC2-BL060-H03-H Datasheet
223Kb / 4P
   57mm Brushless DC Motor, 60W, 24V
BL120-H03-H ETC2-BL120-H03-H Datasheet
192Kb / 4P
   57mm Brushless DC Motor, 120W, 24V
BL200-H04-I ETC2-BL200-H04-I Datasheet
317Kb / 4P
   80mm Brushless DC Motor, 200W, 48V
BL300-H04-I ETC2-BL300-H04-I Datasheet
196Kb / 4P
   80mm Brushless DC Motor,300W, 48V
BD5-G2-AH ETC2-BD5-G2-AH Datasheet
260Kb / 4P
   Brushless DC Drive for 42mm 60W motor
More results


Html Pages

1 2 3 4


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com