Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

M0200-151-5-000 Arkusz danych(PDF) 2 Page - List of Unclassifed Manufacturers

Numer części M0200-151-5-000
Szczegółowy opis  80mm Servo Motor, 200W
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ETC2 [List of Unclassifed Manufacturers]
Strona internetowa  
Logo ETC2 - List of Unclassifed Manufacturers

M0200-151-5-000 Arkusz danych(HTML) 2 Page - List of Unclassifed Manufacturers

  M0200-151-5-000 Datasheet HTML 1Page - List of Unclassifed Manufacturers M0200-151-5-000 Datasheet HTML 2Page - List of Unclassifed Manufacturers M0200-151-5-000 Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Part Number:
M0200-151-5-000
Frame Size:
80 mm
Continuous Torque:
5.7 in-lb
Peak Torque:
17 in-lb
Rated Power:
200 watts
Rated Voltage:
100 volts
Rated Speed:
3000 rpm
Peak Speed:
5000 rpm
Rated Current:
3.1 A rms
Peak Current:
8.4 A rms
Torque Constant:
2.0 in-lb/A
Voltage Constant:
23.7 V/krpm
Armature Resistance:
1.8 ohms
Armature Inductance:
5.8 mH
Motor Length:
4.78 inch
Rotor Inertia:
7.50E-03 oz-in-sec
Weight:
4.2 lbs
Integral Holding
Brake:
Yes
Storage Temperature:
-10 to 85 °C
Operating
Temperature:
0 to 40 °C
Insulation Class:
Class B (130 ºC)
Maximum Radial Load:
44 lbs
Maximum Thrust
Load:
15.4 lbs
Shaft Run Out:
0.0008 inch T.I.R. max
End Play:
0.008 inch max
Perpendicularity:
0.003 inches
Concentricity:
0.002 inches
Specifcations
2


Podobny numer części - M0200-151-5-000

ProducentNumer częściArkusz danychSzczegółowy opis
logo
List of Unclassifed Man...
M0200-151-4-000 ETC2-M0200-151-4-000 Datasheet
127Kb / 3P
   60mm Servo Motor, 200W
More results

Podobny opis - M0200-151-5-000

ProducentNumer częściArkusz danychSzczegółowy opis
logo
List of Unclassifed Man...
M0200-101-5-000 ETC2-M0200-101-5-000 Datasheet
147Kb / 3P
   80mm Servo Motor, 200W
J0750-302-5-000 ETC2-J0750-302-5-000 Datasheet
141Kb / 4P
   80mm Servo Motor, 750W
M0400-102-5-000 ETC2-M0400-102-5-000 Datasheet
149Kb / 3P
   80mm Servo Motor, 400W
BL200-H04-I ETC2-BL200-H04-I Datasheet
317Kb / 4P
   80mm Brushless DC Motor, 200W, 48V
M0200-102-4-000 ETC2-M0200-102-4-000 Datasheet
152Kb / 3P
   60mm Servo Motor, 200W
M0200-151-4-000 ETC2-M0200-151-4-000 Datasheet
127Kb / 3P
   60mm Servo Motor, 200W
A0200-101-4-000 ETC2-A0200-101-4-000 Datasheet
172Kb / 3P
   60mm Servo Motor, 200W
J0200-302-4-000 ETC2-J0200-302-4-000 Datasheet
143Kb / 4P
   60mm Servo Motor, 200W
M0200-101-4-000 ETC2-M0200-101-4-000 Datasheet
152Kb / 3P
   60mm Servo Motor, 200W
J0200-301-4-000 ETC2-J0200-301-4-000 Datasheet
143Kb / 4P
   60mm Servo Motor, 200W
More results


Html Pages

1 2 3


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com