Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

LS12 Arkusz danych(PDF) 2 Page - GOOD-ARK Electronics

Numer części LS12
Szczegółowy opis  Surface Mount Schottky Rectifier Reverse Voltage 20~200V Forward Current 1A
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  GOOD-ARK [GOOD-ARK Electronics]
Strona internetowa  http://www.goodark.com
Logo GOOD-ARK - GOOD-ARK Electronics

LS12 Arkusz danych(HTML) 2 Page - GOOD-ARK Electronics

  LS12_15 Datasheet HTML 1Page - GOOD-ARK Electronics LS12_15 Datasheet HTML 2Page - GOOD-ARK Electronics LS12_15 Datasheet HTML 3Page - GOOD-ARK Electronics LS12_15 Datasheet HTML 4Page - GOOD-ARK Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
LS12 thru LS1CH
Surface Mount Schottky Rectifier
Reverse Voltage 20~200V Forward Current 1A
www.goodark.com
2/4
2015.07-Rev.B
Ratings and Characteristics Curves
(TA = 25℃ unless otherwise noted)
Figure 1.Forward Current Derating Curve
Figure 2.Maximum Non‐Repetitive Peak 
Forward Surge Current
Figure 4. Typical Reverse Characteristics 
Figure 3. Typical Junction Capacitance
Figure 5. Typical Instantaneous Forward Characteristics 
www.goodark.com
2/4
2015.07-Rev.B


Podobny numer części - LS12_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
STMicroelectronics
LS1241 STMICROELECTRONICS-LS1241 Datasheet
175Kb / 3P
   Electronic Two - Tone Ringer
logo
CITIZEN ELECTRONICS CO....
LS12K1 CITIZEN-LS12K1 Datasheet
188Kb / 2P
   Non-illuminated/Horizontal Type
LS12K1T CITIZEN-LS12K1T Datasheet
188Kb / 2P
   Non-illuminated/Horizontal Type
LS12K1T CITIZEN-LS12K1T Datasheet
439Kb / 2P
   Non-illuminated/Horizontal Type
LS12 CITIZEN-LS12_1 Datasheet
439Kb / 2P
   Non-illuminated/Horizontal Type
More results

Podobny opis - LS12_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
GOOD-ARK Electronics
FS12 GOOD-ARK-FS12_15 Datasheet
203Kb / 4P
   Surface Mount Schottky Rectifier Reverse Voltage 20~200V Forward Current 1A
logo
AiT Semiconductor Inc.
DS12W AITSEMI-DS12W Datasheet
716Kb / 5P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER REVERSE VOLTAGE 20 TO 200V FORWARD CURRENT 1A
REV1.0
logo
GOOD-ARK Electronics
LSL12 GOOD-ARK-LSL12 Datasheet
222Kb / 4P
   Surface Mount Schottky Rectifier Reverse Voltage 20~100V Forward Current 1A
SGP0120SL1 GOOD-ARK-SGP0120SL1_15 Datasheet
204Kb / 4P
   Surface Mount Schottky Rectifier Reverse Voltage 20~40V Forward Current 1A
LS3C0 GOOD-ARK-LS3C0_15 Datasheet
199Kb / 4P
   Surface Mount Schottky Rectifier Reverse Voltage 200V Forward Current 3A
FS12CH GOOD-ARK-FS12CH_15 Datasheet
193Kb / 4P
   Surface Mount Schottky Rectifier Reverse Voltage 200V Forward Current 1.2A
SGC10CS GOOD-ARK-SGC10CS_15 Datasheet
202Kb / 4P
   Surface Mount Schottky Rectifier Reverse Voltage 200V Forward Current 10A
FS14NS GOOD-ARK-FS14NS_15 Datasheet
212Kb / 4P
   Surface Mount Schottky Rectifier Reverse Voltage 40V Forward Current 1A
SGP011BSL GOOD-ARK-SGP011BSL_15 Datasheet
268Kb / 4P
   Surface Mount Schottky Rectifier Reverse Voltage 100V Forward Current 1A
FSL13 GOOD-ARK-FSL13_15 Datasheet
211Kb / 4P
   Surface Mount Schottky Rectifier Reverse Voltage 30V Forward Current 1A
More results


Html Pages

1 2 3 4


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com