Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

LS2BH Arkusz danych(PDF) 3 Page - GOOD-ARK Electronics

Numer części LS2BH
Szczegółowy opis  Surface Mount Schottky Rectifier Reverse Voltage 100~200V Forward Current 2A
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  GOOD-ARK [GOOD-ARK Electronics]
Strona internetowa  http://www.goodark.com
Logo GOOD-ARK - GOOD-ARK Electronics

LS2BH Arkusz danych(HTML) 3 Page - GOOD-ARK Electronics

  LS2BH_15 Datasheet HTML 1Page - GOOD-ARK Electronics LS2BH_15 Datasheet HTML 2Page - GOOD-ARK Electronics LS2BH_15 Datasheet HTML 3Page - GOOD-ARK Electronics LS2BH_15 Datasheet HTML 4Page - GOOD-ARK Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
LS2BH thru LS2CH
Surface Mount Schottky Rectifier
Reverse Voltage 100~200V Forward Current 2A
www.goodark.com
3/4
2015.07-Rev.A
Package Outline Dimensions
Packing Information
Packing quantities:
Tape & Reel Specification
Soldering footprint
DIM
MIN
MAX
MIN
MAX
A
0.92
1.08 0.036 0.043
A1
0
0.1
0.000 0.004
B
1.25
1.45 0.049 0.057
C
0.1
0.25 0.004 0.010
D
2.6
2.8
0.102 0.110
E
4.1
4.3
0.161 0.169
L
0.8
1.0
0.031 0.039
HE
4.8
5.2
0.189 0.205
Unit: mm
Unit: inch
Reel size
Quantity/reel
Quantity/inner Box
Quantity/Carton
7"
3K
21K
84K
13"
10K
20K
180K


Podobny numer części - LS2BH_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
GOOD-ARK Electronics
LS2BH GOOD-ARK-LS2BH Datasheet
383Kb / 4P
   Surface Mount Schottky Rectifier
More results

Podobny opis - LS2BH_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
GOOD-ARK Electronics
FS2B5H GOOD-ARK-FS2B5H_15 Datasheet
336Kb / 4P
   Surface Mount Schottky Rectifier Reverse Voltage 150~200V Forward Current 2A
LS3C0 GOOD-ARK-LS3C0_15 Datasheet
199Kb / 4P
   Surface Mount Schottky Rectifier Reverse Voltage 200V Forward Current 3A
FS12CH GOOD-ARK-FS12CH_15 Datasheet
193Kb / 4P
   Surface Mount Schottky Rectifier Reverse Voltage 200V Forward Current 1.2A
SGC10CS GOOD-ARK-SGC10CS_15 Datasheet
202Kb / 4P
   Surface Mount Schottky Rectifier Reverse Voltage 200V Forward Current 10A
FS2BH GOOD-ARK-FS2BH_15 Datasheet
206Kb / 4P
   Surface Mount Schottky Rectifier Reverse Voltage 100V Forward Current 2A
LS2B GOOD-ARK-LS2B_15 Datasheet
188Kb / 4P
   Surface Mount Schottky Rectifier Reverse Voltage 100V Forward Current 2A
SGP0260SD GOOD-ARK-SGP0260SD_15 Datasheet
202Kb / 4P
   Surface Mount Schottky Rectifier Reverse Voltage 60V Forward Current 2A
FS2B GOOD-ARK-FS2B_15 Datasheet
203Kb / 4P
   Surface Mount Schottky Rectifier Reverse Voltage 100V Forward Current 2A
FSL26 GOOD-ARK-FSL26_15 Datasheet
203Kb / 4P
   Surface Mount Schottky Rectifier Reverse Voltage 60V Forward Current 2A
LS26 GOOD-ARK-LS26_15 Datasheet
204Kb / 4P
   Surface Mount Schottky Rectifier Reverse Voltage 60V Forward Current 2A
More results


Html Pages

1 2 3 4


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com