Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

BCX70GLT1 Arkusz danych(PDF) 1 Page - ON Semiconductor

Numer części BCX70GLT1
Szczegółowy opis  General Purpose Transistors
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ONSEMI [ON Semiconductor]
Strona internetowa  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

BCX70GLT1 Arkusz danych(HTML) 1 Page - ON Semiconductor

  BCX70GLT1 Datasheet HTML 1Page - ON Semiconductor BCX70GLT1 Datasheet HTML 2Page - ON Semiconductor BCX70GLT1 Datasheet HTML 3Page - ON Semiconductor BCX70GLT1 Datasheet HTML 4Page - ON Semiconductor BCX70GLT1 Datasheet HTML 5Page - ON Semiconductor BCX70GLT1 Datasheet HTML 6Page - ON Semiconductor BCX70GLT1 Datasheet HTML 7Page - ON Semiconductor BCX70GLT1 Datasheet HTML 8Page - ON Semiconductor BCX70GLT1 Datasheet HTML 9Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
© Semiconductor Components Industries, LLC, 2006
August, 2006 − Rev. 2
1
Publication Order Number:
BCX70GLT1/D
BCX70GLT1
General Purpose
Transistors
NPN Silicon
MAXIMUM RATINGS
Rating
Symbol
Value
Unit
Collector−Emitter Voltage
VCEO
45
Vdc
Collector−Base Voltage
VCBO
45
Vdc
Emitter−Base Voltage
VEBO
5.0
Vdc
Collector Current — Continuous
IC
200
mAdc
THERMAL CHARACTERISTICS
Characteristic
Symbol
Max
Unit
Total Device Dissipation FR− 5 Board(1)
TA = 25°C
Derate above 25°C
PD
225
1.8
mW
mW/°C
Thermal Resistance, Junction to
Ambient
RqJA
556
°C/W
Total Device Dissipation
Alumina Substrate,(2) TA = 25°C
Derate above 25°C
PD
300
2.4
mW
mW/°C
Thermal Resistance, Junction to
Ambient
RqJA
417
°C/W
Junction and Storage Temperature
TJ, Tstg
−55 to +150
°C
ELECTRICAL CHARACTERISTICS (TA = 25°C unless otherwise noted)
Characteristic
Symbol
Min
Max
Unit
OFF CHARACTERISTICS
Collector−Emitter Breakdown Voltage
(IC = 2.0 mAdc, IE= 0)
V(BR)CEO
45
Vdc
Emitter−Base Breakdown Voltage
(IE = 1.0 mAdc, IC = 0)
V(BR)EBO
5.0
Vdc
Collector Cutoff Current
(VCE = 32 Vdc)
(VCE = 32 Vdc, TA = 150°C)
ICES
20
20
nAdc
mAdc
Emitter Cutoff Current
(VEB = 4.0 Vdc, IC = 0)
IEBO
20
nAdc
1. FR−5 = 1.0  0.75  0.062 in.
2. Alumina = 0.4  0.3  0.024 in. 99.5% alumina.
http://onsemi.com
1
2
3
CASE 318 −08, STYLE 6
SOT−23 (TO −236)
COLLECTOR
3
1
BASE
2
EMITTER


Podobny numer części - BCX70GLT1

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Motorola, Inc
BCX70GLT1 MOTOROLA-BCX70GLT1 Datasheet
427Kb / 8P
   General Purpose Transistors
logo
Leshan Radio Company
BCX70GLT1 LRC-BCX70GLT1 Datasheet
318Kb / 6P
   General Purpose Transistors(NPN Silicon)
More results

Podobny opis - BCX70GLT1

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ON Semiconductor
2N4403 ONSEMI-2N4403 Datasheet
106Kb / 7P
   General Purpose Transistors
March, 2007 ??Rev. 3
logo
E-Tech Electronics LTD
BC846ALT1 ETL-BC846ALT1 Datasheet
194Kb / 4P
   General Purpose Transistors
logo
List of Unclassifed Man...
SC2412KLT1 ETC1-SC2412KLT1 Datasheet
151Kb / 3P
   General Purpose Transistors
logo
Motorola, Inc
BCW61BLT1 MOTOROLA-BCW61BLT1 Datasheet
394Kb / 8P
   General Purpose Transistors
logo
ON Semiconductor
MMBT2131T1 ONSEMI-MMBT2131T1_06 Datasheet
66Kb / 4P
   General Purpose Transistors
January, 2006 ??Rev. 4
MMBT2222LT1G ONSEMI-MMBT2222LT1G_09 Datasheet
132Kb / 7P
   General Purpose Transistors
October, 2009 ??Rev. 9
SBC847CWT1G ONSEMI-SBC847CWT1G Datasheet
107Kb / 13P
   General Purpose Transistors
August, 2014 ??Rev. 10
logo
WILLAS ELECTRONIC CORP
2SA812XLT1 WILLAS-2SA812XLT1 Datasheet
351Kb / 5P
   General Purpose Transistors
MMBT3906TT1 WILLAS-MMBT3906TT1 Datasheet
378Kb / 6P
   General Purpose Transistors
BC817-XXLT1 WILLAS-BC817-XXLT1 Datasheet
164Kb / 3P
   General Purpose Transistors
logo
ON Semiconductor
BC846ALT1G ONSEMI-BC846ALT1G_15 Datasheet
116Kb / 13P
   General Purpose Transistors
March, 2015 ??Rev. 14
More results


Html Pages

1 2 3 4 5 6 7 8 9


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com