Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SM5839A Arkusz danych(PDF) 1 Page - Nippon Precision Circuits Inc

Numer części SM5839A
Szczegółowy opis  High-Speed Variable-Length Shift Register
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  NPC [Nippon Precision Circuits Inc]
Strona internetowa  http://www.npc.co.jp/en
Logo NPC - Nippon Precision Circuits Inc

SM5839A Arkusz danych(HTML) 1 Page - Nippon Precision Circuits Inc

  SM5839A Datasheet HTML 1Page - Nippon Precision Circuits Inc SM5839A Datasheet HTML 2Page - Nippon Precision Circuits Inc SM5839A Datasheet HTML 3Page - Nippon Precision Circuits Inc SM5839A Datasheet HTML 4Page - Nippon Precision Circuits Inc SM5839A Datasheet HTML 5Page - Nippon Precision Circuits Inc SM5839A Datasheet HTML 6Page - Nippon Precision Circuits Inc SM5839A Datasheet HTML 7Page - Nippon Precision Circuits Inc SM5839A Datasheet HTML 8Page - Nippon Precision Circuits Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
SM5839A
NIPPON PRECISION CIRCUITS—1
NIPPON PRECISION CIRCUITS INC.
High-Speed Variable-Length Shift Register
OVERVIEW
The SM5839A is an 8-bit variable-length shift
resister. The input pins can be configured to function
as a 2 to 128-step shift resister. The shift clock has a
maximum frequency of 54 MHz, making it ideal for
high-speed digital signal processing.
FEATURES
s
2 to 128-step selectable variable-length shift
resister
s
Static circuitry
s
8-bit (byte) word length
s
Selectable circulating/non-circulating storage
s
54 MHz maximum operating clock frequency
(standard-voltage specification)
s
Supply voltage
• 5.0
± 0.5 V (standard-voltage specification)
• 2.7 to 4.5 V (low-voltage specification)
s
TTL-compatible input/outputs
s
Molybdenum-gate CMOS
s
Package
• 28-pin DIP (SM5839AP)
• 28-pin VSOP (SM5839AV)
PINOUT
Top view
PACKAGE DIMENSIONS
Unit: mm
28-pin DIP (SM5839AP)
28-pin VSOP (SM5839AV)
ORDERING INFORMATION
1
DIN0
2
DIN1
3
DIN2
4
DIN3
5
DIN4
6
DIN5
7
DIN6
8
DIN7
9
S6
10
S5
11
S4
12
S3
13
CLK
14
VSS
15
S2
16
S1
17
S0
18
DOUT7
19
DOUT6
20
DOUT5
21
DOUT4
22
DOUT3
23
DOUT2
24
DOUT1
25
DOUT0
26
OE
27
ENRC
28
VDD
Device
Package
SM5839AP
28-pin DIP
SM5839AV
28-pin VSOP
36.83
± 0.1
1.52
± 0.05
2.54
0.46
± 0.05
0.5755 TYP.
0.65
9.8
± 0.2
0.5 0.2
0.22
− 0.05
+ 0.1
010


Podobny numer części - SM5839A

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Nippon Precision Circui...
SM5830P NPC-SM5830P Datasheet
228Kb / 8P
   High-speed, 8-bit Variable-length Shift Register
SM5831F NPC-SM5831F Datasheet
365Kb / 13P
   Digital Filter for Video Signal Processors
SM5833 NPC-SM5833 Datasheet
340Kb / 11P
   High-speed, 16-bit High-speed Advanced Adder
SM5833AF NPC-SM5833AF Datasheet
340Kb / 11P
   High-speed, 16-bit High-speed Advanced Adder
SM5834AG NPC-SM5834AG Datasheet
541Kb / 16P
   General-purpose High-speed FIR Digital Filter
More results

Podobny opis - SM5839A

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Nippon Precision Circui...
SM5829P NPC-SM5829P Datasheet
231Kb / 8P
   High-speed, 8-bit Variable-length Shift Register
SM5830P NPC-SM5830P Datasheet
228Kb / 8P
   High-speed, 8-bit Variable-length Shift Register
logo
Fairchild Semiconductor
TMC2011A FAIRCHILD-TMC2011A Datasheet
69Kb / 12P
   Variable-Length Shift Register
logo
Cadeka Microcircuits LL...
TMC2011A CADEKA-TMC2011A Datasheet
179Kb / 12P
   Variable-Length Shift Register
logo
Nippon Precision Circui...
SM5824N NPC-SM5824N Datasheet
143Kb / 6P
   Variable Length Static Shift Register
logo
LOGIC Devices Incorpora...
L10C11 LODEV-L10C11 Datasheet
66Kb / 6P
   4/8-bit Variable Length Shift Register
logo
ON Semiconductor
MC14557 ONSEMI-MC14557_04 Datasheet
90Kb / 8P
   1-to-64 Bit Variable Length Shift Register
June, 2004 ??Rev. 5
logo
Nexperia B.V. All right...
HEF4557B NEXPERIA-HEF4557B Datasheet
755Kb / 16P
   1-to-64 bit variable length shift register
Rev. 7 - 1 April 2016
logo
NXP Semiconductors
HEF4557B PHILIPS-HEF4557B Datasheet
78Kb / 7P
   1-to-64 bit variable length shift register
January 1995
logo
Motorola, Inc
MC14557B MOTOROLA-MC14557B Datasheet
206Kb / 6P
   1-TO-64 BIT VARIABLE LENGTH SHIFT REGISTER
More results


Html Pages

1 2 3 4 5 6 7 8


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com