Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SM5841H Arkusz danych(PDF) 4 Page - Nippon Precision Circuits Inc

Numer części SM5841H
Szczegółowy opis  Audio Multi-function Digital Filter
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  NPC [Nippon Precision Circuits Inc]
Strona internetowa  http://www.npc.co.jp/en
Logo NPC - Nippon Precision Circuits Inc

SM5841H Arkusz danych(HTML) 4 Page - Nippon Precision Circuits Inc

  SM5841H Datasheet HTML 1Page - Nippon Precision Circuits Inc SM5841H Datasheet HTML 2Page - Nippon Precision Circuits Inc SM5841H Datasheet HTML 3Page - Nippon Precision Circuits Inc SM5841H Datasheet HTML 4Page - Nippon Precision Circuits Inc SM5841H Datasheet HTML 5Page - Nippon Precision Circuits Inc SM5841H Datasheet HTML 6Page - Nippon Precision Circuits Inc SM5841H Datasheet HTML 7Page - Nippon Precision Circuits Inc SM5841H Datasheet HTML 8Page - Nippon Precision Circuits Inc SM5841H Datasheet HTML 9Page - Nippon Precision Circuits Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
SM5841H
NIPPON PRECISION CIRCUITS—4
SPECIFICATIONS
Absolute Maximum Ratings
VSS = 0 V
Recommended Operating Conditions
VSS = 0 V
13
11
DOR
O
Right-channel 8fs data output
14
12
DOL
O
Left-channel 8fs data output
15
13
WCKO
O
Output word clock
16
14
VDD
5 V supply
17
NC
No connection
18
NC
No connection
19
15
OFST
Ip
Output data DC offset select input. Summing ON when HIGH, and OFF when LOW.
20
16
LRCI
Ip
Input data sample rate (fs) clock
21
17
BCKI
Ip
Input bit clock
22
18
DIN
Ip
Input data
1. Ip = Input with pull-up resistor
Parameter
Symbol
Rating
Unit
Supply voltage range
VDD
−0.3 to 7.0
V
Input voltage range
VIN
−0.3 to V
DD + 0.3
V
Storage temperature range
Tstg
−40 to 125
°C
Power dissipation
PD
250
mW
Soldering temperature
Tsld
255
°C
Soldering time
tsld
10
s
Parameter
Symbol
Rating
Unit
Supply voltage range
VDD
3.2 to 5.5
V
Operating temperature range
Topr
−20 to 80
°C
SOP
DIP
Name
I/O1
Description


Podobny numer części - SM5841H

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Nippon Precision Circui...
SM5841A NPC-SM5841A Datasheet
750Kb / 27P
   Audio Multi-function Digital Filter
SM5841B NPC-SM5841B Datasheet
750Kb / 27P
   Audio Multi-function Digital Filter
SM5841C NPC-SM5841C Datasheet
460Kb / 16P
   Audio Multi-function Digital Filter
SM5841D NPC-SM5841D Datasheet
601Kb / 21P
   Audio Multi-function Digital Filter
More results

Podobny opis - SM5841H

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Nippon Precision Circui...
SM5841D NPC-SM5841D Datasheet
601Kb / 21P
   Audio Multi-function Digital Filter
SM5843A NPC-SM5843A Datasheet
263Kb / 24P
   Audio Multi-function Digital Filter
SM5841C NPC-SM5841C Datasheet
460Kb / 16P
   Audio Multi-function Digital Filter
SM5841A NPC-SM5841A Datasheet
750Kb / 27P
   Audio Multi-function Digital Filter
SM5840FS NPC-SM5840FS Datasheet
1Mb / 14P
   AUDIO MULTI-FUNCTION DIGITAL FILTER
SM5840JP NPC-SM5840JP Datasheet
549Kb / 18P
   Audio Multi-function Digital Filter
SM5840A NPC-SM5840A Datasheet
5Mb / 28P
   For Digital Audio Multi-function Digital Filter
SM5803AP NPC-SM5803AP Datasheet
1Mb / 16P
   Multi-function Digital Filter for Digital Audio
SM5847AF NPC-SM5847AF Datasheet
337Kb / 30P
   High-fidelity Digital Audio, Multi-function Digital Filter
SM5842AP NPC-SM5842AP Datasheet
201Kb / 23P
   High-Class Audio Multi-function Digital Filter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com