Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

74ALVCH16244DTR Arkusz danych(PDF) 1 Page - ON Semiconductor

Numer części 74ALVCH16244DTR
Szczegółowy opis  Low?뭋oltage 16?묪it Buffer
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ONSEMI [ON Semiconductor]
Strona internetowa  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

74ALVCH16244DTR Arkusz danych(HTML) 1 Page - ON Semiconductor

  74ALVCH16244DTR Datasheet HTML 1Page - ON Semiconductor 74ALVCH16244DTR Datasheet HTML 2Page - ON Semiconductor 74ALVCH16244DTR Datasheet HTML 3Page - ON Semiconductor 74ALVCH16244DTR Datasheet HTML 4Page - ON Semiconductor 74ALVCH16244DTR Datasheet HTML 5Page - ON Semiconductor 74ALVCH16244DTR Datasheet HTML 6Page - ON Semiconductor 74ALVCH16244DTR Datasheet HTML 7Page - ON Semiconductor 74ALVCH16244DTR Datasheet HTML 8Page - ON Semiconductor 74ALVCH16244DTR Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
© Semiconductor Components Industries, LLC, 2006
June, 2006 − Rev. 2
1
Publication Order Number:
74ALVCH16244/D
74ALVCH16244
Low−Voltage 16−Bit Buffer
with Bus Hold 1.8/2.5/3.3 V
(3−State, Non−Inverting)
The 74ALVCH16244 is an advanced performance, non−inverting
16−bit buffer. It is designed for very high−speed, very low−power
operation in 1.8 V, 2.5 V or 3.3 V systems.
The 74ALVCH16244 is nibble controlled with each nibble
functioning identically, but independently. The control pins may be
tied together to obtain full 16−bit operation. The 3−state outputs are
controlled by an Output Enable (OEn) input for each nibble. When
OEn is LOW, the outputs are on. When OEn is HIGH, the outputs are
in the high impedance state. The data inputs include active bushold
circuitry, eliminating the need for external pull−up resistors to hold
unused or floating inputs at a valid logic state.
Designed for Low Voltage Operation: VCC = 1.65 − 3.6 V
3.6 V Tolerant Inputs and Outputs
High Speed Operation: 3.0 ns max for 3.0 to 3.6 V
3.7 ns max for 2.3 to 2.7 V
6.0 ns max for 1.65 to 1.95 V
Static Drive:
±24 mA Drive at 3.0 V
±12 mA Drive at 2.3 V
±4 mA Drive at 1.65 V
Supports Live Insertion and Withdrawal
Includes Active Bushold to Hold Unused or Floating Inputs at a Valid
Logic State
IOFF Specification Guarantees High Impedance When VCC = 0 V
Near Zero Static Supply Current in All Three Logic States (40 mA)
Substantially Reduces System Power Requirements
Latchup Performance Exceeds ±250 mA @ 125°C
ESD Performance: Human Body Model >2000V; Machine Model >200V
Second Source to Industry Standard 74ALVCH16244
†To ensure the outputs activate in the 3−state condition, the output enable pins
should be connected to VCC through a pull−up resistor. The value of the resistor is
determined by the current sinking capability of the output connected to the OE pin.
MARKING DIAGRAM
A
= Assembly
Location
WL
= Wafer Lot
YY
= Year
WW
= Work Week
TSSOP−48
DT SUFFIX
CASE 1201
1
48
74ALVCH16244DT
AWLYYWW
1
48
Device
Package
Shipping
ORDERING INFORMATION
74ALVCH16244DTR TSSOP 2500/Tape & Reel
http://onsemi.com


Podobny numer części - 74ALVCH16244DTR

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NXP Semiconductors
74ALVCH16244DGG PHILIPS-74ALVCH16244DGG Datasheet
84Kb / 10P
   2.5V/3.3V 16-bit buffer/line driver 3-State
1998 Jun 29
logo
Nexperia B.V. All right...
74ALVCH16244DGG NEXPERIA-74ALVCH16244DGG Datasheet
227Kb / 13P
   2.5 V / 3.3 V 16-bit buffer/line driver; 3-state
Rev. 6 - 22 July 2021
logo
Texas Instruments
74ALVCH16244DGGRE4 TI-74ALVCH16244DGGRE4 Datasheet
520Kb / 17P
[Old version datasheet]   16-BIT BUFFER/DRIVER WITH 3-STATE OUTPUTS
74ALVCH16244DGVRE4 TI-74ALVCH16244DGVRE4 Datasheet
520Kb / 17P
[Old version datasheet]   16-BIT BUFFER/DRIVER WITH 3-STATE OUTPUTS
logo
NXP Semiconductors
74ALVCH16244DL PHILIPS-74ALVCH16244DL Datasheet
84Kb / 10P
   2.5V/3.3V 16-bit buffer/line driver 3-State
1998 Jun 29
More results

Podobny opis - 74ALVCH16244DTR

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ON Semiconductor
74ALVC16240 ONSEMI-74ALVC16240 Datasheet
217Kb / 10P
   Low?뭋oltage 16?묪it Buffer
June, 2006 ??Rev. 1
74ALVCH16240 ONSEMI-74ALVCH16240 Datasheet
267Kb / 10P
   Low?뭋oltage 16?묪it Buffer
June, 2006 ??Rev. 3
74ALVC16244 ONSEMI-74ALVC16244 Datasheet
264Kb / 10P
   Low?뭋oltage 16?묪it Buffer
June, 2006 ??Rev. 1
74VCX16244 ONSEMI-74VCX16244_06 Datasheet
217Kb / 9P
   Low?뭋oltage 1.8V/2.5V/3.3V 16?묪it Buffer
June, 2006 ??Rev. 5
74VCXH16244 ONSEMI-74VCXH16244 Datasheet
237Kb / 11P
   Low?뭋oltage 1.8/2.5/3.3V 16?묪it Buffer
June, 2006 ??Rev. 5
74VCXH16240 ONSEMI-74VCXH16240 Datasheet
236Kb / 11P
   Low?뭋oltage 1.8/2.5/3.3V 16?묪it Buffer
June, 2006 ??Rev. 5
74VCX16240 ONSEMI-74VCX16240 Datasheet
217Kb / 9P
   Low?뭋oltage 1.8/2.5/3.3V 16?묪it Buffer
June, 2006 ??Rev. 5
74ALVC16245 ONSEMI-74ALVC16245 Datasheet
267Kb / 10P
   Low?뭋oltage 16?묪it Transceiver
June, 2006 ??Rev. 1
74ALVCH16374 ONSEMI-74ALVCH16374 Datasheet
275Kb / 10P
   Low?뭋oltage 16?묪it D?뭈ype Flip?묯lop
June, 2006 ??Rev. 3
74VCX16245 ONSEMI-74VCX16245_06 Datasheet
209Kb / 8P
   Low?뭋oltage 1.8/2.5/3.3V 16?묪it Transceiver
June, 2006 ??Rev. 7
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com