Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SM5847 Arkusz danych(PDF) 6 Page - Nippon Precision Circuits Inc

Numer części SM5847
Szczegółowy opis  High-fidelity Digital Audio, Multi-function Digital Filter
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  NPC [Nippon Precision Circuits Inc]
Strona internetowa  http://www.npc.co.jp/en
Logo NPC - Nippon Precision Circuits Inc

SM5847 Arkusz danych(HTML) 6 Page - Nippon Precision Circuits Inc

Back Button SM5847 Datasheet HTML 2Page - Nippon Precision Circuits Inc SM5847 Datasheet HTML 3Page - Nippon Precision Circuits Inc SM5847 Datasheet HTML 4Page - Nippon Precision Circuits Inc SM5847 Datasheet HTML 5Page - Nippon Precision Circuits Inc SM5847 Datasheet HTML 6Page - Nippon Precision Circuits Inc SM5847 Datasheet HTML 7Page - Nippon Precision Circuits Inc SM5847 Datasheet HTML 8Page - Nippon Precision Circuits Inc SM5847 Datasheet HTML 9Page - Nippon Precision Circuits Inc SM5847 Datasheet HTML 10Page - Nippon Precision Circuits Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 30 page
background image
SM5847AF
NIPPON PRECISION CIRCUITS—6
DC Electrical Characteristics
VDD = VDDAC = 3.00 to 5.25 V, VSS = VSSAC = 0 V, Ta = −40 to 85 °C
VDD = VDDAC = 4.75 to 5.25 V, VSS = VSSAC = 0 V, Ta = −40 to 85 °C, XTI = external input, no output load
VDD = VDDAC = 3.00 to 3.60 V, VSS = VSSAC = 0 V, Ta = −40 to 85 °C, XTI = external input, no output load
P arameter
Symbol
Condition
Rating
Unit
min
typ
m a x
HIGH-level input voltage1
1. Pin XTI
V IH1
0.7VDD
––
V
HIGH-level input voltage2,4
2. Pins LRCI, DI/INF2N, BCKI
V IH2
2.0
V
HIGH-level input voltage3
3. Pins IW1N/DIL, IW2N/DIR
V IH3
V DD = V DDAC = 4.75 to 5.25 V
2.4
V
V DD = V DDAC = 3.00 to 4.75 V
2.0
L O W -level input voltage1
V IL1
V DD = V DDAC = 4.75 to 5.25 V
0.3VDD
V
V DD = V DDAC = 3.00 to 4.75 V
0.2VDD
L O W -level input voltage2,4
V IL2
V DD = V DDAC = 4.75 to 5.25 V
0.8
V
V DD = V DDAC = 3.00 to 4.75 V
0.2VDD
L O W -level input voltage3
V IL3
V DD = V DDAC = 4.75 to 5.25 V
0.8
V
V DD = V DDAC = 3.00 to 4.75 V
0.2VDD
Input leakage current1,2
IIL1
V IN = 0 to 5.25 V
−10
1 0
µ A
Input current3,4
4. Pins OMD, CKSLN, INF1N, OW1N, OW2N, SYNCN, RSTN, CKDV1, CKDV2, DEMPR, DEMPL, FSEL1, FSEL2, MUTEL, MUTER, DITHN
IIL2
V IN = 0 V
−10
−50
−120
µ A
HIGH-level output voltage5
5. Pins DOR, DOL, W C K O , BCKO , DG, CKO
V OH
IOH = −4 mA
2.4
V
L O W -level output voltage5
V OL
IOL = 4 mA
0.4
V
P arameter
Symbol
Condition
Rating
Unit
min
typ
m a x
Current consumption
IDD1
192fs, XTI = 27 ns (37 MHz),
fs = 192 kHz,Ta = −40 to 70 °C
166
m A
IDD2
256fs, XTI = 40 ns (25 MHz),
fs = 96 k H z
115
m A
IDD3
384fs, XTI = 27 ns (37 MHz),
fs = 96 kHz, estimated value
105
m A
IDD4
192fs, XTI = 54 ns (18.5 MHz),
fs = 96 kHz, estimated value
––
9 5
m A
IDD5
384fs, XTI = 54 ns (18.5 MHz),
fs = 48 kHz, estimated value
––
6 5
m A
P arameter
Symbol
Condition
Rating
Unit
min
typ
m a x
Current consumption
IDD6
256fs, XTI = 81 ns (12.3 MHz),
fs = 48 kHz, estimated value
––
2 7
m A
IDD7
384fs, XTI = 54 ns (18.5 MHz),
fs = 48 kHz, estimated value
––
2 8
m A


Podobny numer części - SM5847

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Nippon Precision Circui...
SM5840A NPC-SM5840A Datasheet
5Mb / 28P
   For Digital Audio Multi-function Digital Filter
SM5840B NPC-SM5840B Datasheet
5Mb / 28P
   For Digital Audio Multi-function Digital Filter
SM5840FP NPC-SM5840FP Datasheet
1Mb / 14P
   AUDIO MULTI-FUNCTION DIGITAL FILTER
SM5840FS NPC-SM5840FS Datasheet
1Mb / 14P
   AUDIO MULTI-FUNCTION DIGITAL FILTER
SM5840JP NPC-SM5840JP Datasheet
549Kb / 18P
   Audio Multi-function Digital Filter
More results

Podobny opis - SM5847

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Nippon Precision Circui...
SM5841D NPC-SM5841D Datasheet
601Kb / 21P
   Audio Multi-function Digital Filter
SM5843A NPC-SM5843A Datasheet
263Kb / 24P
   Audio Multi-function Digital Filter
SM5841C NPC-SM5841C Datasheet
460Kb / 16P
   Audio Multi-function Digital Filter
SM5841H NPC-SM5841H Datasheet
167Kb / 20P
   Audio Multi-function Digital Filter
SM5841A NPC-SM5841A Datasheet
750Kb / 27P
   Audio Multi-function Digital Filter
SM5840FS NPC-SM5840FS Datasheet
1Mb / 14P
   AUDIO MULTI-FUNCTION DIGITAL FILTER
SM5840JP NPC-SM5840JP Datasheet
549Kb / 18P
   Audio Multi-function Digital Filter
SM5840A NPC-SM5840A Datasheet
5Mb / 28P
   For Digital Audio Multi-function Digital Filter
SM5803AP NPC-SM5803AP Datasheet
1Mb / 16P
   Multi-function Digital Filter for Digital Audio
SM5842AP NPC-SM5842AP Datasheet
201Kb / 23P
   High-Class Audio Multi-function Digital Filter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com