Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SFR16S Arkusz danych(PDF) 2 Page - Vishay Siliconix

Numer części SFR16S
Szczegółowy opis  Standard Metal Film Leaded Resistors
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  VISHAY [Vishay Siliconix]
Strona internetowa  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SFR16S Arkusz danych(HTML) 2 Page - Vishay Siliconix

  SFR16S_15 Datasheet HTML 1Page - Vishay Siliconix SFR16S_15 Datasheet HTML 2Page - Vishay Siliconix SFR16S_15 Datasheet HTML 3Page - Vishay Siliconix SFR16S_15 Datasheet HTML 4Page - Vishay Siliconix SFR16S_15 Datasheet HTML 5Page - Vishay Siliconix SFR16S_15 Datasheet HTML 6Page - Vishay Siliconix SFR16S_15 Datasheet HTML 7Page - Vishay Siliconix SFR16S_15 Datasheet HTML 8Page - Vishay Siliconix SFR16S_15 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
SFR16S, SFR25, SFR25H
www.vishay.com
Vishay BCcomponents
Revision: 28-Oct-15
2
Document Number: 28722
For technical questions, contact: filmresistorsleaded@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Note
(1) Jumper is only available for SFR25.
Notes
• The products can be ordered using either the PRODUCT DESCRIPTION or the PART NUMBER.
• N4 packaging indicates SFR25 and SFR25H radial version.
TEMPERATURE COEFFICIENT AND RESISTANCE RANGE
TYPE
TOLERANCE
TCR
RESISTANCE
E-SERIES
SFR16S
± 5 %
± 250 ppm/K
1
 to  4.7 
E24
± 100 ppm/K
4.7
 to 100 k
± 250 ppm/K
> 100 k
 to 3 M
± 1 %
± 100 ppm/K
5.6
 to 100 k
E24; E96
± 250 ppm/K
> 100 k
 to 3 M
Jumper (0

-
 30 m; I
max. = 3 A
-
SFR25, SFR25H
± 5 %
± 250 ppm/K
0.22
 to 4.7 
E24
± 100 ppm/K
> 4.7
 to 1 M
± 250 ppm/K
> 1 M
 to 10 M
± 1 %
± 250 ppm/K
1
 to 4.7 
E24; E96
± 100 ppm/K
> 4.7
 to 1 M
± 250 ppm/K
> 1 M
 to 10 M
Jumper (0
) (1)
-
 30 m; I
max. = 5 A
-
PART NUMBER AND PRODUCT DESCRIPTION
PART NUMBER: SFR2500001001FA500
TYPE
VARIANT
TCR/MATERIAL
RESISTANCE
TOLERANCE
PACKAGING
SPECIAL
SFR16S0
SFR2500
SFR25H0
0 = neutral
Z = value overflow
(special)
0 = standard
Z = jumper
3 digit value
1 digit multiplier
MULTIPLIER
F = ± 1 %
J = ± 5 %
Z = jumper
N4
A5
A1
R5
The 2 digits
are used for
all special
parts.
00 = standard
7 = *10-3
8 = *10-2
9 = *10-1
0 = *100
1 = *101
2 = *102
3 = *103
4 = *104
5 = *105
Z = 0000
PRODUCT DESCRIPTION: SFR25 1 % A5 1K0
SFR25
1 %
A5
1K0
TYPE
TOLERANCE
PACKAGING (1)
RESISTANCE VALUE
SFR16S
SFR25
SFR25H
± 1 %
± 5 %
N4
A5
A1
R5
47K = 47 k
51R1 = 51.1
25
R
F
S
0
00
0
1
0
0
1
F
A
5
00


Podobny numer części - SFR16S_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
List of Unclassifed Man...
SFR16S ETC1-SFR16S Datasheet
349Kb / 15P
   Standard metal film resistors
SFR16S ETC-SFR16S Datasheet
693Kb / 12P
   Standard metal film resistors
logo
Vishay Siliconix
SFR16S VISHAY-SFR16S Datasheet
484Kb / 9P
   Standard Metal Film Resistors
Revision: 08-Dec-05
SFR16S VISHAY-SFR16S Datasheet
134Kb / 11P
   Standard Metal Film Leaded Resistors
Revision: 06-Aug-10
More results

Podobny opis - SFR16S_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Vishay Siliconix
SFR25H0001001FR500 VISHAY-SFR25H0001001FR500 Datasheet
134Kb / 11P
   Standard Metal Film Leaded Resistors
Revision: 06-Aug-10
PR01000104708JR500 VISHAY-PR01000104708JR500 Datasheet
221Kb / 16P
   Power Metal Film Leaded Resistors
Revision: 14-Oct-09
PR01 VISHAY-PR01_15 Datasheet
193Kb / 20P
   Power Metal Film Leaded Resistors
Revision: 10-Sep-15
MBASMA0204 VISHAY-MBASMA0204 Datasheet
184Kb / 15P
   Professional Metal Film Leaded Resistors
01-Jan-2022
PR01 VISHAY-PR01_V01 Datasheet
220Kb / 20P
   Power Metal Film Leaded Resistors
01-Jan-2022
logo
List of Unclassifed Man...
MFR0318 ETC-MFR0318 Datasheet
1Mb / 2P
   PRECISION METAL FILM LEADED RESISTORS
logo
Vishay Siliconix
PR02000203000JR500 VISHAY-PR02000203000JR500 Datasheet
221Kb / 16P
   Power Metal Film Leaded Resistors
Revision: 14-Oct-09
28729 VISHAY-28729 Datasheet
221Kb / 16P
   Power Metal Film Leaded Resistors
Revision: 14-Oct-09
PR02000201008JA100 VISHAY-PR02000201008JA100 Datasheet
209Kb / 16P
   Power Metal Film Leaded Resistors
Revision: 24-Jun-13
logo
KOA Speer Electronics, ...
LF14CTTA1000D KOA-LF14CTTA1000D Datasheet
234Kb / 2P
   radial metal film leaded resistors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com